Part Number Hot Search : 
ZR36015 BR201 ADP3190 1J682 IN74HC N4007 74VHC02M MC33039P
Product Description
Full Text Search
 

To Download IN74HCT109AD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TECHNICAL DATA
IN74HCT109A Dual J-K Flip-Flop with set and Reset High-Performance Silicon-Gate CMOS
The IN74HCT109A is identical in pinout to the LS/ALS109. The IN74HCT109A may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs. This device consists of two J-K flip-flops with individual set, reset, and clock inputs. Changes at the inputs are reflected at the outputs with the next low-to-high transition of the clock. Both Q to Q outputs are available from each flip-flop. * TTL/NMOS Compatible Input Levels * Outputs Directly Interface to CMOS, NMOS, and TTL * Operating Voltage Range: 4.5 to 5.5 V * Low Input Current: 1.0 A
ORDERING INFORMATION IN74HCT109AN Plastic IN74HCT109AD SOIC TA = -55 to 125 C for all packages.
PIN ASSIGNMENT
LOGIC DIAGRAM
FUNCTION TABLE
Inputs Set L H L H H H H PIN 16=VCC PIN 8 = GND Reset H L L H H H H Clock X X X J X X X L H L H K X X X L L H H Output Q H L H
*
Q L H H* H
L
Toggle No Change H L
H H L X X No Change X = Don't care * Both outputs will remain high as long as Set and Reset are low., but the output states are unpredictable if Set and Reset go high simultaneously.
Rev. 00
IN74HCT109A
MAXIMUM RATINGS*
Symbol VCC VIN VOUT IIN IOUT ICC PD Tstg TL
*
Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage (Referenced to GND) DC Output Voltage (Referenced to GND) DC Input Current, per Pin DC Output Current, per Pin DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Plastic DIP+ SOIC Package+ Storage Temperature Lead Temperature, 1 mm from Case for 10 Seconds (Plastic DIP or SOIC Package)
Value -0.5 to +7.0 -1.5 to VCC +1.5 -0.5 to VCC +0.5 20 25 50 750 500 -65 to +150 260
Unit V V V mA mA mA mW C C
Maximum Ratings are those values beyond witch damage to the device may occur. Functional operation should be restricted to the Recommended Operating Conditions. +Derating - Plastic DIP: - 10 mW/C from 65 to 125C SOIC Package: : - 7 mW/C from 65 to 125C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VIN, VOUT TA tr, tf Parameter DC Supply Voltage (Referenced to GND) DC Input Voltage, Output Voltage (Referenced to GND) Operating Temperature, All Package Types Input Rise and Fall Time (Figure 1) Min 4.5 0 -55 0 Max 5.5 VCC +125 500 Unit V V C ns
Rev. 00
IN74HCT109A
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
VCC Symbol Parameter Test Conditions V Guaranteed Limit 25 C to -55C 2.0 2.0 0.8 0.8 4.4 5.4 85 C 2.0 2.0 0.8 0.8 4.4 5.4 125 C 2.0 2.0 0.8 0.8 4.4 5.4 Unit
VIH
Minimum HighLevel Input Voltage Maximum Low -Level Input Voltage Minimum HighLevel Output Voltage
VOUT=0.1 V or VCC-0.1 V IOUT 20 A VOUT=0.1 V or VCC-0.1 V IOUT 20 A VIN=VIH or VIL IOUT 20 A VIN=VIH or VIL IOUT 4.0 mA
4.5 5.5 4.5 5.5 4.5 5.5
V
VIL
V
VOH
V
4.5 4.5 5.5
3.98 0.1 0.1
3.84 0.1 0.1
3.7 0.1 0.1 V
VOL
Maximum LowLevel Output Voltage
VIN= VIL or VIH IOUT 20 A VIN= VIL or VIH IOUT 4.0 mA
4.5 5.5
0.26 0.1
0.33 1.0
0.4 1.0 A
IIN
Maximum Input Leakage Current Maximum Quiescent Supply Current (per Package) Additional Quiescent Supply Current
VIN=VCC or GND
ICC
VIN=VCC or GND IOUT=0A
5.5
4.0
40
80
A
ICC
VIN = 2.4 V, Any One Input VIN=VCC or GND, Other Inputs IOUT=0A 5.5
-55C 2.9
25C to 125C 2.4
A
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range GND(VIN or VOUT)VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC). Unused outputs must be left open.
Rev. 00
IN74HCT109A
AC ELECTRICAL CHARACTERISTICS (VCC=5.5 V 10%, CL=50pF,Input tr=tf=6.0 ns)
Guaranteed Limit Symbol Parameter 25 C to -55C 30 35 46 15 10 85 C 24 44 58 19 10 125 C 20 53 69 22 10 Unit
fmax tPLH, tPHL tPHL tTLH, tTHL CIN
Maximum Clock Frequency (50% Duty Cycle) (Figures 1 and 4) Maximum Propagation Delay, Clock to Q or Q (Figures 1 and 4) Maximum Propagation Delay , Set or Reset to Q or Q (Figures 2 and 4) Maximum Output Transition Time, Any Output (Figures 1 and 4) Maximum Input Capacitance Power Dissipation Capacitance (Per Flip-Flop)
MHz ns ns ns pF
Typical @25C,VCC=5.0 V 60 pF
CPD
Used to determine the no-load dynamic power consumption: PD=CPDVCC2f+ICCVCC+ICCVCC
TIMING REQUIREMENTS (VCC=5.5 V 10%, CL=50pF,Input tr=tf=6.0 ns)
Guaranteed Limit Symbol tSU th trec Parameter Minimum Setup Time, J or K to Clock (Figure 3) Minimum Hold Time, Clock to J or K (Figure 3) Minimum Recovery Time, Set or Reset Inactive to Clock (Figure 2) Minimum Pulse Width, Set or Reset (Figure 2) Minimum Pulse Width,Clock (Figure 1) Maximum Input Rise and Fall Times (Figure 1) 25 C to -55C 20 5 5 85C 25 5 5 125C 30 5 5 Unit ns ns ns
tw tw tr, tf
16 16 500
20 20 500
24 24 500
ns ns ns
Rev. 00
IN74HCT109A
Figure 1. Switching Waveforms
Figure 2. Switching Waveforms
Figure 3. Switching Waveforms
Figure 4. Switching Waveforms
EXPANDED LOGIC DIAGRAM
Rev. 00
IN74HCT109A
N SUFFIX PLASTIC DIP (MS - 001BB)
A
Dimension, mm
16 9 B
Symbol A
MIN 18.67 6.1
MAX 19.69 7.11 5.33
1
8
B C
F L
D F
0.36 1.14 2.54 7.62 0 2.92 7.62 0.2 0.38
0.56 1.78
C -T- SEATING
PLANE
G H
H J
N G D 0.25 (0.010) M T K M
J K L M N
10 3.81 8.26 0.36
NOTES: 1. Dimensions "A", "B" do not include mold flash or protrusions. Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC (MS - 012AC) Dimension, mm
A 16 9
Symbol A
MIN 9.8 3.8 1.35 0.33 0.4 1.27 5.72 0 0.1 0.19 5.8 0.25
MAX 10 4 1.75 0.51 1.27
H
B
P
B C
1
G
8 C R x 45
D F G
-TD 0.25 (0.010) M T C M K
SEATING PLANE
J
F
M
H J K M P R
8 0.25 0.25 6.2 0.5
NOTES: 1. Dimensions A and B do not include mold flash or protrusion. 2. Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for B 0.25 mm (0.010) per side.
Rev. 00


▲Up To Search▲   

 
Price & Availability of IN74HCT109AD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X