Part Number Hot Search : 
SRF860CT 02201 TE4935 WJ2C48 03953 04365 THC63L 42021
Product Description
Full Text Search
 

To Download HL01R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OBSOLETE PRODUCT
Contact factory for replacement model
HL01R
FEATURES
LOW COST NON-CONDUCTIVE CASE INTERNAL INPUT AND OUTPUT FILTERING SHORT CIRCUIT PROTECTED The HL01R Series uses advanced circuit design and packaging technology to realize superior reliability and performance. A 125kHz push-pull oscillator is used in the input stage. Beat-frequency oscillator problems are reduced when using the HL01R Series with high frequency isolation amplifiers. Reduced parts count and all surface mount construction add to the reliability of the HL01R Series. The use of surface ABSOLUTE MAXIMUM RATINGS
Internal Power Dissipation.......................................................1.2W Short Circuit Duration....................................................Continuous Lead Temperature (soldering, 10 seconds max)................+300C*
1 WATT REGULATED DC/DC CONVERTER
BUILT IN STANDOFFS INDUSTRY STANDARD PINOUT
DESCRIPTION
mount devices and magnetics eliminate hand soldering operations. This "hands-free" construction increases quality and reliability while keeping cost low.
NOMINAL INPUT CURRENT INPUT RATED RATED
ORDERING INFORMATION
HL01R xxyzz Y/Z /H Device Family HL Indicates DC/DC Converter Model Number Where: xx = Input Voltage y = Number or Outputs (Single "S", Dual "D") zz = Output Voltage Package Option Screening Option DIP Package only
*Note: Refer to Reflow Profile for SMD Models.
TYPICAL PERFORMANCE CURVES
Specifications typical at TA = +25C, nominal input voltage, rated output current unless otherwise specified.
HL01R revE,12/08
Page 1
ELECTRICAL+25C, nominal input voltage, rated output current unless otherwise specified. SPECIFICATIONS Specifications typical at T =
A
OUTPUT VOLTAGE MODEL HL01R05S05 HL01R05S12 HL01R05S15 HL01R12S05 HL01R12S12 HL01R12S15 HL01R15S05 HL01R15S12 HL01R15S15 HL01R24S05 HL01R24S12 HL01R24S15 HL01R05D05 HL01R05D12 HL01R05D15 HL01R12D05 HL01R12D12 HL01R12D15 HL01R15D05 HL01R15D12 HL01R15D15 HL01R24D05 HL01R24D12 HL01R24D15 PARAMETER INPUT
OUTPUT VOLTAGE (VDC) 5 5 5 12 12 12 15 15 15 24 24 24 5 5 5 12 12 12 15 15 15 24 24 24
CURRENT (VDC) 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15
MIN LOAD (mA) 200 83 67 200 83 67 200 83 67 200 83 67 100 41 33 100 41 33 100 41 33 100 41 33 (mA) 50 50 50 40 40 40 30 30 30 20 20 20 50 50 50 40 40 40 30 30 30 20 20 20 MIN
RATED LOADEFFICIENCY (mA) 400 400 400 160 160 160 130 130 130 80 80 80 425 400 400 185 160 160 145 130 130 90 80 80 TYP (%) 58 52 52 58 52 52 58 52 52 58 52 52 45 53 53 45 53 53 45 53 53 45 53 53 MAX
CONDITIONS
UNITS
Note: Other input to output voltages may be available. Please contact factory.
COMMON at T = +25C, nominal input voltage, rated output current unless otherwise specified. SPECIFICATIONS Specifications typical
A
Voltage Range
4.75 11.4 14.25 22.8
Reflected Ripple Current ISOLATION Rated Voltage Test Voltage Resistance Capacitance Leakage Current OUTPUT Rated Power Voltage Setpoint Accuracy Temperature Coefficent Ripple & Noise Line Regulation Load Regulation GENERAL Switching Frequency Package Weight MTTF per MIL-HDBK-217, Rev. F Ground Benign TEMPERATURE Specification Operation Storage
5 12 15 24 30
5.25 12.6 15.75 25.2 100
VDC VDC VDC VDC mAp-p
60 Hz, 10 Seconds
500 500 1 25 2
VISO= 240VAC, 60Hz
10
VDC Vpk G pF Arms
BW = DC to 10MHz BW =10Hz to 2MHz High Line to Low Line Rated Load to No Load
1 3 0.01 30 1 0.1 0.3 125 10
5 0.02 100 10 0.3 0.5
W % %/C mVp-p mVrms % % kHz g kHr
Circuit Stress Method 675
-25 -40 -40
+70 +85 +110
C C C
Page 2
HL01R revE,12/08
MECHANICAL
Package/Pinout "Y" and "Z"
TOP VIEWS
HL01RxxyzzY HL01RxxyzzZ
SIDE VIEWS
END VIEWS
DIP PACKAGE
NU = Do Not Use. NC = No Internal Connection. Duplicate pin functions are internally connected. All dimensions are in inches (millimeters). GRID: 0.100 inches (2.54 millimeters) Typically Marked with: specific model ordered, date code, job code and Logo.
3
SMD PACKAGE
PIN CONNECTIONS
PIN#
1 2 NU 10 11 12
SINGLES
+VIN NU Common -VOUT +VOUT -VIN -VIN +VOUT Common NU NU +VIN
DUALS
+VIN -VOUT Common +VOUT -VIN -VIN +VOUT Common -VOUT
13 14 15 -VOUT 22 23 24 +VIN
RECOMMENDED LAND PATTERN
RECOMMENDED REFLOW PROFILE
HL01R revE,12/08
Page 3
USA: Canada: UK:
Mansfield (MA), Tel: (508) 339 3000, email: sales@murata-ps.com Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 & ISO 14001 REGISTERED
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
France: Japan: China:
Germany: Munchen, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Page 4
HL01R revE,12/08


▲Up To Search▲   

 
Price & Availability of HL01R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X