Part Number Hot Search : 
AJ32G3 XDUG14A4 M6001 HCT259 SUR3080 NTE52 12K32 BZX85C75
Product Description
Full Text Search
 

To Download GP10J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GP10A THRU GP10M
1.0 AMP. Glass Passivated Junction Plastic Rectifiers
Voltage Range 50 to 1000 Volts Current 1.0 Ampere
Features
High temperature metallurgically bonded construction Plastic material used carries Underwriters Laboratory Classification 94V-O Glass passivated cavity-free junction Capable of meeting environmental standards of MIL-S-19500 1.0 ampere operation at TA=75oC and 55oC with no thermal runaway Typical IR less than 0.1 uA High temperature soldering guaranteed: 350oC / 10 seconds, 0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
DO-41
Mechanical Data
Case: JEDEC DO-41 molded plastic over glass body Lead: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting position: Any Weight: 0.012 ounce, 0.3 gram
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% GP Symbol GP Type Number
10A 10B Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length (See Fig. 1) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @1.0A Maximum DC Reverse Current @ TA=25 at Rated DC Blocking Voltage @ TA=125 Maximum Full Load Reverse Current, Full Cycle Average .375"(9.5mm) Lead Length @TA=75 Typical Junction Capacitance ( Note 1 ) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range
GP 10D
GP 10G
GP 10J
GP 10K
GP 10M
Units V V V A A
VRRM VRMS VDC I(AV) IFSM VF IR HTIR Cj RJA
50 35 50
100 70 100
200 140 200
400 280 400 1.0 30
600 420 600
800 1000 560 700 800 1000
1.1 5.0 50 30 10 65 - 65 to + 175
1.2
V uA uA uA pF /W
TJ,TSTG Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 2. Mount on Cu-Pad Size 5mm x 5mm on P.C.B.
- 566 -
RATINGS AND CHARACTERISTIC CURVES (GP10A THRU GP10M)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
1.0 30
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
AVERAGE FORWARD CURRENT. (A)
0.8
25 Tj=Tj max 8.3ms Single Half Sine Wave JEDEC Method 20
0.6
0.4 SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD 0.375"(9.5m/m) LEAD LENGTH
15
0.2
10
0 0 20 40 60 80 100 120
o
5 140 160 180 1 10 NUMBER OF CYCLES AT 60Hz 100 AMBIENT TEMPERATURE. ( C)
10
FIG.3- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
P1 0J
FIG.4- TYPICAL REVERSE CHARACTERISTICS
10
INSTANTANEOUS FORWARD CURRENT. (A)
GP
1
GP
K 10
-G
P1
0M
INSTANTANEOUS REVERSE CURRENT. ( A)
A 10
-G
Tj=125 0C
1
Tj=75 0C 0.1
0.1
0.01
Tj=25 C PULSE WIDTH-300 S 1% DUTY CYCLE
0
Tj=25 0C
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.001 0
20
40
60
80
100
120
140
FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
20
JUNCTION CAPACITANCE.(pF)
10 8 6 4
Tj=25 0C f=1.0MHz Vsig=50mVp-p
2
1 0.1 0.4 1 4 10 40 100 REVERSE VOLTAGE. (V)
- 567 -


▲Up To Search▲   

 
Price & Availability of GP10J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X