|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
FR301G THRU FR307G 3.0AMP GLASS PASSIVATED FAST RECOVERY RECTIFIERS VOLTAGE RANGE 50 to 1000 Volts CURRENT FEATURES * Low forward voltage drop * High current capability * High reliability * High surge current capability * Glass passivated junction 3.0 Ampere DO-27 .220(5.6) .197(5.0) DIA. 1.0(25.4) MIN. MECHANICAL DATA * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 1.10 grams .375(9.5) .285(7.2) .052(1.3) .048(1.2) DIA. 1.0(25.4) MIN. Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375"(9.5mm) Lead Length at Ta=55 C Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 3.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range Tj, TSTG NOTES: FR301G FR302G FR303G FR304G FR305G FR306G FR307G UNITS 50 35 50 100 70 100 200 140 200 400 280 400 3.0 125 1.3 5.0 100 600 420 600 800 560 800 1000 700 1000 V V V A A V A 150 -65 60 +175 250 500 A nS pF C 1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A 2. Measured at 1MHz and applied reverse voltage of 4.0V D.C. RATING AND CHARACTERISTIC CURVES (FR301G THRU FR307G) FIG.1-TYPICAL FORWARD CHARACTERISTICS AVERAGE FORWARD CURRENT,(A) 3.0 2.5 2.0 1.5 1.0 0.5 Single Phase Half Wave 60Hz Resistive Or Inductive Load 0.375"(9.5mm) Lead Length FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE 50 INSTANTANEOUS FORWARD CURRENT,(A) 10 3.0 1.0 Tj=25 C Pulse Width 300us 1% Duty Cycle 0 20 40 60 80 100 120 140 160 180 200 AMBIENT TEMPERATURE ( C) FIG.4-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PEAK FORWAARD SURGE CURRENT,(A) 125 0.1 .01 .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 FORWARD VOLT AGE,(V) 100 FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS 50W NONINDUCTIVE 10W NONINDUCTIVE 75 Tj=25 C 8.3ms Single Half Sine Wave JEDEC method 50 25 (+) 25Vdc (approx.) () 1W NONINDUCTIVE OSCILLISCOPE (NOTE 1) D.U.T. () PULSE GENERATOR (NOTE 2) (+) 0 1 5 10 50 100 NUMBER OF CYCLES AT 60Hz NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF. 2. Rise Time= 10ns max., Source Impedance= 50 ohms. FIG.5-TYPICAL JUNCTION CAPACITANCE 140 120 100 80 60 40 20 trr +0.5A | | | | | | | | 0 -0.25A JUNCTION CAPACITANCE,(pF) -1.0A 1cm SET TIME BASE FOR 50 / 10ns / cm 0 .01 .05 .1 .5 1 5 10 50 100 REVERSE VOLTAGE,(V) |
Price & Availability of FR307G |