Part Number Hot Search : 
3652HV 7N600 EL817 74ALVC1 NAS6218 HD74H B65821 TC7S04F
Product Description
Full Text Search
 

To Download FR307G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
GALAXY ELECTRICAL
FR301G --- FR307G
VOLTAGE RANGE: 50 --- 1000 V CURRENT: 3.0 A
GLASS PASSIVATED RECTIFIERS
Low cost Glass passivated junction. Low leakage Low forward voltage drop High current capability z Easily cleaned with Alcohol,Isopropanol and similar solvents The plastic material carries U/L recognition 94V-0
DO - 27
MECHANICAL DATA
Case:JEDEC DO-27,molded plastic Terminals: Axial lead ,solderable per MIL- STD-202,Method 208 Polarity: Color band denotes cathode Weight: 0.041 ounces,1.15 grams Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
FR301G FR302G FR303G FR304G FR305G FR306G FR307G UNITS
Maximum recurrent peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forw ard rectified current 9.5mm lead length, @TA=75
VRRM VRMS VDC IF(AV)
50 35 50
100 70 100
200 140 200
400 280 400 3.0
600 420 600
800 560 800
1000 700 1000
V V V A
Peak forw ard surge current 8.3ms single half-sine-w ave superimposed on rated load @TJ =125
IFSM
200.0
A
Maximum instantaneous forw ard voltage @3.0A Maximum reverse current at rated DC blocking voltage Maximum reverse recovery time Typical junction capacitance Typical thermal resistance @TA=25 @TA=100 (Note1) (Note2) (Note3)
VF IR trr CJ R
JA
1.3 10.0 200.0 150 32.0 22.0 - 55 ---- +175 - 55 ---- +175 250 500
V
A ns pF
Operating junction temperature range Storage temperature range
NOTE: 1. Measured with I F=0.5A, I R=1A, I rr=0.25A.
TJ TSTG
www.galaxycn.com
2. Measured at 1.0MHz and applied rev erse v oltage of 4.0V DC. 3.Thermal resistance junction to ambient
Document Number 0269008
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FR301G --- FR307G
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
t rr
50 N 1.
10 N 1.
+0.5A
D.U.T. (+) 25VDC (approx) (-) 1 NONINDUCTIVE PULSE GENERATOR (NOTE2) OSCILLOSCOPE (NOTE 1)
0 -0.25A
-1.0A
1cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE =1M . 22pF. JJJJ 2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50 .
SET TIME BASE FOR 50/100 ns/cm
FIG.2 --FORWARD DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT
3.0
Single Phase Half Wave 60Hz Resistive or Inductive Load
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
10
2.5 2.0
INSTANTANEOUS FORWARD CURRENT AMPERES
TJ=25
1.0
AMPERES
1.5
1.0
0.1
0.5 0 25 50 75 100 125 150 175
Pulse width=300
s
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6
AMBIENT TEMPERATURE,
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.4 --PEAK FORWARD SURGE CURRENT
300 250 200
8.3ms Single Half Sine-Wave
FIG.5 -- TYPICAL JUNCTION CAPACITANCE
200 100
PEAKFORWARD SURGE CURRENT
JUNCTION CAPACITANCE,pF
60 40 20 10 6 4
AMPERES
150 100 50 0
TJ=25
2 1 0.1 0.2 0.4 1 2 4 10
1
5
10
50
100
20
40
100
NUMBER OF CYCLES AT 60Hz
REVERSE VOLTAGE,VOLTS
www.galaxycn.com
Document Number 0269008
BLGALAXY ELECTRICAL
2.


▲Up To Search▲   

 
Price & Availability of FR307G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X