![]() |
|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MOSPEC FAST RECOVERY RECTIFIER Voltage range Current 50 TO 1000 Volts 2.0 Ampere FR201 THRU FR207 FEATURES Fast switching for high efficiency Glass Passivated Chip junction Low leakage High temperature soldering guaranteed 260J /10 seconds, 0.375"(9.5 mm) lead length at 5 lbs(2.3kg) tension MECHANICAL DATA CaseG Transfer Molded Plastic Epoxy: UL94V-O rate flame retardant TerminalsG Plated axial lead, Solderable Per MIL-STD-202 Method 208 PolarityG Color band denotes cathode end Mounting position: Any WeightG 0.014 ounce. 0.39 gram (approx) DO-15 DIM A B C D MILLIMETERS MIN 2.60 25.40 5.80 0.70 MAX 3.60 --7.60 0.90 MAXIMUM RATINGS AND ELECTRICAL CHARATERISTICS * Rating at 25J ambient temperature unless otherwise specified * Single phase,half wave. 60Hz, resistive or inductive load. * For capacitive load derate current by 20 % Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectifier Forward Current Per Leg TC=55J Non-Repetitive Peak Surge Current (Surge applied at rate load conditions halfware, single phase, 60Hz) Maximum Instantaneous Forward Voltage ( IF =1.5 Amp TC = 25J ) Maximum Instantaneous Reverse Current ( Rated DC Voltage, TC = 25J ) ( Rated DC Voltage, TC = 125J ) Reverse Recovery Time (Note 3) Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating and Storage Junction Temperature Range NOTES: Symbol VRRM VRWM VR VR(RMS) IF(AV) IFSM VF IR Trr Cj R jA TJ , Tstg FR201 FR202 FR203 FR204 FR205 FR206 FR207 50 100 200 400 600 800 1000 Unit V 35 70 140 280 2.0 70 1.3 5.0 500 420 560 700 V A A V uA 150 20 40 -65 to +175 250 500 ns pF J /W J 1.Measured at 1.0MHz and applied reverse voltage of 4.0 volts 2.Thermal Resistance from Junction to ambient at .375"(9.5mm)lead length, P.C. board mounted 3.Test conditions: IF = 0.5 A, IR =1.0 , IRR=0.25 A FR201 Thru FR207 FIG-1 TYPICAL FORWARD CHARACTERISITICS AVERAGE FORWARD RECTIFIED CURRENT (Amp.) AVERAGE FORWARD RECTIFIED CURRENT (Amp.) FIG-3 FORWARD CURRENT DERATING CURVE Single Phase Half Wave 60 Hz Resistive or Inductive Load 0.375 "(9.5mm) Lead Length TJ=25 C Pulse Width=300 us 1% Duty Cycle O LEAD TEMPERATURE (J ) FIG-4TYPICAL JUNCTION CAPACITANCE FORWARD VOLTAGE (Volts) TJ=25 C F=1 MHz O FIG-2 TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT (uA.) TJ=125 C TJ=100 C O O TJ=75 C O JUNCTION CAPACITANCE (PF) REVERSE VOLTAGE (Volts.) TJ=25 C O FIG-5PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT (Amp.) 8.3ms Single Half Sine-Wave (JEDEC Method) PERCENT OF PEAK REVERSE VOLTAGE (M ) NUMBER OF CYCLES AT 60 Hz Set time base for 50/100 ns/cm FIG-6 Reverse Recovery Time Characteristic and Test Circuit Diagram |
Price & Availability of FR205
![]() |