Part Number Hot Search : 
2KBP005M V580ME03 SDR998N DP311 MKW2547A RFZ44E 34119 MBM2716H
Product Description
Full Text Search
 

To Download FBR610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SINGLE PHASE BRIDGE RECTIFIER
FBR605 THRU FBR610
FEATURES
* * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 6.0 Ampere
Low cost High forward surge current capacity Fast switching high efficiency High temperature soldering guaranteed: 260OC / 10 seconds, at 5 lbs. (2.3kg) tension.
0.445( 11.3) 0.405( 10.3)
BR-6
0.445( 11.3) 0.405( 10.3) 0.620( 15.7) 0.580( 14.7)
0.10( 2.5) x45 0.158( 4.0) DIA 0.142( 3.6)
+
AC
AC
-
MECHANICAL DATA
* * * * *
Case: Molded plastic body Terminal: Lead solderable per MIL-STD-202E method 208C Polarity: Polarity symbols marked on case Mounting: Thru hole for #6 screw, 5 in-lbs torque max. Weight: 0.13 ounce, 3.66 gram
0.620( 15.7) 0.580( 14.7)
0.270( 6.9) 0.230( 5.8)
0.85( 21.6) MIN
0.75( 19.0) MIN
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
0.08( 2.0) MIN 0.042( 1.10) DIA 0.038( 0.97) TYP
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS FBR605 FBR61
Dimensions in inches and (millimeters)
FBR62
FBR64
FBR66
FBR68 FBR610
UNIT
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current, at TC = 50 (Note 1) TA = 25 (Note 2)
VRRM VRMS VDC I(AV) IFSM I2 t VF IR TRR VISO RJc TJ TSTG
50 35 50
100 70 100
200 140 200
400 280 400 6.0 3.0 125 64
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps A2s
Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Rating for Fusing (t<8.3mS) Maximum Instantaneous Forward Voltage drop per Bridge element at 3.0 A TA = 25 Maximum DC Reverse Current at Rated DC Blocking Voltage per element TA = 100 Maximum Reverse Recovery Time (Note3) T J=25 Isolation Voltage from case to lug Typical Thermal Resistance (Note 1 ) Operating Temperature Rang Storage Temperature Rang
1.2 10 1.0 150 2500 8.0 -55 to +150 -55 to +150 250
1.3
Volts A mA nS Volts O C/W O C O C
500
Notes:
1. 2. 3. Unit mounted on 6.0" x 5.5" x 0.11" thick (15x14x0.3cm) AL plate Unit mounted on P.C. Board 0.375" (9.5mm) lead length with 0.47"x0.47" (12x12mm) copper pads. Reverse Recovery test conditions: IF=0.5A, IR=0.5A, IRR=0.25A
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SINGLE PHASE BRIDGE RECTIFIER
FBR605 THRU FBR610
VOLTAGE RANGE CURRENT
50 to 1000 Volts 6.0 Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of FBR610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X