Part Number Hot Search : 
U1ZB51 MFW2815S 0498200 HD74LS37 C3329 BU323Z PJF2N60 NCP12
Product Description
Full Text Search
 

To Download EMZA100ADA330MD61G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Engineering Bulletin
@Lowest impedance, 105C 2,000 hour-life @63V, 80V newly added Upgrade! @Solvent-proof type @RoHS Compliant (Pb-free)
Tentative
No.724C / Jul.2005
Vertical Surface Mount Type Aluminum Electrolytic Capacitors
?SPECIFICATIONS
Items
Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tane) Low Temperature Characteristics (Max. impedance Ratio) Endurance -55 to +105C 6.3 to 80Vdc P20%(M) (20C, 120Hz) I=0.01CV or 3MA, whichever is greater Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) (at 20C after 2 minutes) Rated voltage(Vdc) 6.3V 10V 16V 25V 35V 50V 63V 80V tanE (Max.) (20C, 120Hz) 0.26 0.19 0.16 0.14 0.12 0.10 0.08 0.08 Rated voltage(Vdc) 6.3V 10V 16V 25V 35V 50V 63V 80V Z(-25C)/Z(+20C) 2 2 2 2 2 2 2 2 Z(-40C)/Z(+20C) 3 3 3 3 3 3 3 3 Z(-55C)/Z(+20C) (120Hz) 3 3 3 3 3 4 4 4 The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 2,000 hours at 105C. Capacitance change [P30% of the initial measured value D.F. (tanE) [200% of the initial specified value Leakage current [The initial specified value
Characteristics
?DIMENSIONS [mm]
@Terminal Code : A
W Size code D61 E61 F61 F80 HA0 JA0 D 4 5 6.3 6.3 8 10 L A B C 5.8 4.3 4.3 5.1 5.8 5.3 5.3 5.9 5.8 6.6 6.6 7.2 7.7 6.6 6.6 7.2 10.0 8.3 8.3 9.0 10.0 10.3 10.3 11.0 W 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 P 1.0 1.4 1.9 1.9 3.1 4.5 FDP0.5 P CP0.2 BP0.2
?MARKING
EX) 16V220MF
2j
220 CZA
0.3max. LP0.3 (Note)
AP0.2
Note : LP0.5 for HA0 and JA0
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
?RATED VOLTAGE CODE
Rated voltage (Vdc) Code j 6.3 A 10 C 16 E 25 V 35 H 50 J 63 K 80
E MZA AAA A DA AAA M AAA G
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 4.7MF:4R7,10MF:100) Taping code Terminal code Voltage code (ex. 6.3V:6R3,10V:100,50V:500) Series code Category
Specifications in this bulletin are subject to change without notice.
NIPPON CHEMI-CON CORPORATION
1320
1
Engineering Bulletin
Tentative
No.724C / Jul.2005
Vertical Surface Mount Type Aluminum Electrolytic Capacitors
?STANDARD RATINGS
WV(Vdc) Cap(mF) 22 47 47 100 100 220 330 470 1,000 1,500 22 33 33 220 330 470 680 1,000 10 22 22 47 47 100 220 330 470 680 10 22 33 33 47 100 220 330 470 4.7 10 10 22 33 47 100 100 220 330 4.7 10 10 22 33 47 100 220 4.7 10 22 33 47 68 100 3.3 4.7 10 22 33 47 Case code D61 D61 E61 E61 F61 F61 F80 HA0 HA0 JA0 D61 D61 E61 F80 HA0 HA0 HA0 JA0 D61 D61 E61 E61 F61 F61 F80 HA0 HA0 JA0 D61 E61 E61 F61 F61 F80 HA0 HA0 JA0 D61 D61 E61 E61 F61 F61 F80 HA0 HA0 JA0 D61 E61 F61 F61 F80 F80 HA0 JA0 E61 F61 F80 HA0 HA0 HA0 JA0 E61 F61 F80 HA0 HA0 JA0 tane 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.26 0.19 0.19 0.19 0.19 0.19 0.19 0.19 0.19 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.16 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 Impedance (omax/20c, 100kHz) 1.35 1.35 0.70 0.70 0.36 0.36 0.34 0.16 0.16 0.08 1.35 1.35 0.70 0.34 0.16 0.16 0.16 0.08 1.35 1.35 0.70 0.70 0.36 0.36 0.34 0.16 0.16 0.08 1.35 0.70 0.70 0.36 0.36 0.34 0.16 0.16 0.08 1.35 1.35 0.70 0.70 0.36 0.36 0.34 0.16 0.16 0.08 2.90 1.52 0.88 0.88 0.68 0.68 0.34 0.18 4.8 2.2 2.1 0.7 0.7 0.7 0.45 5.0 3.0 2.4 1.3 1.3 0.7 Rated ripple current (mArms/105c, 100kHz) 90 90 160 160 240 240 280 600 600 850 90 90 160 280 600 600 600 850 90 90 160 160 240 240 280 600 600 850 90 160 160 240 240 280 600 600 850 90 90 160 160 240 240 280 600 600 850 60 85 165 165 195 195 350 670 50 80 120 250 250 250 400 25 40 60 130 130 200 Part No. EMZA6R3ADA220MD61G EMZA6R3ADA470MD61G EMZA6R3ADA470ME61G EMZA6R3ADA101ME61G EMZA6R3ADA101MF61G EMZA6R3ADA221MF61G EMZA6R3ADA331MF80G EMZA6R3ADA471MHA0G EMZA6R3ADA102MHA0G EMZA6R3ADA152MJA0G EMZA100ADA220MD61G EMZA100ADA330MD61G EMZA100ADA330ME61G EMZA100ADA221MF80G EMZA100ADA331MHA0G EMZA100ADA471MHA0G EMZA100ADA681MHA0G EMZA100ADA102MJA0G EMZA160ADA100MD61G EMZA160ADA220MD61G EMZA160ADA220ME61G EMZA160ADA470ME61G EMZA160ADA470MF61G EMZA160ADA101MF61G EMZA160ADA221MF80G EMZA160ADA331MHA0G EMZA160ADA471MHA0G EMZA160ADA681MJA0G EMZA250ADA100MD61G EMZA250ADA220ME61G EMZA250ADA330ME61G EMZA250ADA330MF61G EMZA250ADA470MF61G EMZA250ADA101MF80G EMZA250ADA221MHA0G EMZA250ADA331MHA0G EMZA250ADA471MJA0G EMZA350ADA4R7MD61G EMZA350ADA100MD61G EMZA350ADA100ME61G EMZA350ADA220ME61G EMZA350ADA330MF61G EMZA350ADA470MF61G EMZA350ADA101MF80G EMZA350ADA101MHA0G EMZA350ADA221MHA0G EMZA350ADA331MJA0G EMZA500ADA4R7MD61G EMZA500ADA100ME61G EMZA500ADA100MF61G EMZA500ADA220MF61G EMZA500ADA330MF80G EMZA500ADA470MF80G EMZA500ADA101MHA0G EMZA500ADA221MJA0G EMZA630ADA4R7ME61G EMZA630ADA100MF61G EMZA630ADA220MF80G EMZA630ADA330MHA0G EMZA630ADA470MHA0G EMZA630ADA680MHA0G EMZA630ADA101MJA0G EMZA800ADA3R3ME61G EMZA800ADA4R7MF61G EMZA800ADA100MF80G EMZA800ADA220MHA0G EMZA800ADA330MHA0G EMZA800ADA470MJA0G
6.3
10
16
25
35
50
63
80
Specifications in this bulletin are subject to change without notice.
NIPPON CHEMI-CON CORPORATION
1320
2


▲Up To Search▲   

 
Price & Availability of EMZA100ADA330MD61G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X