Part Number Hot Search : 
HAF1008S TIP132 EM518 PE6819 R1060 SK14DG13 G12864 ELECTRON
Product Description
Full Text Search
 

To Download EMVY250ADA100ME55G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
MZA lower Z MVZ
Low impedance, 105C
@Expand up to F18 case size @Expand up to 100Vdc @Low impedance, 105C 1000 to 5000-hours-life @For digital equipment, especially DC-DC converters and VRM @Solvent-proof type except 80 & 100Vdc (see PRECAUTIONS AND GUIDELINES) @Pb-free design
lower Z
MVY
lower Z size extended MVK
?SPECIFICATIONS
Items
Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tane) -55 to +105C (6.3 to 63Vdc)
Characteristics
-40 to +105C (80 & 100Vdc)
Low Temperature Characteristics (Max. Impedance Ratio) Endurance
Shelf Life
6.3 to 100Vdc (at 20C, 120Hz) P20% (M) I=0.01CV or 3MA, whichever is greater. (at 20C after 2 minutes) Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) Rated voltage (Vdc) 6.3V 10V 16V 25V 35V 50V 63V 80V 100V When nominal capacitance exceeds D55 to F80 0.24 0.20 0.16 0.14 0.12 0.12 - 1000MF, add 0.02 to the value above tanE (Max.) HA0 & JA0 0.28 0.24 0.20 0.16 0.14 0.12 - for each 1000MF increase. (at 20C, 120Hz) KE0 to MN0 0.26 0.22 0.18 0.16 0.14 0.12 0.14 0.10 0.10 Rated voltage (Vdc) 6.3V 10V 16V 25V 35V 50V 63V 80V 100V D55 to JA0 2 2 2 2 2 3 Z(-40C)/Z(+20C) (at 120Hz) KE0 to MN0 10 3 3 4 6 8 3 3 3 The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for specified time at 105C. Time D55 to F80 : 1000 hours HA0 & JA0 : 2000 hours KE0 to MN0 : 5000 hours Rated voltage 6.3Vdc (D55 to JA0) 6.3 to 100Vdc Capacitance change [P30% of the initial value [P20% of the initial value D.F. (tanE) [300% of the initial specified value [200% of the initial specified value Leakage current [The initial specified value [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 105C without voltage applied. Rated voltage 6.3Vdc (D55 to JA0) 6.3 to 100Vdc Capacitance change [P30% of the initial value [P20% of the initial value D.F. (tanE) [300% of the initial specified value [200% of the initial specified value Leakage current [The initial specified value [The initial specified value
?DIMENSIONS [mm]
@Terminal Code : A @Size code : D55 to KG5
W FDP0.5 FDP0.5 P CP0.2 BP0.2 BP0.2 P CP0.2
@Terminal Code : G @Size code : LH0 to MN0
0.3max. W
0.3max. LP0.3 (Note)
AP0.2
LP0.5
AP0.2
Note : LP0.5 for HA0 to KG5
: Dummy terminals
C B A L Size code FD 5.2 4.3 4.3 5.1 4 D55 5.2 5.3 5.3 5.9 5 E55 6.3 5.2 6.6 6.6 7.2 F55 6.3 7.7 6.6 6.6 7.2 F80 8 10.0 8.3 8.3 9.0 HA0 10 10.0 10.3 10.3 11.0 JA0 12.5 13.5 13.0 13.0 13.7 KE0 12.5 16.0 13.0 13.0 13.7 KG5 16 16.5 17.0 17.0 18.0 LH0 16 21.5 17.0 17.0 18.0 LN0 18 16.5 19.0 19.0 20.0 MH0 18 21.5 19.0 19.0 20.0 MN0
W 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3 1.0 to 1.3
P 1.0 1.4 1.9 1.9 3.1 4.5 4.2 4.2 6.5 6.5 6.5 6.5
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
?MARKING
D55 to JA0 EX) 6.3V100MF
7hY
E MV Y AAA A AA AAA M AAA N
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 4.7MF:4R7,10MF:100) Taping*Tray code Terminal code (A, G) Voltage code (ex. 6.3V:6R3,10V:100,50V:500) Series code Category
KE0 to MN0 EX) 16V1000MF
0V MVY
100 6.3V
1000 16V
Please refer to "A guide to global code (surface mount type)"
(1/2)
CAT. No. E1001E
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Low impedance, 105C
?STANDARD RATINGS
WV (Vdc) Cap (mF) 22 33 47 100 220 330 470 680 1000 1500 2200 2200 3300 3300 4700 4700 6800 6800 8200 22 33 47 100 220 330 470 680 1000 2200 2200 3300 3300 4700 4700 6800 10 22 33 47 100 220 330 470 680 1000 1000 2200 2200 3300 3300 4700 10 22 33 47 100 220 Rated ripple Impedance current Size code (omax/20c, (mArms/105c, 100kHz) 100kHz) D55 3.0 60 E55 1.8 95 E55 1.8 95 F55 1.0 140 F55 1.0 140 0.34 280 F80 HA0 0.30 450 HA0 0.30 450 HA0 0.30 450 JA0 0.15 670 KE0 0.07 820 LH0 0.054 1260 KG5 0.060 950 MH0 0.054 1350 LN0 0.038 1630 MH0 0.054 1350 LN0 0.038 1630 MN0 0.038 1750 MN0 0.038 1750 E55 1.8 95 E55 1.8 95 F55 1.0 140 F55 1.0 140 F80 0.34 280 HA0 0.30 450 HA0 0.30 450 JA0 0.15 670 JA0 0.15 670 KG5 0.060 950 LH0 0.054 1260 LH0 0.054 1260 MH0 0.054 1350 LN0 0.038 1630 MN0 0.038 1750 MN0 0.038 1750 D55 3.0 60 E55 1.8 95 F55 1.0 140 F55 1.0 140 F55 1.0 140 F80 0.34 280 HA0 0.30 450 HA0 0.30 450 JA0 0.15 670 KE0 0.070 820 LH0 0.054 1260 LH0 0.054 1260 MH0 0.054 1350 LN0 0.038 1630 MH0 0.054 1350 MN0 0.038 1750 E55 1.8 95 F55 1.0 140 F55 1.0 140 F55 1.0 140 F80 0.34 280 HA0 0.3 450 Part No. EMVY6R3ADA220MD55G EMVY6R3ADA330ME55G EMVY6R3ADA470ME55G EMVY6R3ADA101MF55G EMVY6R3ADA221MF55G EMVY6R3ADA331MF80G EMVY6R3ADA471MHA0G EMVY6R3ADA681MHA0G EMVY6R3ADA102MHA0G EMVY6R3ADA152MJA0G EMVY6R3ASS222MKE0S EMVY6R3GTR222MLH0S EMVY6R3ASS332MKG5S EMVY6R3GTR332MMH0S EMVY6R3GTR472MLN0S EMVY6R3GTR472MMH0S EMVY6R3GTR682MLN0S EMVY6R3GTR682MMN0S EMVY6R3GTR822MMN0S EMVY100ADA220ME55G EMVY100ADA330ME55G EMVY100ADA470MF55G EMVY100ADA101MF55G EMVY100ADA221MF80G EMVY100ADA331MHA0G EMVY100ADA471MHA0G EMVY100ADA681MJA0G EMVY100ADA102MJA0G EMVY100ASS222MKG5S EMVY100GTR222MLH0S EMVY100GTR332MLH0S EMVY100GTR332MMH0S EMVY100GTR472MLN0S EMVY100GTR472MMN0S EMVY100GTR682MMN0S EMVY160ADA100MD55G EMVY160ADA220ME55G EMVY160ADA330MF55G EMVY160ADA470MF55G EMVY160ADA101MF55G EMVY160ADA221MF80G EMVY160ADA331MHA0G EMVY160ADA471MHA0G EMVY160ADA681MJA0G EMVY160ASS102MKE0S EMVY160GTR102MLH0S EMVY160GTR222MLH0S EMVY160GTR222MMH0S EMVY160GTR332MLN0S EMVY160GTR332MMH0S EMVY160GTR472MMN0S EMVY250ADA100ME55G EMVY250ADA220MF55G EMVY250ADA330MF55G EMVY250ADA470MF55G EMVY250ADA101MF80G EMVY250ADA221MHA0G WV (Vdc) Cap (mF)
is non solvent-proof (80/100Vdc).
Rated ripple Impedance current Size code (omax/20c, (mArms/105c, 100kHz) 100kHz) HA0 0.30 450 JA0 0.15 670 LH0 0.054 1260 MH0 0.054 1350 LN0 0.038 1630 MN0 0.038 1750 MN0 0.038 1750 D55 3.0 60 E55 1.8 95 F55 1.0 140 F55 1.0 140 F55 1.0 140 F80 0.34 280 HA0 0.30 450 HA0 0.30 450 JA0 0.15 670 KE0 0.070 820 LH0 0.054 1260 LH0 0.054 1260 MH0 0.054 1350 MN0 0.038 1750 D55 5.0 30 D55 5.0 30 D55 5.0 30 E55 3.0 50 F55 2.0 70 F55 2.0 70 F80 0.6 170 F80 0.6 170 HA0 0.6 300 HA0 0.6 300 JA0 0.30 500 KE0 0.11 650 LH0 0.087 900 LH0 0.087 900 MH0 0.087 1060 MN0 0.050 1520 KE0 0.19 500 KE0 0.19 500 KE0 0.19 500 LH0 0.12 845 LH0 0.12 845 MH0 0.12 905 LN0 0.085 1100 MH0 0.12 905 KE0 0.33 450 KG5 0.26 550 LN0 0.16 900 MH0 0.24 700 MN0 0.16 950 KE0 0.33 450 KE0 0.33 450 KE0 0.33 450 LH0 0.24 650 LN0 0.16 900 MH0 0.24 700 MN0 0.16 950 Part No. EMVY250ADA331MHA0G EMVY250ADA471MJA0G EMVY250GTR102MLH0S EMVY250GTR102MMH0S EMVY250GTR222MLN0S EMVY250GTR222MMN0S EMVY250GTR332MMN0S EMVY350ADA4R7MD55G EMVY350ADA100ME55G EMVY350ADA220MF55G EMVY350ADA330MF55G EMVY350ADA470MF55G EMVY350ADA680MF80G EMVY350ADA101MHA0G EMVY350ADA221MHA0G EMVY350ADA331MJA0G EMVY350ASS471MKE0S EMVY350GTR471MLH0S EMVY350GTR102MLH0S EMVY350GTR102MMH0S EMVY350GTR222MMN0S EMVY500ADA1R0MD55G EMVY500ADA2R2MD55G EMVY500ADA3R3MD55G EMVY500ADA4R7ME55G EMVY500ADA100MF55G EMVY500ADA220MF55G EMVY500ADA330MF80G EMVY500ADA470MF80G EMVY500ADA680MHA0G EMVY500ADA101MHA0G EMVY500ADA221MJA0G EMVY500ASS331MKE0S EMVY500GTR331MLH0S EMVY500GTR471MLH0S EMVY500GTR471MMH0S EMVY500GTR102MMN0S EMVY630ASS680MKE0S EMVY630ASS101MKE0S EMVY630ASS221MKE0S EMVY630GTR221MLH0S EMVY630GTR331MLH0S EMVY630GTR331MMH0S EMVY630GTR471MLN0S EMVY630GTR471MMH0S EMVY800ASS101MKE0S EMVY800ASS221MKG5S EMVY800GTR331MLN0S EMVY800GTR331MMH0S EMVY800GTR471MMN0S EMVY101ASS470MKE0S EMVY101ASS680MKE0S EMVY101ASS101MKE0S EMVY101GTR101MLH0S EMVY101GTR221MLN0S EMVY101GTR221MMH0S EMVY101GTR331MMN0S
6.3
10
16
25
330 470 1000 25 1000 2200 2200 3300 4.7 10 22 33 47 68 100 35 220 330 470 470 1000 1000 2200 1.0 2.2 3.3 4.7 10 22 33 47 50 68 100 220 330 330 470 470 1000 68 100 220 220 63 330 330 470 470 100 220 80 330 330 470 47 68 100 100 100 220 220 330
SS : Taping / Tray code
(2/2)
CAT. No. E1001E


▲Up To Search▲   

 
Price & Availability of EMVY250ADA100ME55G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X