|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS 3000 to 5000-hours-life, 105C MVL @Endurance : 105C 3000 to 5000 hours @Suitable for applications requiring long life such as continuously operating equipment, industrial applications, etc @Solvent-proof type (see PRECAUTIONS AND GUIDELINES) @Pb-free design Longer life MVJ ?SPECIFICATIONS Items Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tane) Low Temperature Characteristics (Max. impedance Ratio) Endurance -40 to +105C 6.3 to 50Vdc P20%(M) (at 20C,120Hz) I=0.03CV or 4MA, whichever is greater Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) (at 20C, after 2 minutes) 6.3V 10V 16V 25V 35V 50V Rated voltage (Vdc) 0.28 0.24 0.20 0.16 0.13 0.12 Max. tanE (at 20C,120Hz) 6.3V 10V 16V 25V 35V 50V Rated voltage(Vdc) 2 2 2 2 3 4 Z(-25C)/Z(+20C) 3 3 3 5 7 10 Z(-40C)/Z(+20C) (120Hz) After the capacitors are subjected to the rated DC voltage for 3000 hours (HA0 & JA0 sizes 5000 hours) at 105C, the following specifications shall be satisfied when the capacitors are restored to 20C. Capacitance change [P30% of the initial measured value D.F. (tanE) [300% of the initial specified value Leakage current [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 105C without voltage applied. Capacitance change [P30% of the initial measured value D.F. (tanE) [300% of the initial specified value Leakage current [The initial specified value Characteristics Shelf Life ?DIMENSIONS [mm] @Terminal Code : A W FDP0.5 P CP0.2 BP0.2 ?PART NUMBERING SYSTEM 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 ?MARKING EX) 16V47MF E MV L AAA A DA AAA M AAA G Supplement code Size code Capacitance tolerance code Capacitance code (ex. 4.7MF:4R7,10MF:100) Taping code Terminal code Voltage code (ex. 6.3V:6R3,10V:100,50V:500) Series code Category 9hL 47 16V 0.3max. LP0.3 (Note) AP0.2 Note : LP0.5 for H63 to JA0 Size code D60 E60 F60 F80 H63 HA0 JA0 D L A 4 5.7 4.3 5 5.7 5.3 6.3 5.7 6.6 6.3 7.7 6.6 8 6.3 8.3 8 10.0 8.3 10 10.0 10.3 B 4.3 5.3 6.6 6.6 8.3 8.3 10.3 C 5.1 5.9 7.2 7.2 9.0 9.0 11.0 W 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8 0.7 to 1.1 0.7 to 1.1 P 1.0 1.4 1.9 1.9 2.3 3.1 4.5 Please refer to "A guide to global code (surface mount type)" ?STANDARD RATINGS WV (Vdc) Cap (mF) 22 47 100 220 330 1000 33 220 10 22 47 100 470 33 47 100 330 Size code tane Rated ripple current (mArms/ 105c,120Hz) 22 36 60 101 160 313 35 141 18 30 50 81 254 48 63 116 238 Part No. WV (Vdc) Cap (mF) 4.7 10 22 33 220 0.10 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 Size code tane Rated ripple current (mArms/ 105c,120Hz) 15 25 42 57 216 1.0 2.6 3.2 3.8 6.2 11 14 19 30 49 77 92 151 Part No. 6.3 10 16 25 D60 E60 F60 F80 HA0 JA0 E60 HA0 D60 E60 F60 F80 JA0 F60 F80 HA0 JA0 0.28 0.28 0.28 0.28 0.28 0.28 0.24 0.24 0.20 0.20 0.20 0.20 0.20 0.16 0.16 0.16 0.16 EMVL6R3ADA220MD60G EMVL6R3ADA470ME60G EMVL6R3ADA101MF60G EMVL6R3ADA221MF80G EMVL6R3ADA331MHA0G EMVL6R3ADA102MJA0G EMVL100ADA330ME60G EMVL100ADA221MHA0G EMVL160ADA100MD60G EMVL160ADA220ME60G EMVL160ADA470MF60G EMVL160ADA101MF80G EMVL160ADA471MJA0G EMVL250ADA330MF60G EMVL250ADA470MF80G EMVL250ADA101MHA0G EMVL250ADA331MJA0G 35 50 D60 E60 F60 F80 JA0 D60 D60 D60 D60 D60 D60 D60 E60 F60 F80 HA0 HA0 JA0 0.13 0.13 0.13 0.13 0.13 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 EMVL350ADA4R7MD60G EMVL350ADA100ME60G EMVL350ADA220MF60G EMVL350ADA330MF80G EMVL350ADA221MJA0G EMVL500ADAR10MD60G EMVL500ADAR22MD60G EMVL500ADAR33MD60G EMVL500ADAR47MD60G EMVL500ADA1R0MD60G EMVL500ADA2R2MD60G EMVL500ADA3R3MD60G EMVL500ADA4R7ME60G EMVL500ADA100MF60G EMVL500ADA220MF80G EMVL500ADA330MHA0G EMVL500ADA470MHA0G EMVL500ADA101MJA0G (1/1) CAT. No. E1001E |
Price & Availability of EMVL500ADA100MF60G |