Part Number Hot Search : 
B1101UC4 16007 16007 CMN697 LBS16021 012B000 72725K 474M000
Product Description
Full Text Search
 

To Download EMVJ100ADA330ME60G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Engineering Bulletin
@Endurance : 105C 2000 hours @Solvent-proof type @Pb-free design
No.653F / Oct.2004
Vertical Surface Mount Type Aluminum Electrolytic Capacitors
?SPECIFICATIONS
Items
Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tane) Low Temperature Characteristics (Max. Impedance Ratio) Endurance -40 to +105C 6.3 to 50Vdc (at 20C, 120Hz) P20% (M) I=0.01CV or 3MA, whichever is greater. (at 20C after 2 minutes) Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) 6.3V 10V 16V 25V 35V 50V Rated voltage (Vdc) (at 20C, 120Hz) 0.30 0.24 0.20 0.16 0.14 0.12 tanE (Max.) 6.3V 10V 16V 25V 35V 50V Rated voltage (Vdc) 2 2 2 2 3 4 Z(-25C)/Z(+20C) (at 120Hz) 3 3 4 6 8 12 Z(-40C)/Z(+20C) The following specifications shall be satisfied when the capacitors are restored to 20C after the rated voltage is applied for 2000 hours at 105C. Rated voltage 6.3Vdc 10 & 16Vdc 25 to 50Vdc Capacitance change [P30% of the initial value [P25% of the initial value [P20% of the initial value D.F. (tanE) [300% of the initial specified value [300% of the initial specified value [200% of the initial specified value Leakage current The initial specified value [The initial specified value [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1000 hours at 105C without voltage applied. Rated voltage 6.3Vdc 10 & 16Vdc 25 to 50Vdc Capacitance change [P30% of the initial value [P25% of the initial value [P20% of the initial value D.F. (tanE) [300% of the initial specified value [300% of the initial specified value [200% of the initial specified value Leakage current [The initial specified value [The initial specified value [The initial specified value
Characteristics
Shelf Life
?DIMENSIONS [mm]
@Terminal Code : A
W FDP0.5 P CP0.2 BP0.2
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
?MARKING
EX) 6.3V100MF
7hJ
E MV J AAA A DA AAA M AAA G
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 4.7MF:4R7,10MF:100) Taping code Terminal code Voltage code (ex. 6.3V:6R3,10V:100,50V:500) Series code Category
P 1.0 1.4 1.9
100 6.3V
0.3max. LP0.3 Size code D60 E60 F60 D 4 5 6.3 L 5.7 5.7 5.7 A 4.3 5.3 6.6 B 4.3 5.3 6.6
AP0.2
C 5.1 5.9 7.2
W 0.5 to 0.8 0.5 to 0.8 0.5 to 0.8
?STANDARD RATINGS
WV (Vdc) Cap (mF) 22 47 100 33 10 22 47 33 4.7 10 Size code tane Rated ripple current (mArms/ 105c,120Hz) 21 36 56 34 16 30 48 45 15 25 Part No. WV (Vdc) 35 Cap (mF) 22 0.10 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 Size code tane Rated ripple current (mArms/ 105c,120Hz) 40 1.3 2.6 3.2 3.8 5.6 10 14 19 29 Part No.
6.3 10 16 25 35
D60 E60 F60 E60 D60 E60 F60 F60 D60 E60
0.30 0.30 0.30 0.24 0.20 0.20 0.20 0.16 0.14 0.14
EMVJ6R3ADA220MD60G EMVJ6R3ADA470ME60G EMVJ6R3ADA101MF60G EMVJ100ADA330ME60G EMVJ160ADA100MD60G EMVJ160ADA220ME60G EMVJ160ADA470MF60G EMVJ250ADA330MF60G EMVJ350ADA4R7MD60G EMVJ350ADA100ME60G
50
F60 D60 D60 D60 D60 D60 D60 D60 E60 F60
0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12
EMVJ350ADA220MF60G EMVJ500ADAR10MD60G EMVJ500ADAR22MD60G EMVJ500ADAR33MD60G EMVJ500ADAR47MD60G EMVJ500ADA1R0MD60G EMVJ500ADA2R2MD60G EMVJ500ADA3R3MD60G EMVJ500ADA4R7ME60G EMVJ500ADA100MF60G
Specifications in this bulletin are subject to change without notice.
NIPPON CHEMI-CON CORPORATION
1226
1


▲Up To Search▲   

 
Price & Availability of EMVJ100ADA330ME60G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X