Part Number Hot Search : 
MPT30 B001M UFT12770 R12KE ATM128 06300 2545E 150N6
Product Description
Full Text Search
 

To Download EKMY500ESS100MEB5D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Engineering Bulletin
@Endurance : 105C 4,000 to 7,000 hours @Long life and impedance specified version of KME series @Non solvent-proof @Pb-free design
Tentative
No.737C / Nov.2004
Aluminum Electrolytic Capacitor
?SPECIFICATIONS
Items
Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tane) Low Temperature Characteristics (Max. Impedance Ratio) Endurance -40 to +105C 10 to 50Vdc P20% (M) (at 20C, 120Hz) I=0.01CV or 3MA, whichever is greater. Where, I : Max. leakage current (MA), C : Nominal capacitance (MF), V : Rated voltage (V) (at 20C after 2 minutes) 10V 16V 25V 35V 50V Rated voltage (Vdc) 0.19 0.16 0.14 0.12 0.10 tanE (Max.) When nominal capacitance exceeds 1,000MF, add 0.02 to the value above for each 1,000MF increase. (at 20C, 120Hz) 50V 35V 25V 16V 10V Rated voltage (Vdc) 2 2 2 2 3 Z(-25C)/Z(+20C) 3 3 3 4 6 Z(-40C)/Z(+20C) (at 120Hz) The following specifications shall be satisfied when the capacitors are restored to 20C after subjected to DC voltage with the rated ripple current is applied for the specified period of time at 105C. Time F5 & 6.3 : 4,000hours F8 & 10 : 5,000hours F12.5 and larger : 7,000hours Capacitance change [P25% of the initial value D.F. (tanE) [200% of the initial specified value Leakage current [The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20C after exposing them for 1,000 hours at 105C without voltage applied. Capacitance change [P25% of the initial value D.F. (tanE) [200% of the initial specified value Leakage current [The initial specified value
Characteristics
Shelf Life
?DIMENSIONS [mm]
@Terminal Code : E
FP0.5 FP0.5 Fd
Sleeve(Brown : PET)
L' Vent (except F5 & F6.3)
15min.
4min.
(F5 to F10)
(F12.5 to F18)
fD fd F fD' L'
5 0.5 2.0
6.3 0.5 2.5
10 12.5 16 8 0.6 0.6 0.6 0.8 3.5 5.0 5.0 7.5 FD+0.5max. L+1.5max.
18 0.8 7.5
FD'
Gas escape end seal
?PART NUMBERING SYSTEM
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
E KMY A A A E A A A A A M A A A N
Supplement code Size code Capacitance tolerance code Capacitance code (ex. 0.47MF:R47,10MF:100,100MF:101) Lead forming*taping code Terminal code Voltage code (ex. 10V:100,35V:350,100V:101) Series code Category
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
Capacitance (mF) Frequency (Hz)
0.47 to 4.7 10 to 330 470 to 1,000 2,200 to 10,000
120 0.40 0.55 0.70 0.80
1k 0.70 0.80 0.85 0.95
10k 0.90 0.95 0.95 1.00
100k 1.00 1.00 1.00 1.00
Specifications in this bulletin are subject to change without notice.
NIPPON CHEMI-CON CORPORATION
1246
1
Engineering Bulletin
Tentative
No.737C / Nov.2004
Aluminum Electrolytic Capacitor
?STANDARD RATINGS
WV Cap (Vdc) (mF) 100 220 330 470 1,000 10 2,200 3,300 4,700 6,800 10,000 47 100 220 330 470 16 1,000 2,200 3,300 4,700 6,800 33 47 100 220 25 330 470 1,000 Rated ripple Impedance Case size current (omax/20c, (mArms/105c, fDBL(mm) 100kHz) 100kHz) 5B11.5 0.90 150 6.3B11.5 0.40 245 8B12 0.25 395 8B12 0.25 395 10B16 0.12 765 12.5B20 0.062 1,300 12.5B25 0.048 1,650 16B25 0.034 1,850 16B31.5 0.029 2,000 18B35.5 0.025 2,200 5B11.5 0.90 150 6.3B11.5 0.40 245 8B12 0.25 395 8B12 0.025 395 10B12.5 0.016 580 10B20 0.078 1,010 12.5B25 0.048 1,650 16B25 0.034 1,850 16B31.5 0.029 2,000 18B35.5 0.025 2,200 5B11.5 0.90 150 5B11.5 0.90 150 6.3B11.5 0.40 245 8B12 0.25 395 10B12.5 0.16 580 10B16 0.12 765 12.5B20 0.062 1,300 Part No. EKMY100ESS101MEB5D EKMY100ESS221MFB5D EKMY100ESS331MH12D EKMY100ESS471MH12D EKMY100ESS102MJ16S EKMY100ESS222MK20S EKMY100ESS332MK25S EKMY100ESS472ML25S EKMY100ESS682MLN3S EKMY100ESS103MMP1S EKMY160ESS470MEB5D EKMY160ESS101MFB5D EKMY160ESS221MH12D EKMY160ESS331MH12D EKMY160ESS471MJC5S EKMY160ESS102MJ20S EKMY160ESS222MK25S EKMY160ESS332ML25S EKMY160ESS472MLN3S EKMY160ESS682MMP1S EKMY250ESS330MEB5D EKMY250ESS470MEB5D EKMY250ESS101MFB5D EKMY250ESS221MH12D EKMY250ESS331MJC5S EKMY250ESS471MJ16S EKMY250ESS102MK20S WV Cap (Vdc) (mF) 2,200 3,300 4,700 33 47 100 220 330 470 1,000 2,200 3,300 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1,000 2,200 Rated ripple Impedance Case size current (omax/20c, (mArms/105c, fDBL(mm) 100kHz) 100kHz) 16B25 0.034 1,850 16B31.5 0.029 2,000 18B35.5 0.025 2,200 5B11.5 0.90 150 6.3B11.5 0.40 245 8B12 0.25 395 10B12.5 0.16 580 10B16 0.12 765 10B20 0.078 1,010 12.5B25 0.048 1,650 16B31.5 0.029 2,000 18B35.5 0.025 2,200 5B11.5 5.5 17 5B11.5 4.0 30 5B11.5 2.5 43 5B11.5 2.2 53 5B11.5 1.9 88 5B11.5 1.5 100 5B11.5 0.90 150 6.3B11.5 0.40 245 6.3B11.5 0.40 245 8B12 0.25 395 10B16 0.12 765 10B20 0.088 1,010 12.5B20 0.062 1,300 16B25 0.034 1,850 18B35.5 0.025 2,200 Part No. EKMY250ESS222ML25S EKMY250ESS332MLN3S EKMY250ESS472MMP1S EKMY350ESS330MEB5D EKMY350ESS470MFB5D EKMY350ESS101MH12D EKMY350ESS221MJC5S EKMY350ESS331MJ16S EKMY350ESS471MJ20S EKMY350ESS102MK25S EKMY350ESS222MLN3S EKMY350ESS332MMP1S EKMY500ESSR47MEB5D EKMY500ESS1R0MEB5D EKMY500ESS2R2MEB5D EKMY500ESS3R3MEB5D EKMY500ESS4R7MEB5D EKMY500ESS100MEB5D EKMY500ESS220MEB5D EKMY500ESS330MFB5D EKMY500ESS470MFB5D EKMY500ESS101MH12D EKMY500ESS221MJ16S EKMY500ESS331MJ20S EKMY500ESS471MK20S EKMY500ESS102ML25S EKMY500ESS222MMP1S
25
35
50
SS : Lead forming / Taping code
Specifications in this bulletin are subject to change without notice.
NIPPON CHEMI-CON CORPORATION
1246
2


▲Up To Search▲   

 
Price & Availability of EKMY500ESS100MEB5D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X