Part Number Hot Search : 
23101 5925B 5KP14 23101 YELLOW AEO10G48 CEM6867 PI5A100W
Product Description
Full Text Search
 

To Download E0305KS-1W5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E_KS-1W5 Series
1.5W, FIXED INPUT ISOLATED & UNREGULATED OUTPUT SIP PACKAGE DC-DC CONVERTER
multi-country patent protection RoHS
FEATURES Small Footprint SIP Package High Power Density 3KVDC Isolation Temperature Range: -40C to +85C No External Component Required Internal SMD construction RoHS Compliance
PRODUCT PROGRAM
Input Part Number E0305KS-1W5 Voltage (VDC) Nominal 3.3 Range 3.0-3.6 Voltage (VDC) 5 Output Current (mA) Max 150 Min 15 81 Efficiency (%)(Typ.)
APPLICATIONS
The E_KS-1W Series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is fixed (voltage variation 10%); 2) Where isolation is necessary between input and output (isolation voltage 3000VDC); 3) Where the regulation of the output voltage and the output ripple noise are not demanding. Such as: purely digital circuits, ordinary low frequency analog circuits, and IGBT power device driving circuits.
ISOLATION SPECIFICATIONS
Item Isolation voltage Isolation resistance Isolation capacitance Test Conditions Tested for 1 minute and 1mA max Test at 500VDC Min 3000 1000 40 Typ Max Units VDC M pF
MODEL SELECTION
E03 05KS-1W5
Rated Power Pack age Sty le O utput Voltage Input Volta ge Produ ct Se ries
OUTPUT SPECIFICATIONS
Item Output power Line regulation Load regulation Output voltage accuracy Temperature drift Output ripple &Noise* Switching frequency 100% full load 20MHz Bandwidth Full load, nominal input 100 50 For Vin change of 1% 10%to100% load 10 Test Conditions Min 0.15 Typ Max 1.5 1.2 15 Units W %
See tolerance envelope graph 0.03 150 %/C mVp-p KHz
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax:86-20-38601272 Http://www.mornsun-power.com
*Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power
Converter section, application notes. Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. See below recommended circuits for more details.
MORNSUN reserves the copyright
Specifications subject to change without notice.
E_KS-1W5
A/0-2008
Page 1 of 2
COMMON SPECIFICATIONS
Item Storage humidity Operating temperature Storage temperature Lead temperature Temp. rise at full load Short circuit protection* package material Cooling MTBF Weight
*Supply voltage must be discontinued at the end of short circuit duration.
Test Conditions
Min
Typ
Max 95
Units %
Recommended testing circuit If you want to further decrease the input/output ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure1).
-40 -55 1.5mm from case for 10 seconds 15
85 125 300 25 1 Free air convection Plastic (UL94-V0) S C
L Vin Cin GND
L Cout
+Vout 0V -Vout
DC DC
(Figure 1)
L Cout
3500 2.1
K hours g
It should also be noted that the inductance and the frequency of the "LC" filtering network should be staggered with the DC/DC frequency to avoid mutual interference. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1). EXTERNAL CAPACITOR TABLE (TABLE 1) Vin Cin Dual Vout Cout (VDC) (uF) (VDC) (uF) 3.3
It's not
TYPICAL CHARACTERISTICS
4.7
5
any
4.7
external
recommended to connect
Operating Temp.(oC)
capacitor in the application field with less than 0.5 watt output.
RECOMMENDED REFLOW SOLDERING PROFILE
First Angle Projection
RECOMMENDED FOOTPRINT Top view,grid:2.54mm(0.1inch) diameter:1.00mm(0.039inch)
Output Voltage Regulation and Over-voltage Protection Circuit The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat protection that is connected to the input or output end in series (Figure2).
Side view
12
56
Vin GND
REG
+Vout
DC DC
REG
0V -Vout +Vout 0V
REG
7.00
Vin
Bottom view
FOOTPRINT DETAILS Pin 1 2 5 6 7 Function Vin GND -Vo 0V +Vo
GND
DC DC (Figure 2)
-Vout
Note: Unit:mm(inch) Pin section:0.50*0.30mm(0.020*0.012inch) Pinsection tolerances: 0.10mm( 0.004inch) General tolerances: 0.25mm( 0.010inch)
Overload Protection Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is to connect a self-recovery fuse in series at the
APPLICATION NOTE
Requirement on output load To ensure this module can operate efficiently and reliably, During operation, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company's products with a lower rated output power.
input end or add a circuit breaker to the circuit. No parallel connection or plug and play.
MORNSUN reserves the copyright
Specifications subject to change without notice.
E_KS-1W5
A/0-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of E0305KS-1W5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X