Part Number Hot Search : 
AD1671J 1N5244B S1616 4A000 2SK2938 1008F AEH40F48 74VHCT
Product Description
Full Text Search
 

To Download CPE-400AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 page date
1 of 5
11/12/2007
PART NUMBER: CPE-400AC
DESCRIPTION: piezo audio indicators
SPECIFICATONS
operating frequency operating voltage range current consumption sound pressure level rated voltage tone operating tempurature storage tempurature dimensions weight material terminal RoHS 3.1 0.5 KHz 3 ~ 30 V AC/V DC AC/DC non-polar 8 mA max. at 12 V AC 89 db min. at 30 cm/12 V AC 12 V AC continuous -30 ~ +85 C -40 ~ +95 C O41.8 x H22.0 mm 15.7 g max. ABS UL-94 1/16" high heat (black) wire type yes
APPEARANCE DRAWING
tolerance: 0.5 units: mm
7.0
3.4 (2 PLCS)
UL1007 LF 24AWG 5.0 2.0 black red 140.0 10.0 41.8 50.0 59.5
22.0
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
page date
2 of 5
11/12/2007
PART NUMBER: CPE-400AC
DESCRIPTION: piezo audio indicators
MEASUREMENT METHOD
S.P.L. Measuring Circuit Mic: RION S.P.L. meter UC30 or equivalent S.G.: Hewlett Packard 33120A function gernerator or equivalent
CURRENT CONSUMPTION/SOUND PRESSURE LEVEL
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
page date
3 of 5
11/12/2007
PART NUMBER: CPE-400AC
DESCRIPTION: piezo audio indicators
MECHANICAL CHARACTERISTICS
item solderability test condition Stripped wires are immersed in rosin for 5 seconds and then immersed in solder bath of 270 5C for 3 1 seconds. The pull force shall be applied to lead wire: Horizontal 3.0N for 30 seconds Vertical 2.0N for 30 seconds The buzzer shall be measured after applying a vibration amplitude of 1.5 mm with 10 to 55 Hz band of vibration frequency to each of the 3 perpendicular directions for 2 hours. The part will be dropped from a height of 75 cm onto a 40 mm thick wooden board 3 times in 3 axes (X, Y, Z) for a total of 9 drops. evaluation standard 90% min. of the lead terminals will be wet with solder (except the edge of the terminal). No damage or cutting off. The value of oscillation frequency/current consumption should be 10% of the initial measurements. The SPL should be within 10dB compared with the initial measurement.
lead wire pull strength
vibration
drop test
ENVIRONMENT TEST
item high temp. test low temp. test humidity test temp. cycle test test condition After being placed in a chamber at +95C for 240 hours. After being placed in a chamber at -40C for 240 hours. After being placed in a chamber at +40C and 905% relative humidity for 240 hours. The part shall be subjected to 5 cycles. One cycle will consist of:
+95 +25 +25
evaluation standard
-40
The buzzer will be measured after being placed at +25C for 4 hours. The value of the oscillation frequency/current consumption should be 10% compared to the initial measurements. The SPL should be within 10dB compared to the initial measurements.
0.5hr 0.5hr 0.25 0.5hr
0.5hr
0.5hr 0.25
3hours
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
page date
4 of 5
11/12/2007
PART NUMBER: CPE-400AC
DESCRIPTION: piezo audio indicators
RELIABILITY TEST
item operating (life test) test condition 1. Continuous life test: The part will be subjected to 48 hours of continuous operation at +70C with rated voltage applied. 2. Intermittent life test: A duty cycle of 1 minute on, 1 minutes off, a minimum of 5,000 times at room temp (+25 2C) with rated voltage applied. evaluation standard The buzzer will be measured after being placed at +25C for 4 hours. The value of the oscillation frequency/current consumption should be 10% compared to the initial measurements. The SPL should be within 10dB compared to the initial measurements.
TEST CONDITIONS
standard test condition judgement test condition a) tempurature: +5 ~ +35C a) tempurature: +25 2C b) humidity: 45 - 85% b) humidity: 60 - 70% c) pressure: 860-1060 mbar c) pressure: 860-1060 mbar
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383
page date
5 of 5
11/12/2007
PART NUMBER: CPE-400AC
DESCRIPTION: piezo audio indicators
PACKAGING
20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2383


▲Up To Search▲   

 
Price & Availability of CPE-400AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X