Part Number Hot Search : 
TMC429 M6034F AD5247 1N4489 SMB10CA CM150 CF5034LA 5F2FZES
Product Description
Full Text Search
 

To Download BUL310FP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220F package *High voltage,high speed *Wide area of safe operation APPLICATIONS *Electronic ballasts for fluorescent lighting *Switch mode power supplies *Flyback and forward single transistor low power converters
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
BUL310FP
Fig.1 simplified outline (TO-220F) and symbol
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM Ptot Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Base current (DC) Base current-Peak Total power dissipation Maximum operating junction temperature Storage temperature tp<5ms TC=25 tp<5ms CONDITIONS Open emitter Open base Open collector VALUE 1000 500 9 5 10 3 4 36 150 -65~150 UNIT V V V A A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-case PARAMETER Thermal resistance junction to case VALUE 3.5 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Emitter-base breakdwon voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current DC current gain DC current gain CONDITIONS IC=100mA ; IB=0; L=25mH IE=10mA ;IC=0 IC=1A; IB=0.2A IC=2A ;IB=0.4A IC=3A ;IB=0.6A IC=1A; IB=0.2A IC=2A ;IB=0.4A IC=3A ;IB=0.6A VCE=1000V; VBE=0 TC=125 VCE=400V; IB=0 IC=10mA ; VCE=5V IC=3A ; VCE=2.5V 10 MIN 500 9
BUL310FP
SYMBOL VCEO(SUS) V(BR)EBO VCEsat-1 VCEsat-2 VCEsat-3 VBEsat-1 VBEsat-2 VBEsat-3 ICES ICEO hFE-1 hFE-2
TYP.
MAX
UNIT V V
0.5 0.7 1.1 1.0 1.1 1.2 100 500 250
V V V V V V A A
10
Switching times inductive load ts tf Storage time Fall time IC=2A ;VCL=250V IB1 =0.4A;VBE(off)=-5V L=200H; RBB=0B 1.9 0.16 s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BUL310FP
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of BUL310FP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X