Part Number Hot Search : 
SPA06AB AD7264 HE83R141 K1753 220MC TLP801A 180CA 2N2202
Product Description
Full Text Search
 

To Download BUH515D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BUH515D
DESCRIPTION *With TO-3PML package *High voltage *High speed switching *Built-in damper diode APPLICATIONS *For use in horizontal deflection circuits of large screen color TV receivers
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3PML) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM Ptot Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current -peak Base current (DC) Base current -peak Total power dissipation Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 1500 700 5 8 15 5 8 50 -65~150 UNIT V V V A A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Diode forward voltage CONDITIONS IC=5A ;IB=1.25A IC=5A ;IB=1.25A VCE=1300V; VBE=0 VCE=1500V; VBE=0 Tj=125 VEB=5V; IC=0 IC=5A ; VCE=5V IF=5A 5 MIN
BUH515D
SYMBOL VCEsat VBEsat ICES-1 ICES-2 IEBO hFE VF
TYP.
MAX 1.5 1.3 10 0.2 2 200 10 2
UNIT V V A mA mA
V
Switching times ts tf Storage time IC=5A;IB1=1.5A;-IB2=2.5A; VCC=400V Fall time 170 260 ns 2.4 3.6 s
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance from junction to case MAX 2.5 UNIT /W
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BUH515D
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of BUH515D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X