Part Number Hot Search : 
MN3880S VBT4045C XKD11306 87C51FC A1601 PJ1537 SC21152 2405E
Product Description
Full Text Search
 

To Download BU2506AX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BU2506AX
DESCRIPTION *With TO-3PML package *High voltage;high speed APPLICATIONS *For use in horizontal deflection circuits of colour TV receivers.
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3PML) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM Ptot Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current (Pulse) Base current (DC) Base current (Pulse) Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 1500 700 7.5 5 8 3 5 45 150 -55~150 UNIT V V V A A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain CONDITIONS IC=100mA ;IB=0,L=25mH IE=1mA ;IC=0 IC=3.0A ;IB=0.79 A IC=3.0A ;IB=0.79 A VCE=BVCES; VBE=0 TC=125 VEB=7.5V; IC=0 IC=0.3 A ; VCE=5V IC=3.0A ; VCE=5V 3.8 MIN 700 7.5
BU2506AX
SYMBOL VCEO(SUS) V(BR)EBO VCEsat VBEsat ICES IEBO hFE-1 hFE-2
TYP.
MAX
UNIT V V
5.0 1.1 1.0 2.0 0.1 12 5.5 7.5
V V mA mA
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BU2506AX
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of BU2506AX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X