Part Number Hot Search : 
MYB33C 2N5551HR 08A50 CFAST MB89181 08A50 ON1427 08A50
Product Description
Full Text Search
 

To Download BU2506AF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
BU2506AF
DESCRIPTION *With TO-3PFa package *High voltage *High speed switching APPLICATIONS *Intended for use in horizontal deflection circuits of colour TV receivers
PINNING PIN 1 2 3 Base Collector Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO IC ICM IB IBM Ptot Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Collector current (DC) Collector current (Pulse) Base Collector current (DC) Base current (Pulse) Total power dissipation Max.operating junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base VALUE 1500 700 5 8 3 5 45 150 -65~150 UNIT V V A A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
BU2506AF
SYMBOL
TYP.
MAX
UNIT
VCEO(SUS) V(BR)EBO VCEsat VBEsat ICES IEBO hFE-1 hFE-2
Collector-emitter sustaining voltage
IC=100mA ;IB=0, IE=1mA ;IC=0 IC=3A ;IB=0.79A IC=3A ;IB=0.79A VCE=RatedVCE ;VBE=0 Tj=125 VEB=7.5V; IC=0 IC=0.3A ; VCE=5V IC=3A ; VCE=5V
700
V
Emitter-base breakdown voltage
7.5
V
Collector-emitter saturation voltage
5.0
V
Base-emitter saturation voltage
1.1 1.0 2.0 0.1
V
Collector cut-off current
mA
Emitter cut-off current
mA
DC current gain
12
DC current gain
3.8
5.5
7.5
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
BU2506AF
Fig.2 Outline dimensions (unindicated tolerance:0.30mm)
3


▲Up To Search▲   

 
Price & Availability of BU2506AF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X