Part Number Hot Search : 
AN0005 2SK223 30KPA66A CXD3605R 012Q3 KBP206 DN835 MBR35005
Product Description
Full Text Search
 

To Download BR610 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SINGLE PHASE BRIDGE RECTIFIER
KBPC6005 THRU KBPC610 BR605 THRU BR610
FEATURES
* * * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 6.0 Ampere
Low cost This series in UL recognized under component index, file number E127707 High forward surge current capacity Ideal for printed circuit board High isolation voltage from case to leads High temperature soldering guaranteed: 260OC / 10 seconds, at 5 lbs. (2.3kg) tension.
0.445( 11.3) 0.405( 10.3)
BR-6
0.445( 11.3) 0.405( 10.3) 0.620( 15.7) 0.580( 14.7)
0.10( 2.5) x45 0.158( 4.0) DIA 0.142( 3.6)
+
AC
AC
-
0.620( 15.7) 0.580( 14.7)
MECHANICAL DATA
* * * * * *
0.270( 6.9) 0.230( 5.8)
Technology: Cell with vacuum soldered Case: Molded plastic body Terminal: Lead solderable per MIL-STD-202E method 208C Polarity: Polarity symbols marked on case Mounting: Thru hole for #10 screw, 5 in-lbs torque max. Weight: 0.13 ounce, 3.66 gram
0.85( 21.6) MIN
0.75( 19.0) MIN
0.08( 2.0) MIN 0.042( 1.10) DIA 0.038( 0.97) TYP
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25OC ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS
KBPC6005 KBPC601 BR605 BR61 KBPC602 BR62 KBPC604 BR64 KBPC606 BR66 KBPC608 BR68 KBPC610 BR610
UNIT
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current, at TC = 50 (Note 1) TA = 25 (Note 2)
VRRM VRMS VDC I(AV) IFSM I2 t VF IR VISO RJc TJ TSTG
50 35 50
100 70 100
200 140 200
400 280 400 6.0 3.0 125 64 1.0 5.0 1.0 2500 8.0 -55 to +150 -55 to +150
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps Amps A2s Volts A mA Volts O C/W O C O C
Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Rating for Fusing (t<8.3mS) Maximum Instantaneous Forward Voltage drop per Bridge element at 3.0 A TA = 25 Maximum DC Reverse Current at Rated DC Blocking Voltage per element TA = 100 Isolation Voltage from case to lug Typical Thermal Resistance (Note 1 ) Operating Temperature Rang Storage Temperature Rang
Notes:
1. 2. Unit mounted on 6.0" x 5.5" x 0.11" thick (15x14x0.3cm) AL plate Unit mounted on P.C. Board 0.375" (9.5mm) lead length with 0.47"x0.47" (12x12mm) copper pads.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SINGLE PHASE BRIDGE RECTIFIER
KBPC6005 THRU KBPC610 BR605 THRU BR610
VOLTAGE RANGE CURRENT
50 to 1000 Volts 6.0 Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of BR610

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X