Part Number Hot Search : 
UNR31A1 UNR1111 49100 BPC3504 052418 CEB7050 LM334AZT CX20529
Product Description
Full Text Search
 

To Download BR3510W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER BR3505W THRU BR3510W
FEATURES l Low cost l This series is UL recognized under component index, file number E127707 l High forward surge current capability l Integrally molded heatsink provide very low thermal resistance l High isolation voltage from case to leads l High temperature soldering guaranteed: 260 oC/10 second, at 5 lbs. (2.3kg) tension. MECHANICAL DATA l Case: Molded plastic body l Terminal: Plated lead 0.25"(6.35mm) lugs. l Polarity: Polarity symbols marked on case l Mounting: Thru hole for #10 screw, 20 in.-lbs torque max. l Weight:0.61ounce, 17.4 grams
VOLTAGE RANGE CURRENT 50 to 1000 Volts 35 Amperes
BR-35W
AC + 0.47( 11.9) 0.43( 10.9) AC 0.732( 18.6) 0.692( 17.6)
0.205( 5.2) 0.197( 5.0)
0.732( 18.6) 0.692( 17.6) 1.13( 28.8) 1.11( 28.2)
METAL HEAT SINK EXOPY CASE
0.442( 11.2) 0.432( 10.9)
0.78( 19.8) MIN
0.042( 1.10) DIA 0.038( 0.97) TYP
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%.
SYMBOLS
BR3505W BR351W BR352W BR354W BR356W BR358W BR3510W
50 35 50 100 70 100 200 140 200 400 280 400 35 400 664 1.1 10 1.0 2500 2.0 -55 to +150 -55 to +150 600 420 600 800 560 800 1000 700 1000
UNITS Volts Volts Volts Amps Amps A2S Volts Amps mAmps VAC /W
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current, at TC=50(Note1,2) Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for Fusing(t<8.3ms) Maximum Instantaneous Forward Voltage at 17.5A Maximum DC Reverse Current at rated TA=25 DC blocking voltage TA=100 Isolation Voltage from case to leads Typical Thermal Resistance (Note 1,2) Operating Temperature Range Storage Temperature Range
VRRM VRMS VDC I(AV) IFSM IT VF IR VISO RJC TJ TSTG
2
NOTES: 1. Unit mounted on 9"x3.5"x4.6" thick (23cmx9cmx11.8cm) Al. plate. 2. Bolt down on heat-sink with silicone thermal compound between bridge and mounting surface for maximum heat transfer efficiency with #10 screw.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 1/2
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER BR3505W THRU BR3510W
VOLTAGE RANGE CURRENT 50 to 1000 Volts 35 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 2/2


▲Up To Search▲   

 
Price & Availability of BR3510W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X