Part Number Hot Search : 
SY88793V LT1088 1334A SF210 R8008 AM29DL ELECTRON N6003
Product Description
Full Text Search
 

To Download BR104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER BR1005 THRU BR1010
FEATURES l Low cost l This series is UL recognized under component index, file number E127707 l High forward surge current capability l Ideal for printed circuit board l High isolation voltage from case to leads l High temperature soldering guaranteed: 260 oC/10 second, at 5 lbs. (2.3kg) tension. MECHANICAL DATA l Case: Molded plastic body l Terminal: Lead solderable per MIL-STD-202E method 208C. l Polarity: Polarity symbols molded on case l Mounting: Thru hole for #6 screw, 5 in.-lbs torque max. l Weight:0. 20ounce, 5.62 grams MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%.
SYMBOLS BR1005 Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage TC=50(Note1) Maximum Average Forward Rectified Output Current, at TC=100(Note1) TA=50(Note2) Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for Fusing(t<8.3ms) Maximum Instantaneous Forward Voltage at 5.0A Maximum DC Reverse Current at rated TA=25 oC DC blocking voltage TA=150o C Isolation Voltage from case to leads Typical Thermal Resistance (Note 1) Operating Temperature Range Storage Temperature Range IFSM IT VF IR VISO RJC TJ TSTG
2
VOLTAGE RANGE CURRENT
50 to 1000 Volts 10 Amperes
0.52( 13.2) 0.48( 12.2) 0.07( 1.8) x45 + AC 0.52( 13.2) 0.48( 12.2) AC 0.77( 19.6) 0.73( 18.5)
0.16( 4.1) 0.14( 3.6) DIA
0.77( 19.6) 0.73( 18.5)
0.30( 7.6) 0.25( 6.4)
0.85( 21.6) MIN
0.75( 19.0) MIN
0.08( 2.0) MIN 0.052( 1.3) DIA. 0.048( 1.2) TYP.
Dimensions in inches and (millimeters)
BR101 100 70 100
BR102 200 140 200
BR104 400 280 400 10.0
BR106 600 420 600
BR108 800 560 800
BR1010 1000 700 1000
UNITS Volts Volts Volts
VRRM VRMS VDC
50 35 50
I(AV)
6.0 6.0 150 93 1.1 5.0 1.0 2500 6.0 -55 to +150 -55 to +150
Amps
Amps A2 S Volts Amps mAmps VAC /W
NOTES: 1. Unit mounted on 8.7"x8.7"x0.24" thick (22x22x0.6mm) Al. plate. 2. Unit mounted on P.C.B at 0.375" (9.5mm) lead length with 0.47"x0.47" (12x12mm) copper pads.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 1/2
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER BR1005 THRU BR1010
VOLTAGE RANGE CURRENT 50 to 1000 Volts 10 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 2/2


▲Up To Search▲   

 
Price & Availability of BR104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X