|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Model BD4859N5050A00 Rev E Ultra Low Profile 0404 Balun 50 to 50 Balanced Description The B4859N5050A00 is a low cost, low profile sub-miniature unbalanced to balanced transformer designed for differential inputs and output locations on modern chipsets in an easy to use surface mount package covering 802.11a Uni-Band II & III and the Japanese ISM band (4.9 GHz). The B4859N5050A00 is ideal for high volume manufacturing and delivers higher performance than traditional ceramic baluns. The B4859N5050A00 has an unbalanced port impedance of 50 and a 50 balanced port impedance. This transformation enables single ended signals to be applied to differential ports on modern integrated chipsets. The output ports have equal amplitude (-3dB) with 180 degree phase differential. The B4859N5050A00 is available on tape and reel for pick and place high volume manufacturing. Detailed Electrical Specifications: Specifications subject to change without notice. ROOM (25C) * * * * * * * * * * Features: 4800 - 5900 MHz 0.65mm Height Profile 50 Ohm to 2 x 25 Ohm Low Insertion Loss 802.11a Uni-Band II & III Home Cordless Compliant Surface Mountable Tape & Reel Non-conductive Surface RoHS Compliant Parameter Frequency Unbalanced Port Impedance Balanced Port Impedance Return Loss Insertion Loss* Amplitude Balance Phase Balance CMRR Power Handling Operating Temperature Min. 4800 Typ. 50 50 22 0.5 0.7 3 27 Max 5900 16 0.7 1.2 7 1 +85 -55 Unit MHz dB dB dB Degrees dB Watts C * Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 C) Outline Drawing Top View (Near-side) Side View Bottom View (Far-side) [ .041+.003 -.002 1.05+0.08 -0.06 ] [ .041+.003 -.002 1.05+0.08 -0.06 ] .012 [0.30] .024.0025 [0.620.064] 0.12 [0.30] 1 2 3x.010 [0.25] 4 3 3x.010 [0.25] 4X .020 [0.50] Pin Designation GND / DC Feed 1 + RF GND Dimensions are in Inches [Millimeters] Mechanical Outline 2 Unbalanced Port 3 Balanced Port 4 Balanced Port Tolerances are Non-Cumulative Available on Tape and Reel for Pick and Place Manufacturing. USA/Canada: Toll Free: Europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 Model BD4859N5050A00 Rev E Typical Performance:4700 MHz. to 6000 MHz. Return Loss - Input 0 -3 -6 -9 -12 -15 [dB] Insertion Loss 0 -0.3 -0.6 -0.9 -1.2 -1.5 [dB] -18 -21 -24 -27 -30 -33 -36 4700 4800 4900 5000 5100 5200 5300 5400 5500 5600 5700 5800 5900 6000 -1.8 -2.1 -2.4 -2.7 -3 -3.3 -3.6 4700 4800 4900 5000 5100 5200 5300 5400 5500 5600 5700 5800 5900 6000 Frequency [MHz] Frequency [MHz] Amplitude Balance 2 1.5 1 0.5 [dB] Phase Balance 20 15 10 5 deg 0 -0.5 -1 -1.5 -2 4700 4800 4900 5000 5100 5200 5300 5400 5500 5600 5700 5800 5900 6000 0 -5 -10 -15 -20 4700 4800 4900 5000 5100 5200 5300 5400 5500 5600 5700 5800 5900 6000 Frequency [MHz] Frequency [MHz] CMRR 0 -3 -6 -9 -12 -15 [dB] -18 -21 -24 -27 -30 -33 -36 4700 4800 4900 5000 5100 5200 5300 5400 5500 5600 5700 5800 5900 6000 Frequency [MHz] USA/Canada: Toll Free: Europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 Available on Tape and Reel for Pick and Place Manufacturing. Model BD4859N5050A00 Rev E Wide Band Performance: 500 MHz. to 8500 MHz. Return Loss - Input 0 -3 -6 -9 -12 -15 [dB] Insertion Loss 0 -0.3 -0.6 -0.9 -1.2 -1.5 [dB] -18 -21 -24 -27 -30 -33 -36 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 -1.8 -2.1 -2.4 -2.7 -3 -3.3 -3.6 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 Frequency [MHz] Frequency [MHz] Amplitude Balance 2 1.5 1 0.5 [dB] deg Phase Balance 20 15 10 5 0 -5 -10 -15 -20 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 0 -0.5 -1 -1.5 -2 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 Frequency [MHz] Frequency [MHz] CMRR 0 -3 -6 -9 -12 -15 [dB] -18 -21 -24 -27 -30 -33 -36 500 1000 1500 2000 2500 3000 3500 4000 4500 5000 5500 6000 6500 7000 7500 8000 8500 Frequency [MHz] Available on Tape and Reel for Pick and Place Manufacturing. USA/Canada: Toll Free: Europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 8500 Model BD4859N5050A00 Rev E Mounting Configuration: In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet published specifications. All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/oC. An example of the PCB footprint used in the testing of these parts is shown below. An example of a DC-biased footprint is also shown below. In specific designs, the transmission line widths need to be adjusted to the unique dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances With No DC Bias 3X .011 [0.29] .008 [0.21] 3X .011 [0.29] Plated thru hole to ground .014 [0.36] With DC Bias 3X .011 [0.29] .008 [0.21] 3X .011 [0.29] Plated thru hole to ground .014 [0.36] .020 [0.50] .008 [0.21] .020 [0.50] .008 [0.21] 3X Transmission Line .020 [0.50] 3X Transmission Line .020 [0.50] Circuit Pattern Footprint Pad (s) Solder Resist Dimensions are in Inches [Millimeters] Mounting Footprint Circuit Pattern Footprint Pad (s) Solder Resist Dimensions are in Inches [Millimeters] Mounting Footprint USA/Canada: Toll Free: Europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 Available on Tape and Reel for Pick and Place Manufacturing. Model BD4859N5050A00 Rev E Packaging and Ordering Information Parts are available in reel and are packaged per EIA 481-2. Parts are oriented in tape and reel as shown below. Minimum order quantities are 4000 per reel. See Model Numbers below for further ordering information. OA OC OD QUANTITY/REEL 4000 TABLE 1 REEL DIMENSIONS (inches [mm]) OA 7.00 [177.8] B 0.32 [8.0] OC 2.0 [50.8] OD 0.512 [13.0] B Available on Tape and Reel for Pick and Place Manufacturing. USA/Canada: Toll Free: Europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 Model BD4859N5050A00 Rev E USA/Canada: Toll Free: Europe: (315) 432-8909 (800) 411-6596 +44 2392-232392 Available on Tape and Reel for Pick and Place Manufacturing. |
Price & Availability of BD4859N5050A00 |