Part Number Hot Search : 
AA541 2SK2496 GA128 NB60H SF5511 UPC2912 PRMG252 5261B
Product Description
Full Text Search
 

To Download BAT54C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
RECTIFIER SPECIALISTS
BAT54 BAT54A BAT54C BAT54S
TECHNICAL SPECIFICATIONS OF SMALL SIGNAL SCHOTTKY BARRIER DIODES VOLTAGE - 30 Volts CURRENT - 0.2 Amperes
FEATURES
* * * * For general purpose applications Low turn-on voltage. Fast switching time. Protected by a PN junction guard ring against excessive voltage, such as electrostatic discharge(ESD).
.020(0.5) .012(0.3)
SOT-23
MECHANICAL DATA
* Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Terminals: Solder plated, solderable per MIL-STD-202E, Method 208 guaranteed * Mounting position: Any * Weight: 0.008 grams Approx.
.063(1.6) .047(1.2)
.108(2.8) .083(2.1)
.045(1.2) .034(0.9) .091(2.3) .067(1.7) .120(3.0) .110(2.8) .051(1.3) .035(0.9) .0071(0.18) .0035(0.09)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters) .026(0.7) .010(0.3) .004 Max (0.10) .027(0.7) .013(0.3)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TA=75 o C Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage Maximum DC Reverse Current at TA=25 C, VR=25V Typical Thermal Resistance (Note1) Typical Junction Capacitance (Note 2) Storage Operating Temperature Range NOTES : 1. Terminals maintained at specified ambient temperature. 2. Measured at 1 MHz and applied reverse voltage of 1.0 volts.
o
BAT54
BAT54A 30 21 30 0.2 0.6
BAT54C
BAT54S
UNITS Volts Volts Volts Amps Amps Volts Amps
0
VRRM VRMS VDC IO IFSM VF IR R JA CJ TJ, TSTG SINGLE
1.0 @ IF=0.1A 0.32 @ IF=0.001A 2.0 635 10 -55 to + 125 COMMON ANODE COMMON CATHODE
C/ W pF
0
C
SERIES
BAT54
BAT54A
BAT54C
BAT54S
Pin Configuration (Top View)
RATING AND CHARACTERISTIC CURVES (BAT54, BAT54A, BAT54C, BAT54S)
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE 0.5 AVERAGE FORWARD CURRENT, (A) INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
TJ= 75 C
o
0.1
o
0.4
TJ= 100 C
0.3
0.2
0.01
TJ= 25 C
o
0.1
0 20 40 60 80 100 120 AMBIENT LEAD TEMPERATURE, (oC)
0.001 0
0.1
0.2
0.3
0.4
0.5
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS 10 REVERSE CURRENT, (A) 10000
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
REVERSE CURRENT, (A)
1
TJ= 100 C
o
TJ= 25 C
o
0.1
1000
TJ= 75 C
o
0.01
0.001 10 15 20 25 30 35 REVERSE VOLTAGE, (V)
100 0 5 10 15 20 25 REVERSE VOLTAGE, (V)
FIG. 5 - TYPICAL JUNCTION CAPACITANCE 16 JUNCTION CAPACITANCE, (pF) 14 12 10 8 6 4 2 0 5 10 15 20 25
REVERSE VOLTAGE, (V)
DC COMPONENTS CO., LTD.
R


▲Up To Search▲   

 
Price & Availability of BAT54C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X