Part Number Hot Search : 
ACE4826B A968A AP153409 DS2409P 01521 PSIBVU78 ST72F32 UPD70
Product Description
Full Text Search
 

To Download BAT42W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAK CHEONG
(R) PRELIMINARY
400mW SOD-123 SURFACE MOUNT
Small Outline Flat Lead Plastic Package Fast Switching Schottky Barrier Diode
Absolute Maximum Ratings
Symbol PD TSTG TJ VRRM VR IF(AV) IFSM Power Dissipation
TA = 25C unless otherwise noted Value 400 -65 to +125 +125 30 30 200 4 Units mW C C V V mA A
Parameter
Storage Temperature Range Operating Junction Temperature Repetitive Peak Reverse Voltage Maximum DC Blocking Voltage Average Forward Rectified Current Peak Forward Surge Current
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Low Forward Voltage Drop Flat Lead SOD-123 Small Outline Plastic Package Surface Device Type Mounting RoHS Compliant Green EMC Matte Tin(Sn) Lead Finish Band Indicates Cathode DEVICE MARKING CODE: Device Type Device Marking BAT42W C1 BAT43W C2
Electrical Characteristics
Symbol BV IR VF Breakdown Voltage
TA = 25C unless otherwise noted Parameter Test Condition IR=100A VR=25V TCBAT42, BAT42W IF=10mA IF=50mA TCBAT42, BAT43W IF=2mA IF=15mA BAT42W, BAT43W IF=200mA IF=IR=10mA RL=100 IRR=1mA 5 (Typical) nS 0.26 30 500 0.40 0.65 0.33 0.45 1.0 Volts Limits Min Max Volts nA Unit
Reverse Leakage Current Forward Voltage
TRR
Reverse Recovery Time
C
Capacitance
VR=1V, f=1MHZ
7 (Typical)
pF
Nov 2008 Release, Revision B Page 1
BAT42W / BAT43W
TAK CHEONG
Typical Performance Characteristics
(R) PRELIMINARY
Total Capacitance
Forward Voltage vs Ambient Temperature
Nov 2008 Release, Revision B Page 2
TAK CHEONG
(R) PRELIMINARY
Reverse Current vs Reverse VoltageReverse
Nov 2008 Release, Revision B Page 3
TAK CHEONG
SOD-123 Package Outline
(R) PRELIMINARY
NOTE: The above package outline is similar to JEITA SC-90.
This datasheet presents technical data of Tak Cheong's Schottky Diodes. Complete specifications for the individual devices are provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of components required for a specific application. For additional information, please visit our website http://www.takcheong.com. Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak Cheong. Please consult your nearest Tak Cheong's sales office for further assistance. Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability, function or design, cost and productivity.
TAK CHEONG
(R)
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
Nov 2008 Release, Revision B Page 4


▲Up To Search▲   

 
Price & Availability of BAT42W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X