Part Number Hot Search : 
LM213XB TP76NXX OCH2548 ONDUC ICS8543 SGM8654 74LVC2 SMBJ33A
Product Description
Full Text Search
 

To Download B40C800G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B40C800G thru B380C800G
Vishay General Semiconductor
Glass Passivated Single-Phase Bridge Rectifier
FEATURES * Ideal for printed circuit boards * High case dielectric strength
+ ~ + - ~
e4
* High surge current capability * Typical IR less than 0.1 A
~
~
-
* Solder dip 260 C, 40 s * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS General purpose use in ac-to-dc bridge full wave rectification for power supply, adapter, charger, lighting ballaster on consumers and home appliances applications. MECHANICAL DATA Case: WOG Epoxy meets UL 94V-0 flammability rating Terminals: Silver plated leads, solderable per J-STD-002 and JESD22-B102 E4 suffix for consumer grade Polarity: As marked on body
Case Style WOG
PRIMARY CHARACTERISTICS
IF(AV) VRRM IFSM IR VF TJ max. 0.9 A 65 V to 600 V 45 A 10 A 1.0 V 125 C
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Maximum RMS input voltage R- and C-load Maximum average forward output current for free air operation at TA = 45 C Maximum non-repetitive peak voltage Maximum DC blocking voltage Maximum peak working voltage Maximum repetitive peak forward surge current Peak forward surge current single sine-wave on rated load Rating for fusing at TJ = 125 C (t < 100 ms) Minimum series resistor C-load at VRMS = 10 % Maximum load capacitance Operating junction temperature range Storage temperature range + 50 % - 10 % R- and L-load C-load SYMBOL VRRM VRMS IF(AV) VRSM VDC VRWM IFRM IFSM I2t Rt CL TJ TSTG 1.0 5000 2.0 2500 100 65 90 200 125 180 B40 C800G 65 40 B80 C800G 125 80 B125 C800G 200 125 0.9 0.8 350 200 300 10 45 10 4.0 1000 - 40 to + 125 - 40 to + 150 8.0 500 12 200 600 400 600 1000 600 900 B250 C800G 400 250 B380 C800G 600 380 UNIT V V A V V V A A A 2s F C C
Document Number: 88534 Revision: 15-Apr-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 1
B40C800G thru B380C800G
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Maximum instantaneous forward voltage drop per diode Maximum reverse current at rated repetitive peak voltage per diode TEST CONDITIONS 0.9 A SYMBOL VF IR B40 C800G B80 C800G B125 C800G 1.0 10 B250 C800G B380 C800G UNIT V A
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance (1) Note: (1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. at 0.375" (9.5 mm) lead lengths with 0.22 x 0.22" (5.5 x 5.5 mm) copper pads SYMBOL RJA RJL B40 C800G B80 C800G B125 C800G 36 11 B250 C800G B380 C800G UNIT C/W
ORDERING INFORMATION (Example)
PREFERRED P/N B380C800G-E4/51 UNIT WEIGHT (g) 1.12 PREFERRED PACKAGE CODE 51 BASE QUANTITY 100 DELIVERY MODE Plastic bag
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
1.0
1.0 50 to 60 Hz Resistive or Inductive Load 50 to 60 Hz Resistive or Inductive Load 0.8 Capacitive Load 0.6
Bridge Output Full Wave Rectified Current Average (A)
0.8
Capacitive Load
0.6
0 - 10 F 10 - 100 F > 100 F
Bridge Output Full Wave Rectified Current Average (A)
0 - 10 F 10 - 100 F > 100 F
0.4
0.375" (9.5 mm)
P.C.B.
0.4
0.375" (9.5 mm)
P.C.B.
0.2
Copper Pads 0.22 x 0.22" (5.5 x 5.5 mm)
0.2 Copper Pads 0.22 x 0.22" (5.5 x 5.5 mm) 0 0 20 40 60 80 100 120 140
0 0 20 40 60 80 100 120 140
Ambient Temperature (C)
Ambient Temperature (C)
Figure 1. Derating Curves Output Rectified Current for B40C800G...B125C800G
Figure 2. Derating Curves Output Rectified Current for B250C800G...B380C800G
www.vishay.com 2
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88534 Revision: 15-Apr-08
B40C800G thru B380C800G
Vishay General Semiconductor
50
10
40
Instantaneous Reverse Current (A)
Peak Forward Surge Current (A)
TJ = 25 C 10 ms Single Sine-Wave
1
TJ = 100 C
30
20
0.1
10 1.0 Cycle 0 1 10 100
TJ = 25 C 0.01 0 20 40 60 80 100
Number of Cycles at 50 Hz
Percent of Rated Peak Reverse Voltage (%)
Figure 3. Maximum Non-Repetitive Peak Forward Surge Current Per Diode
Instantaneous Forward Surge Current (A)
100 TJ = 25 C Pulse Width = 300 s 1 % Duty Cycle 10
Figure 5. Typical Reverse Characteristics Per Diode
100 TJ = 25 C f = 1.0 MHz Vsig = 50 mVp-p
Junction Capacitance (pF)
1.2
1
10
0.1
0.01 0.4
0.6
0.8
1.0
1.4
1 0.1
1
10
100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 4. Typical Forward Characteristics Per Diode
Figure 6. Typical Junction Capacitance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Case Style WOG
0.388 (9.86) 0.348 (8.84) 0.220 (5.6) 0.160 (4.1)
1.0 (25.4) MIN.
0.032 (0.81) 0.028 (0.71)
0.060 (1.52) 0.020 (0.51)
0.348 (8.84) 0.308 (7.82)
0.220 (5.6) 0.180 (4.6)
0.220 (5.6) 0.180 (4.6)
Document Number: 88534 Revision: 15-Apr-08
For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of B40C800G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X