Part Number Hot Search : 
BFQ75 APW7120 M28LV64 1008C 2SD1308 SR500 AAT1107 1N2SH
Product Description
Full Text Search
 

To Download AT49BV320S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Features
* Single Voltage Read/Write Operation: 2.65V to 3.6V * Access Time - 70 ns * Sector Erase Architecture
- Sixty-three 32K Word (64K Bytes) Sectors with Individual Write Lockout - Eight 4K Word (8K Bytes) Sectors with Individual Write Lockout Fast Word Program Time - 10 s Typical Sector Erase Time: 32K Word Sectors - 700 ms; 4K Word Sectors - 100 ms Suspend/Resume Feature for Erase and Program - Supports Reading and Programming from Any Sector by Suspending Erase of a Different Sector - Supports Reading Any Word by Suspending Programming of Any Other Word Low-power Operation - 10 mA Active - 15 A Standby VPP Pin for Write Protection and Accelerated Program Operations RESET Input for Device Initialization Softlock Sector Protection Secure Lock and Freeze Feature Top or Bottom Boot Block Configuration Available 128-bit Protection Register Minimum 100,000 Erase Cycles Common Flash Interface (CFI) CBGA Green (Pb/Halide-free/RoHS Compliant) Packaging
* * *
*
* * * * * * * * *
32-megabit (2M x 16) Secure 3-volt Only Memory AT49BV320S AT49BV320ST Summary (Complete Datasheet under NDA)
1. Description
The AT49BV320S(T) is a 2.7-volt 32-megabit Flash memory organized as 2,097,152 words of 16 bits each. The memory is divided into 71 sectors for erase operations. The device is offered in a 64-ball CBGA package. The device has CE and OE control signals to avoid any bus contention. This device can be read or reprogrammed using a single power supply, making it ideally suited for in-system programming. In some applications, in addition to the standard softlock sector protection mechanism, a requirement exists to allow for the permanent and irreversible locking of selected region in the memory. The AT49BV320S(T) allows the user to permanently lock eight regions, and once activated these secure regions cannot be altered or erased through Software or Hardware at any time. Once activated, no facility exists to over-ride the secure lock mechanism. The size of each secure region is 32K words, and the location of these regions is determined by the Top or Bottom Boot Block designation. The location of the secure regions is shown on pages 3 - 4. The secure regions can be locked in any sequence and at any time during normal device operation. If all eight regions are permanently locked, then program and erase operations in 1/8 of the memory will be disabled. Read operations can still be performed on any region that has the secure lock feature enabled. Full read and write operations, standard sector operations including standard Sector locking can be performed on all regions that are not secure locked.
NOTE: This is a summary document. The complete document is available under NDA. For more information, please contact your local Atmel sales office.
3532AS-FLASH-9/06
The AT49BV320S(T) device also contains a freeze feature that will freeze the lock status of the secure regions. The freeze feature prevents any further locking of the secure regions. If the user requires certain regions to be locked, then these regions must be programmed and locked prior to activation of the freeze command. It is important to note that enabling the freeze feature is irreversible.
2. Pin Configurations
Pin Name A0 - A20 CE OE WE RESET VPP I/O0 - I/O15 NC VCCQ Function Addresses Chip Enable Output Enable Write Enable Reset Write Protection and Power Supply for Accelerated Program Operations Data Inputs/Outputs No Connect Output Power Supply
2.1
64-lead CBGA Top View
1 2 3 4 5 6 7 8
A A0 B A1 C A2 D A3 E I/O8 F NC G NC H NC NC VCC VSS I/O13 VSS I/O7 NC NC I/O2 VCCQ I/O5 I/O6 I/O14 WE I/O0 I/010 I/O11 I/O12 NC NC OE I/O1 I/O9 I/O3 I/O4 NC I/O15 NC A4 A10 RESET NC NC A15 A16 A6 A9 A11 A14 NC A19 A20 VSS A8 CE A13 NC A18 NC A5 A7 VPP A12 VCC A17 NC
2
AT49BV320S(T) Summary
3532AS-FLASH-9/06
AT49BV320S(T) Summary
3. AT49BV320S - Sector Address Table
Secure Region (SCR) Sector SA0 SA1 SA2 0 SA3 SA4 SA5 SA6 SA7 1 2 3 4 5 6 7 SA8 SA9 SA10 SA11 SA12 SA13 SA14 SA15 SA16 SA17 SA18 SA19 SA20 SA21 SA22 SA23 SA24 SA25 SA26 SA27 SA28 SA29 SA30 SA31 SA32 SA33 SA34 Size (Bytes/Words) 8K/4K 8K/4K 8K/4K 8K/4K 8K/4K 8K/4K 8K/4K 8K/4K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K Address Range (A20 - A0) 00000 - 00FFF 01000 - 01FFF 02000 - 02FFF 03000 - 03FFF 04000 - 04FFF 05000 - 05FFF 06000 - 06FFF 07000 - 07FFF 08000 - 0FFFF 10000 - 17FFF 18000 - 1FFFF 20000 - 27FFF 28000 - 2FFFF 30000 - 37FFF 38000 - 3FFFF 40000 - 47FFF 48000 - 4FFFF 50000 - 57FFF 58000 - 5FFFF 60000 - 67FFF 68000 - 6FFFF 70000 - 77FFF 78000 - 7FFFF 80000 - 87FFF 88000 - 8FFFF 90000 - 97FFF 98000 - 9FFFF A0000 - A7FFF A8000 - AFFFF B0000 - B7FFF B8000 - BFFFF C0000 - C7FFF C8000 - CFFFF D0000 - D7FFF D8000 - DFFFF
3. AT49BV320S - Sector Address Table (Continued)
Sector SA35 SA36 SA37 SA38 SA39 SA40 SA41 SA42 SA43 SA44 SA45 SA46 SA47 SA48 SA49 SA50 SA51 SA52 SA53 SA54 SA55 SA56 SA57 SA58 SA59 SA60 SA61 SA62 SA63 SA64 SA65 SA66 SA67 SA68 SA69 SA70 Size (Bytes/Words) 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K Address Range (A20 - A0) E0000 - E7FFF E8000 - EFFFF F0000 - F7FFF F8000 - FFFFF 100000 - 107FFF 108000 - 10FFFF 110000 - 117FFF 118000 - 11FFFF 120000 - 127FFF 128000 - 12FFFF 130000 - 137FFF 138000 - 13FFFF 140000 - 147FFF 148000 - 14FFFF 150000 - 157FFF 158000 - 15FFFF 160000 - 167FFF 168000 - 16FFFF 170000 - 177FFF 178000 - 17FFFF 180000 - 187FFF 188000 - 18FFFF 190000 - 197FFF 198000 - 19FFFF 1A0000 - 1A7FFF 1A8000 - 1AFFFF 1B0000 - 1B7FFF 1B8000 - 1BFFFF 1C0000 - 1C7FFF 1C8000 - 1CFFFF 1D0000 - 1D7FFF 1D8000 - 1DFFFF 1E0000 - 1E7FFF 1E8000 - 1EFFFF 1F0000 -1F7FFF 1F8000 - 1FFFF
3
3532AS-FLASH-9/06
4. AT49BV320ST - Sector Address Table
Sector SA0 SA1 SA2 SA3 SA4 SA5 SA6 SA7 SA8 SA9 SA10 SA11 SA12 SA13 SA14 SA15 SA16 SA17 SA18 SA19 SA20 SA21 SA22 SA23 SA24 SA25 SA26 SA27 SA28 SA29 SA30 SA31 SA32 SA33 SA34 Size (Bytes/Words) 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K Address Range (A20 - A0) 00000 - 07FFF 08000 - 0FFFF 10000 - 17FFF 18000 - 1FFFF 20000 - 27FFF 28000 - 2FFFF 30000 - 37FFF 38000 - 3FFFF 40000 - 47FFF 48000 - 4FFFF 50000 - 57FFF 58000 - 5FFFF 60000 - 67FFF 68000 - 6FFFF 70000 - 77FFF 78000 - 7FFFF 80000 - 87FFF 88000 - 8FFFF 90000 - 97FFF 98000 - 9FFFF A0000 - A7FFF A8000 - AFFFF B0000 - B7FFF B8000 - BFFFF C0000 - C7FFF C8000 - CFFFF D0000 - D7FFF D8000 - DFFFF E0000 - E7FFF E8000 - EFFFF F0000 - F7FFF F8000 - FFFFF 100000 - 107FFF 108000 - 10FFFF 110000 - 117FFF
4. AT49BV320ST - Sector Address Table (Continued)
Secure Region (SCR) Sector SA35 SA36 SA37 SA38 SA39 SA40 SA41 SA42 SA43 SA44 SA45 SA46 SA47 SA48 SA49 SA50 SA51 SA52 SA53 SA54 SA55 7 6 5 4 3 2 1 SA56 SA57 SA58 SA59 SA60 SA61 SA62 SA63 SA64 SA65 0 SA66 SA67 SA68 SA69 SA70 Size (Bytes/Words) 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 64K/32K 8K/4K 8K/4K 8K/4K 8K/4K 8K/4K 8K/4K 8K/4K 8K/4K Address Range (A20 - A0) 118000 - 11FFFF 120000 - 127FFF 128000 - 12FFFF 130000 - 137FFF 138000 - 13FFFF 140000 - 147FFF 148000 - 14FFFF 150000 - 157FFF 158000 - 15FFFF 160000 - 167FFF 168000 - 16FFFF 170000 - 177FFF 178000 - 17FFFF 180000 - 187FFF 188000 - 18FFFF 190000 - 197FFF 198000 - 19FFFF 1A0000 - 1A7FFF 1A8000 - 1AFFFF 1B0000 - 1B7FFF 1B8000 - 1BFFFF 1C0000 - 1C7FFF 1C8000 - 1CFFFF 1D0000 - 1D7FFF 1D8000 - 1DFFFF 1E0000 - 1E7FFF 1E8000 - 1EFFFF 1F0000 - 1F7FFF 1F8000 - 1F8FFF 1F9000 - 1F9FFF 1FA000 - 1FAFFF 1FB000 - 1FBFFF 1FC000 - 1FCFFF 1FD000 - 1FDFFF 1FE000 - 1FEFFF 1FF000 - 1FFFFF
4
AT49BV320S(T) Summary
3532AS-FLASH-9/06
AT49BV320S(T) Summary
5. Packaging Information
5.1 64C1 - CBGA
D
0.12 C
C Seating Plane
E
Side View
Top View
A
A1
1.0 mm Ref
8 7 6
D1
5 4 3 2 1
A B C D E F G
E1
COMMON DIMENSIONS (Unit of Measure = mm) SYMBOL A A1 MIN - 0.23 8.90 NOM - - 9.00 7.0 TYP 9.90 10.00 7.0 TYP 1.0 TYP 0.35 TYP 10.10 MAX 1.00 - 9.10 NOTE
e
H
1.50 mm Ref
e Ob
D D1
Bottom View
E E1 e
Ob
1/25/05 2325 Orchard Parkway San Jose, CA 95131 TITLE 64C1, 64-ball (8 x 8 Array), 9 x 10 x 1.0 mm Body, 1.0 mm Ball Pitch Chip-scale Ball Grid Array Package (CBGA) DRAWING NO. 64C1 REV. B
R
5
3532AS-FLASH-9/06
Atmel Corporation
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 487-2600
Atmel Operations
Memory
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314
RF/Automotive
Theresienstrasse 2 Postfach 3535 74025 Heilbronn, Germany Tel: (49) 71-31-67-0 Fax: (49) 71-31-67-2340 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759
Regional Headquarters
Europe
Atmel Sarl Route des Arsenaux 41 Case Postale 80 CH-1705 Fribourg Switzerland Tel: (41) 26-426-5555 Fax: (41) 26-426-5500
Microcontrollers
2325 Orchard Parkway San Jose, CA 95131, USA Tel: 1(408) 441-0311 Fax: 1(408) 436-4314 La Chantrerie BP 70602 44306 Nantes Cedex 3, France Tel: (33) 2-40-18-18-18 Fax: (33) 2-40-18-19-60
Biometrics/Imaging/Hi-Rel MPU/ High-Speed Converters/RF Datacom
Avenue de Rochepleine BP 123 38521 Saint-Egreve Cedex, France Tel: (33) 4-76-58-30-00 Fax: (33) 4-76-58-34-80
Asia
Room 1219 Chinachem Golden Plaza 77 Mody Road Tsimshatsui East Kowloon Hong Kong Tel: (852) 2721-9778 Fax: (852) 2722-1369
ASIC/ASSP/Smart Cards
Zone Industrielle 13106 Rousset Cedex, France Tel: (33) 4-42-53-60-00 Fax: (33) 4-42-53-60-01 1150 East Cheyenne Mtn. Blvd. Colorado Springs, CO 80906, USA Tel: 1(719) 576-3300 Fax: 1(719) 540-1759 Scottish Enterprise Technology Park Maxwell Building East Kilbride G75 0QR, Scotland Tel: (44) 1355-803-000 Fax: (44) 1355-242-743
Japan
9F, Tonetsu Shinkawa Bldg. 1-24-8 Shinkawa Chuo-ku, Tokyo 104-0033 Japan Tel: (81) 3-3523-3551 Fax: (81) 3-3523-7581
Literature Requests
www.atmel.com/literature
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel products. EXCEPT AS SET FORTH IN ATMEL'S TERMS AND CONDITIONS OF SALE LOCATED ON ATMEL'S WEB SITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT, INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS OF PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and reserves the right to make changes to specifications and product descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not suitable for, and shall not be used in, automotive applications. Atmel's products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
(c) 2006 Atmel Corporation. All rights reserved. Atmel (R), logo and combinations thereof, Everywhere You Are(R) and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. Other terms and product names may be trademarks of others.
3532AS-FLASH-9/06


▲Up To Search▲   

 
Price & Availability of AT49BV320S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X