Part Number Hot Search : 
IRU431L M1FS6 CMZ5342 3V10X 500ET SW610 M51981ML SC461
Product Description
Full Text Search
 

To Download ADS-118 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
(R)
ADS-118, ADS-118A
12-Bit, 5MHz, Low-Power Sampling A/D Converters
INNOVATION and EXCELLENCE
FEATURES
* * * * * * * * * * 12-bit resolution 5MHz minimum sampling rate Functionally complete Small 24-pin DDIP Requires only 5V supplies Low-power, 1.8 Watts Outstanding dynamic performance No missing codes over full military temperature range Edge-triggered, no pipeline delay Ideal for both time and frequency-domain applications
GENERAL DESCRIPTION
DATEL's ADS-118 and ADS-118A are 12-bit, 5MHz, sampling A/D converters packaged in space-saving 24-pin DDIP's. The ADS-118 offers an input range of 1V and has three-state outputs. The ADS-118A has an input range of 1.25V and features direct adjustment of offset error. These functionally complete low-power devices (1.8 Watts) contain an internal fast-settling sample/hold amplifier, a 12-bit subranging A/D converter, a precise voltage reference, timing/ control logic, and error-correction circuitry. All timing and control logic operates from the rising edge of a single start convert pulse. Digital input and output levels are TTL. Models are available for use in either commercial (0 to +70C) or military (-55 to +125C) operating temperature ranges. Applications include radar, transient signal analysis, process control, medical/graphic imaging, and FFT spectrum analysis.
INPUT/OUTPUT CONNECTIONS
PIN 1 2 3 4 5 6 7 8 9 10 11 12 FUNCTION BIT 12 (LSB) BIT 11 BIT 10 BIT 9 BIT 8 BIT 7 BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 (MSB) PIN 24 23 22 21 20 19 18 17 * 16 15 14 13 FUNCTION NO CONNECTION ANALOG GROUND NO CONNECTION +5V ANALOG SUPPLY -5V SUPPLY ANALOG INPUT ANALOG GROUND ENABLE/OFFSET ADJ. START CONVERT EOC DIGITAL GROUND +5V DIGITAL SUPPLY
* ADS-118, Pin 17 is ENABLE ADS-118A, Pin 17 is OFFSET ADJUST
OFFSET ADJUST 17 (ADS-118A only) BUFFER S/H + FLASH ADC 1
REGISTER
17 ENABLE (ADS-118A only)
ANALOG INPUT 19
-
12 BIT 1 (MSB) 11 BIT 2
DIGITAL CORRECTION LOGIC 3-STATE OUTPUT REGISTER
10 BIT 3 9 8 7 6 5 4 3 2 1 BIT 4 BIT 5 BIT 6 BIT 7 BIT 9 BIT 9 BIT 10 BIT 11 BIT 12 (LSB)
REF
S
DAC
AMP
FLASH ADC 2
START CONVERT 16 EOC 15
TIMING AND CONTROL LOGIC
21 +5V ANALOG SUPPLY
REGISTER
13 +5V DIGITAL SUPPLY
14 DIGITAL GROUND
20 -5V SUPPLY
18, 23 ANALOG GROUND
22, 24 NO CONNECT
Figure 1. ADS-118/118A Functional Block Diagram
DATEL, Inc., 11 Cabot Boulevard, Mansfield, MA 02048-1151 (U.S.A.) * Tel: (508) 339-3000 Fax: (508) 339-6356 * For immediate assistance: (800) 233-2765
(R)
(R)
ADS-118/118A
ABSOLUTE MAXIMUM RATINGS
PARAMETERS +5V Supply (Pins 13, 21) -5V Supply (Pin 20) Digital Input (Pin 16, 17) Analog Input (Pin 19) Lead Temperature (10 seconds) LIMITS 0 to +6 0 to -6 -0.3 to +VDD +0.3 5 +300 UNITS Volts Volts Volts Volts C
PHYSICAL/ENVIRONMENTAL
PARAMETERS Operating Temp. Range, Case ADS-118/118AMC ADS-118/118AMM, GM, 883 Thermal Impedance jc ca Storage Temperature Range Package Type Weight MIN. 0 -55 TYP. -- -- MAX. +70 +125 UNITS C C
-- 2 -- C/Watt -- 23 -- C/Watt -65 -- +150 C 24-pin, metal-sealed, ceramic DDIP or SMT 0.42 ounces (12 grams)
FUNCTIONAL SPECIFICATIONS
(TA = +25C, VDD = 5V, 5MHz sampling rate, and a minimum 3 minute warmup unless otherwise specified.) +25C ANALOG INPUT Input Voltage Range, ADS-118 Input Resistance Input Capacitance DIGITAL INPUT Logic Levels Logic "1" Logic "0" Logic Loading "1" Logic Loading "0" Start Convert Positive Pulse Width STATIC PERFORMANCE Resolution Integral Nonlinearity (fin = 10kHz) Differential Nonlinearity (fin = 10kHz) Full Scale Absolute Accuracy Bipolar Zero Error (Tech Note 2) Bipolar Offset Error (Tech Note 2) Gain Error (Tech Note 2) No Missing Codes (fin = 10kHz) DYNAMIC PERFORMANCE Peak Harmonics (-0.5dB) dc to 500kHz 500kHz to 1MHz 1MHz to 2.5MHz Total Harmonic Distortion (-0.5dB) dc to 500kHz 500kHz to 1MHz 1MHz to 2.5MHz Signal-to-Noise Ratio (w/o distortion, -0.5dB) dc to 500kHz 500kHz to 1MHz 1MHz to 2.5MHz Signal-to-Noise Ratio (& distortion, -0.5dB) dc to 500kHz 500kHz to 1MHz 1MHz to 2.5MHz Noise Two-tone Intermodulation Distortion (fin = 1MHz, 975kHz, fs = 5MHz, -0.5dB) Input Bandwidth (-3dB) Small Signal (-20dB input) Large Signal (-0.5dB input) Feedthrough Rejection (fin = 2.5MHz) Slew Rate Aperture Delay Time Aperture Uncertainty -- -- -- -- -- -- 67 66 66 65 65 64 -- -- -- -- -- -- -- -- -76 -75 -69 -72 -71 -70 69 69 69 68 68 67 195 -74 20 10 80 400 +10 3 -71 -71 -69 -68 -67 -66 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 66 65 65 64 64 63 -- -- -- -- -- -- -- -- -74 -74 -73 -71 -70 -69 69 68 68 67 67 66 195 -74 20 10 80 400 +10 3 -70 -70 -67 -67 -66 -65 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 64 63 63 62 61 60 -- -- -- -- -- -- -- -- -72 -70 -66 -70 -67 -66 67 66 66 66 65 64 195 -74 20 10 80 400 +10 3 -66 -65 -60 -65 -63 -60 -- -- -- -- -- -- -- -- -- -- -- -- -- -- dB dB dB dB dB dB dB dB dB dB dB dB Vrms dB MHz MHz dB V/s ns ps rms -- -- -- -- -- -- -- 12 12 0.75 0.5 0.1 0.1 0.1 0.1 -- -- -- +0.75 0.5 0.5 0.5 0.5 -- -- -- -- -- -- -- -- 12 12 1.0 0.5 0.5 0.5 0.5 0.5 -- -- -- 0.95 0.75 0.85 1.5 1.0 -- -- -- -- -- -- -- -- 12 12 1.5 0.75 0.75 0.85 1.5 1.0 -- -- -- +0.95 1.5 2.0 2.5 2.5 -- Bits LSB LSB %FSR %FSR %FSR % Bits +2.0 -- -- -- 50 -- -- -- -- 100 -- +0.8 +20 -20 -- +2.0 -- -- -- 50 -- -- -- -- 100 -- +0.8 +20 -20 -- +2.0 -- -- -- 50 -- -- -- -- 100 -- +0.8 +20 -20 -- Volts Volts A A ns MIN. -- 475 -- TYP. 1 500 6 MAX. -- -- 15 MIN. -- 475 -- 0 to +70C TYP. 1 500 6 MAX. -- -- 15 MIN. -- 475 -- -55 to +125C TYP. 1 500 6 MAX. -- -- 15 UNITS Volts pF
2
(R)
(R)
ADS-118/118A
+25C DYNAMIC PERFORMANCE (Cont.) S/H Acquisition Time ( to 0.001%FSR, 10V step) Overvoltage Recovery Time A/D Conversion Rate DIGITAL OUTPUTS Logic Levels Logic "1" Logic "0" Logic Loading "1" Logic Loading "0" Delay, Falling Edge of EOC to Output Data Valid Delay, Falling Edge of ENABLE to Output Data Valid Output Coding POWER REQUIREMENTS Power Supply Ranges +5V Supply -5V Supply Power Supply Currents +5V Supply -5V Supply Power Dissipation Power Supply Rejection +4.75 -4.75 -- -- -- -- +5.0 -5.0 +205 -180 1.8 -- +5.25 -5.25 +220 -205 2.1 0.1 +4.75 -4.75 -- -- -- -- +2.4 -- -- -- -- -- -- -- -- -- -- -- -- +0.4 -4 +4 20 10 +2.4 -- -- -- -- -- MIN. -- -- 5 TYP. 85 200 -- MAX. 90 -- -- MIN. -- -- 5
0 to +70C TYP. 85 200 -- MAX. 90 -- -- MIN. -- -- 5
-55 to +125C TYP. 85 200 -- MAX. 90 -- -- UNITS ns ns MHz
-- -- -- -- --
-- +0.4 -4 +4 20
+2.4 -- -- -- -- --
-- -- -- -- -- --
-- +0.4 -4 +4 20 10
Volts Volts mA mA MHz MHz
-- 10 Offset Binary
+5.0 -5.0 +205 -180 1.8 --
+5.25 -5.25 +220 -205 2.1 0.1
+4.9 -4.9 -- -- -- --
+5.0 -5.0 +205 -180 1.8 --
+5.25 -5.25 +220 -205 2.1 0.1
Volts Volts mA mA Watts %FSR/%V
Footnotes:
All power supplies should be on before applying a start convert pulse. All supplies and the clock (start convert pulses) must be present during warmup periods. The device must be continuously converting during this time. Input voltage ranges for ADS-118A is 1.25V A 100ns wide start convert pulse is used for all production testing. For applications requiring less than an 5MHz sampling rate, wider start convert pulses can be used. NOTE: The device only requires the rising edge of a start convert pulse to operate. Effective bits is equal to:
(SNR + Distortion) - 1.76 + 20 log 6.02 Full Scale Amplitude Actual Input Amplitude
This is the time required before the A/D output data is valid once the analog input is back within the specified range. The minimum supply voltages of +4.9V and -4.9V for VDD are required for -55C operation only. The minimum limits are +4.75V and -4.75V when operating at +125C
TECHNICAL NOTES 1. Obtaining fully specified performance from the ADS-118 requires careful attention to pc-card layout and power supply decoupling. The device's analog and digital ground systems are connected to each other internally. For optimal performance, tie all ground pins (14, 18, and 23) directly to a large analog ground plane beneath the package. Bypass all power supplies to ground with 4.7F tantalum capacitors in parallel with 0.1F ceramic capacitors. Locate the bypass capacitors as close to the unit as possible. 2. The ADS-118 achieves its specified accuracies without the need for external calibration. If required, the device's small initial offset and gain errors can be reduced to zero using the adjustment circuitry shown in Figures 2a and 2b. For operation without adjustment, tie pin 17 to analog ground. When using this circuitry, or any similar offset and gaincalibration hardware, make adjustments following warmup. To avoid interaction, always adjust offset before gain. 3. To enable the three-state outputs, connect ENABLE (pin 17) to a logic "0" (low). To disable, connect pin 17 to logic "1" (high). The three-state outputs are permanently enabled in the ADS-118A. 4. Applying a start convert pulse while a conversion is in progress (EOC = logic "1") will initiate a new and inaccurate conversion cycle.
3
(R)
(R)
ADS-118/118A
CALIBRATION PROCEDURE Any offset and/or gain calibration procedures should not be implemented until devices are fully warmed up. To avoid interaction, offset must be adjusted before gain. The ranges of adjustment for the circuits in Figures 2a and 2b are guaranteed to compensate for the ADS-118's initial accuracy errors and may not be able to compensate for additional system errors. A/D converters are calibrated by positioning their digital outputs exactly on the transition point between two adjacent digital output codes. This can be accomplished by connecting LED's to the digital outputs and adjusting until certain LED's "flicker" equally between on and off. Other approaches employ digital comparators or microcontrollers to detect when the outputs change from one code to the next. For the ADS-118, offset adjusting is normally accomplished at the point where the MSB is a 1 and all other output bits are 0's and the LSB just changes from a 0 to a 1. This digital output transition ideally occurs when the applied analog input is +1/2LSB (+244V for ADS-118; +305V for ADS-118A). Gain adjusting is accomplished when all bits are 1's and the LSB just changes from a 1 to a 0. This transition ideally occurs when the analog input is at +full scale minus 11/2 LSB's (+0.99927V for ADS-118; +1.249085V for ADS-118A). Zero/Offset Adjust Procedure 1. Apply a train of pulses to the START CONVERT input (pin 16) so the converter is continuously converting. 2. Apply +244V (ADS-118) or +305V (ADS-118A) to the ANALOG INPUT (pin 19). 3. Adjust the offset potentiometer until the output bits are 1000 0000 00000 and the LSB flickers between 0 and 1. Gain Adjust Procedure 1. Apply +0.99927V (ADS-118) or +1.249085V (ADS-118A) to the ANALOG INPUT (pin 19). 2. Adjust the gain potentiometer until all output bits are 1's and the LSB flickers between 1 and 0. 3. To confirm proper operation of the device, vary the input signal to obtain the output coding listed in Table 1.
Table 1. Output Coding for Bipolar Operation ADS-118 INPUT RANGE (1V ) +0.99951V +0.75000V +0.50000V 0.00000V -0.50000V -0.75000V -0.99951V -1.00000V OUTPUT CODING OFFSET BINARY MSB LSB 1111 1111 1111 1110 0000 0000 1100 0000 0000 1000 0000 0000 0100 0000 0000 0010 0000 0000 0000 0000 0001 0000 0000 0000 ADS-118A INPUT RANGE (1.25V ) +1.2494V +0.9375V +0.6250V 0.0000V -0.6250V -0.9375V -1.2494V -1.2500V
BIPOLAR SCALE +FS -1 LSB +3/4 FS +1/2 FS 0 -1/2 FS -3/4 FS -FS +1 LSB -FS
+15V ZERO/ OFFSET ADJUST 20k 1.2M 2k
GAIN ADJUST
SIGNAL INPUT
GAIN ADJUST +15V 1.98k
50
To Pin19 of ADS-118A
-15V
Potentiometer is at 25 during the device's factory trim procedure.
SIGNAL INPUT 50
+15V (or +5V)
To Pin19 of ADS-118 -15V
ZERO/ OFFSET ADJUST
20k To Pin17 of ADS-118A
-15V (or -5V)
Figure 2a. Optional ADS-118 External Gain and Offset Adjust Circuits
Figure 2b. Optional ADS-118A Gain and Offset Adjust Circuits
4
(R)
(R)
ADS-118/118A
14 A
+5V
+
4.7F
0.1F 13, 21
5V 4.7F 0.1F
20
ADS-118 ADS-118A
18, 23
ANALOG INPUT START CONVERT
19
16
12 BIT 1 (MSB) 11 BIT 2 10 BIT 3 9 BIT 4 8 BIT 5 7 BIT 6 6 BIT 7 5 BIT 8 4 BIT 9 3 BIT 10 2 BIT 11 1 BIT 12 (LSB) 15 EOC 17 ENABLE (1-12) or OFFSET ADJUST
A A single +5V supply should be used for both the +5V analog and +5V digital. If separate supplies are used, the difference between the two cannot exceed 100mV.
+
Figure 3. Typical Connection Diagram
N START CONVERT 100ns typ.
N+1
10ns typ. INTERNAL S/H Hold
Acquisition Time 85ns typ. 90ns max. 35ns min., 40ns typ., 50ns max.
30ns, 5ns EOC Conversion Time 140ns typ., 150ns max. 20ns typ. OUTPUT DATA DATA N-1 VALID 130ns min. 150ns typ. INVALID DATA 50ns typ. 70ns max. DATA N VALID INVALID DATA Note: Scale is approximately 10ns per division.
Figure 4. ADS-118/118A Timing Diagram
5
(R)
(R)
ADS-118/118A
THERMAL REQUIREMENTS
All DATEL sampling A/D converters are fully characterized and specified over operating temperature (case) ranges of 0 to +70C and -55 to +125C. All room temperature (TA = +25C) production testing is performed without the use of heat sinks or forced air cooling. Thermal impedance figures for each device are listed in their respective specification tables. These devices do not normally require heat sinks, however, standard precautionary design and layout procedures should be used to ensure devices do not overheat. The ground and power planes beneath the package, as well as all pcb signal runs to and from the device, should be as heavy as possible to help conduct heat away from the package.
0 -10
Electrically-insulating, thermally-conductive "pads" may be installed underneath the package. Devices should be soldered to boards rather than socketed, and of course, minimal air flow over the surface can greatly help reduce the package temperature. In more severe ambient conditions, the package/junction temperature of a given device can be reduced dramatically (typically 35%) by using one of DATEL's HS Series heat sinks. See Ordering Information for the assigned part number. See page 1-183 of the DATEL Data Acquisition Components Catalog for more information on the HS Series. Request DATEL Application Note AN8, "Heat Sinks for DIP Data Converters", or contact DATEL directly, for additional information.
Amplitude Relative to Full Scale (dB)
-20 -30 -40 -50 -60 -70 -80 -90 -100 -110 -120 -130 0 250 kHz 500 kHz 750 kHz 1 MHz 1.25 MHz 1.5 MHz 1.75 MHz 2 MHz 2.25 MHz 2.5 MHz
Frequency (fs = 5MHz, fin = 2.45MHz, Vin = -0.5dB, 4,096-point FFT)
Figure 5. FFT Analysis of ADS-118
+0.67
DNL (LSB's) Number of Occurences
0
0.47 0 Digital Output Code 4096
0
Digital Output Code
4096
Figure 6. ADS-118 Histogram and Differential Nonlinearity
6
+15V
(R)
P3 NOTES: START CONVERT 1 C22 4.7MF + 19 34 32 30 B1 B2 B3 B4 B5 28 (MSB) 26 24 22 20 1 18 17 16 15 14 13 12 + C21 0.1MF 2Q 3Q 4Q 5Q 6Q 7Q 8Q OE 10 P1 +5VF C16 2.2MF + 1Q 2Q 3Q 4Q 5Q 6Q 7Q 9 3 74HCT86 7 +5VF 11 8D LE 10 8Q OE 19 18 17 16 15 14 13 12 1 JPR4 2 1 3 B6 B7 B8 B9 B10 B11 B12 18 16 14 12 10 8 6 (LSB) 4 2 17 15 13 11 9 7 5 3 1 JPR3 3 7 ADS-118/119 +5V 13 +5VD B1 B2 B3 B4 B5 U1 +5VA B7 B8 B9 B10 B11 B12 1 2 3 4 5 ENABLE -5V AGND AGND EOC 6 B6 7 8 +5VF LE 9 11 10 11 DGND TRIG ANAIN 14 16 19 24 22 +5V 17 20 -5V 18 23 15 21 12 C18 R7 .1MF OPTION JPR5 1 2 3 +5VA 118A 119A JPR6 JPR1 118A 119A 2 3 -5VA JPR2 1 2 3 4 118 119 +5V SEE NOTE 2 C19 50 118 119 1 2 X1 14 8 FOR ADS-118/118A 5MHZ FOR ADS-119 10MHZ +5VF 1Q 33 31 29 C17 2.2MF +5VF 2
1
R2 20K
2
R6 1.2M 1. UNLESS OTHERWISE SPECIFIED ALL CAPACITORS ARE 50V C1-C6 ARE 20V ALL RESISTORS ARE IN OHMS 2. AS AN OPTION, COXIAL CABLE BETWEEN THESE TWO POINTS.
SG4
3
C20
-15V
OPTIONAL
R4 2K
(R)
+15V
+5VA
27 25 23 21 19
SG5
SG6
R5 1.98K 10
4
11
74HCT573 20 2 1D 3 2D 4 3D 5 4D 6 5D U3 7 6D 8 7D 9 8D
1
2
SG9
5
U4
6
R1 500
GAIN
3 1 R3 20K
SEE NOTE 2 0.1MF OPTION 118A 119 OFFSET
SG7
SG8
-15V
-5VA
7
C7 2.2MF +5VF C15 0.1MF +5VA C14 .01MF +15V C13 0.01MF -15V C12 0.01MF +5V C10 0.01MF +5VF C8 0.01MF 9 10 74HCT86 U5 8 2 L3 U5 1 14 -5VA C11 0.01MF 20MHY C1 2.2MF L2 -5V C9 0.01MF 4 5 12 13 U5 74HCT86 U5 SPARE GATES 11 6 20MHY C3 2.2MF L1 C4 2.2MF SG1 SG2 SG3 20MHY C2 2.2MF
P4
ANALOG INPUT
P2
L7, 20MHY
2
1
4
3
L6
6
5
8
7
20MHY C6 L5 2.2MF
74HCT573 20 2 1D 3 2D 4 3D 5 4D 6 5D U2 7 6D 8 7D
10
9
12
11
14
13
20MHY C5 2.2MF
L4
16
15
20MHY
18
17
20
19
22
21
24
23
26
25
ADS-118/118A
Figure 7. ADS-118/118A Evaluation Board Schematic (ADS-B118)
(R)
(R)
ADS-118/118A
MECHANICAL DIMENSIONS INCHES (mm)
24-Pin DDIP Versions
24 1.31 MAX. (33.27) Dimension Tolerances (unless otherwise indicated): 2 place decimal (.XX) 0.010 (0.254) 3 place decimal (.XXX) 0.005 (0.127) 0.80 MAX. (20.32) 1 12 Lead Material: Kovar alloy Lead Finish: 50 microinches (minimum) gold plating over 100 microinches (nominal) nickel plating
13
ADS-118MC ADS-118MM ADS-118AMC ADS-118AMM
0.100 TYP. (2.540) 1.100 (27.940) 0.235 MAX. (5.969) PIN 1 INDEX
0.200 MAX. (5.080)
0.010 (0.254) 0.190 MAX. (4.826) 0.018 0.002 (0.457) 0.100 (2.540) 0.040 (1.016)
+0.002 -0.001
SEATING PLANE 0.025 (0.635)
0.600 0.010 (15.240)
0.100 (2.540)
1.31 MAX. (33.02)
24-Pin Surface Mount Versions
24
13
Dimension Tolerances (unless otherwise indicated): 2 place decimal (.XX) 0.010 (0.254) 3 place decimal (.XXX) 0.005 (0.127)
0.80 MAX. (20.32)
Lead Material: Kovar alloy Lead Finish: 50 microinches (minimum) gold plating over 100 microinches (nominal) nickel plating
1
12
0.190 MAX. (4.826)
0.020 TYP. (0.508) PIN 1 INDEX
0.060 TYP. (1.524) 0.130 TYP. (3.302)
0.015 (0.381) MAX. radius for any pin
0.100 (2.540) 0.100 TYP. (2.540) 0.040 (1.016)
0.020 (0.508)
0.010 TYP. (0.254)
ORDERING INFORMATION
OPERATING MODEL NUMBER TEMP. RANGE ADS-118MC ADS-118MM ADS-118AMC ADS-118AMM 0 to +70C -55 to +125C 0 to +70C -55 to +125C 24-PIN PACKAGE DDIP DDIP SMT SMT ACCESSORIES ADS-B118 HS-24 Evaluation Board (without ADS-118) Heat Sink for all ADS-118 DDIP models
Receptacles for PC board mounting can be ordered through AMP, Inc., Part # 3-331272-8 (Component Lead Socket), 24 required. For MIL-STD-883 product, or surface mount packaging, contact DATEL.
(R)
(R)
INNOVATION and EXCELLENCE
ISO 9001
REGISTERED
DS-0231F
2/06
DATEL makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. The DATEL logo is a registered DATEL, Inc. trademark.


▲Up To Search▲   

 
Price & Availability of ADS-118

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X