Part Number Hot Search : 
S12KC20 DTA113Z ICM7620 NJU7032 6N138WV ICM7620 S8430 01K400
Product Description
Full Text Search
 

To Download A1215D-2W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A_D-2W & B_D-2W Series
2W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
RoHS
FEATURES High Efficiency up to 86% 1KVDC Isolation DIP Package Internal SMD Construction Temperature Range: -40C to +85C No Heat sink Required Internal SMD construction Industry Standard Pinout RoHS Compliance
PRODUCT PROGRAM
Input Part Number B0303D-2W A0505D-2W A0509D-2W A0512D-2W A0515D-2W B0503D-2W B0505D-2W B0509D-2W 5 4.5-5.5 Voltage (VDC) Nominal 3.3 Range 3.0-3.6 Voltage (VDC) Output Current (mA) Max 400 200 111 83 67 400 400 222 167 133 200 111 83 67 400 222 167 133 200 200 111 83 67 42 400 222 167 133 84 Min 40 20 12 9 7 40 40 23 17 14 20 12 9 7 40 23 17 14 20 20 12 9 7 5 40 23 17 14 10 Efficiency Certificate (%, Typ)
3.3
5 9 12 15
73
82 85 86 82 UL UL UL UL UL CE UL CE UL CE UL CE UL UL UL UL UL CE UL CE UL CE UL CE UL UL UL UL UL CE UL CE UL CE UL CE
APPLICATIONS
The A_D-2W & B_D-2W Series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is fixed (voltage variation 10%); 2) Where isolation is necessary between input and output (isolation voltage 1000VDC); 3) Where the regulation of the output voltage and the output ripple noise are not demanding. Such as: purely digital circuits, ordinary low frequency analog circuits, and IGBT power device driving circuits.
B0512D-2W B0515D-2W A1205D-2W A1209D-2W A1212D-2W A1215D-2W B1205D-2W B1209D-2W B1212D-2W B1215D-2W A1505D-2W A2405D-2W A2409D-2W A2412D-2W A2415D-2W A2424D-2W B2405D-2W B2409D-2W B2412D-2W 24 21.6-26.4 15 13.5-16.5 12 10.8-13.2
3.3 5 9 12 15
5 9 12 15
74 81 84 83 84
81 84 86 82
5 9 12 15
5 5 9 12 15 24
81 82 85 82
80 80 84 84 84 85
MODEL SELECTION
B2415D-2W B2424D-2W
A0505D-2W
Ra te d Po we r Pa c k ag e Sty le O u tp u t Vo lta g e In pu t Vo ltag e Pro d u c t Se rie s
5 9 12 15 24
80 83 84 84 84
Note: The A_S_1W/B_LS_1W series also are available in our company.
COMMON SPECIFICATIONS
Item Test conditions Min Typ Max Units Operating Temp. Range -40 85 C Storage Temp. Range -55 125 Storage humidity range 95 % Cooling Free air convection Temp. rise at full load 15 25 C Lead temperature 1.5mm from case for 10 seconds 300 Isolation voltage Tested for 1 minute and 1 mA max 1000 VDC Isolation resistance Test at 500VDC 1000 M Short circuit protection* 1 s Case material Plastic (UL94-V0) MTBF 3500 K hours *Supply voltage must be discontinued at the end of short circuit duration.
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax: 86-20-38601272 http://www.mornsun-power.com
MORNSUN reserves the copyright
Specifications subject to change without notice.
A_D-2W & B_D-2W
A/1-2007
Page 1 of 2
OUTPUT SPECIFICATIONS
Item Output power Line regulation Test conditions For Vin change of 1% (5V output) (9V output) (12V output) (15V output) Min 0.2 Max Units 2 W 1.2 % 12.8 15 8.3 15 % 6.8 15 6.3 15 See tolerance envelope graph 0.03 %/C 100 150 mVp-p 75 KHz Typ
Overload Protection Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit. Recommended testing and application circuit If you want to further decrease the input/output ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure 1).
Dual Output
L L
Load regulation
10% to 100% load
Output voltage accuracy Temperature drift 100% full load Ripple & Noise* 20MHz Bandwidth Switching frequency Full load, nominal input
*Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes. Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. Dual output models unbalanced load: 0.5%.
Vin
Cin
+Vo
Cout
DC DC
GND Single Output
L
L Cout
0V -Vo
L
TYPICAL CHARACTERISTICS
Vin
Cin
+Vo
Cout
DC DC
GND
0V
(Figure 1) It should also be noted that the inductance and the frequency of the "LC" filtering network should be staggered with the DC/DC frequency to avoid mutual interference. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might
Ambient Temperature ( C )
arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE (TABLE 1)
OUTLINE DIMENSIONS & PIN CONNECTIONS
First Angle Projection
(0.323) RECO MMENDED FOOTPRINT Top view,grid:2.54mm(0.1inch), diameter:1.00mm(0.039inch)
Vin (VDC) 5 12 15 24 -
Cin (uF) 4.7 2.2 2.2 1 -
Single Out put
14 (0.394) (0.300) 98 7
1 14 11
7 98
1
Single Cout Vout (uF) (VDC) 3.3 10 5 10 9 4.7 12 2.2 15 1
Dual Vout (VDC) 5 9 12 15 24
Cout (uF) 4.7 2.2 1 0.47 0.47
Dual Output
14 1 11 98 7
It's not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
FOOTPR INT DETAILS Singles Duals Pin
1 7 8 9 11 14 GND NC 0V +Vo No pin Vin GND NC 0V +Vo -Vo Vin
Output Voltage Regulation and Over-voltage Protection Circuit The simplest device for output voltage regulation, over-voltage and over-current protection is a linear voltage regulator with overheat protection that is connected to the input or output end in series (Figure 2).
Dual O u tput Vn i GND S ingle Output Vn i GND
R EG REG R EG REG
Note: Unit:mm(inch) Pin section:0.50*0.30mm(0.020*0.012inch) Pin tolerances: 0.10mm( 0.004inch) General tolerances: 0.25mm( 0.010inch)
+Vout 0V
DC DC
APPLICATION NOTE
Requirement on output load To ensure this module can operate efficiently and reliably, During operation, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company's products with a lower rated output power (A_D -1W/B_D-1Wseries).
REG
-Vout
+Vout
DC DC
0V
(Figure 2) No parallel connection or plug and play.
MORNSUN reserves the copyright
Specifications subject to change without notice.
A_D-2W & B_D-2W
A/1-2007
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of A1215D-2W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X