Part Number Hot Search : 
K20J60 M74HC257 MMSZ47 MC10E142 NL4532 73251 0320H 127153ME
Product Description
Full Text Search
 

To Download A1212S-2W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 A_S-2W & B_S-2W Series
2W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
RoHS FEATURES
High Efficiency up to 86% 1KVDC Isolation SIP Package Internal SMD Construction Temperature Range: -40C to +85C No Heat sink Required No External Component Required Industry Standard Pinout RoHS Compliance
PRODUCT PROGRAM
Input Part Number B0303S-2W A0505S-2W A0509S-2W A0512S-2W A0515S-2W A0524S-2W B0503S-2W B0505S-2W B0509S-2W Series are B0512S-2W B0515S-2W A1205S-2W A1209S-2W A1212S-2W A1215S-2W B1205S-2W B1209S-2W B1212S-2W B1215S-2W A1505S-2W B1505S-2W A2405S-2W A2409S-2W A2412S-2W A2415S-2W A2424S-2W B2405S-2W B2409S-2W B2412S-2W 24 21.6-26.4 15 13.5-16.5 12 10.8-13.2 5 4.5-5.5 Voltage (VDC) Nominal 3.3 Range 2.97-3.63 Voltage (VDC) 3.3 5 9 12 15 24 3.3 5 9 12 15 5 9 12 15 5 9 12 15 5 5 5 9 12 15 24 5 9 12 15 24 Output Current (mA) Max 400 200 111 83 67 42 400 400 222 167 133 200 111 83 67 400 222 167 133 200 400 200 111 83 67 42 400 222 167 133 84 Min 40 20 12 9 7 5 40 40 23 17 14 20 12 9 7 40 23 17 14 20 40 20 12 9 7 5 40 23 17 14 10 73 82 85 86 82 82 74 81 84 83 84 81 84 86 82 81 82 85 82 80 80 80 84 84 84 85 80 83 84 84 84 UL CE UL CE UL CE UL CE UL UL UL UL UL CE UL CE UL CE UL CE UL UL UL UL UL CE UL CE UL CE UL CE UL UL UL UL Efficiency (%, Typ) UL CE
APPLICATIONS
The A_S-2W & B_S-2W specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is fixed (voltage variation 10%); 2) Where isolation is necessary between input and output (isolation voltage 1000VDC); 3) Where the regulation of the output voltage and the output ripple noise are not demanding. Such as: purely digital circuits, ordinary low frequency analog circuits, and IGBT power device driving circuits.
MODEL SELECTION
B2415S-2W B2424S-2W
A0505S-2W
Rated Power Package Styl e Ou tp ut Vol tage Inp ut Volta ge Pro duc t Se ries
Note: The A_S-1W/B_LS-1W series also are available in our company.
COMMON SPECIFICATIONS
Item Operating Temp. Range Storage Temp. Range Storage humidity range Cooling Test conditions Min -40 -55 Typ Max 85 125 95 Free air convection 15 1.5mm from case for 10 seconds 25 300 1 Plastic (UL94-V0) 3500 2.8 K hours g C s Units C %
MORNSUN Science& Technology co.,Ltd.
Address: 2th floor 6th building, Hangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax: 86-20-38601272 http://www.mornsun-power.com
Temp. rise at full load Lead temperature Short circuit protection* Case material MTBF Weight *Supply voltage must be discontinued at the end of short circuit duration.
MORNSUN reserves the copyright
Specifications subject to change without notice.
A_S-2W & B_S-2W
A/1-2008
Page 1 of 2
ISOLATION SPECIFICATIONS
Item Isolation voltage Test conditions Tested for 1 minute and 1 mA max Min 1000 1000 Typ Max Units VDC M
Isolation resistance Test at 500VDC
Overload Protection Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is to connect a self-recovery fuse in series at the input end or add a circuit breaker to the circuit. Recommended testing and application circuit If you want to further decrease the input/output ripple, an "LC" filtering network may be connected to the input and output ends of the DC/DC converter, see (Figure 1).
OUTPUT SPECIFICATIONS
Item Output power Line regulation For Vin change of 1% (5V output) (9V output) Load regulation 10% to 100% load (12V output) (15V output) (24V output) Output voltage accuracy Temperature drift Ripple & Noise* 100% full load 20MHz Bandwidth 75 75 12.8 8.3 6.8 6.3 5 Test conditions Min 0.2 Typ Max 2 1.2 15 15 15 15 15 0.03 150 %/C mVp-p KHz % Units W
Dual Output
L
L
Vin
Cin
+Vo
Cout
DC DC
GND Single Output
L
L Cout
0V -Vo
See tolerance envelope graph
L
Vin
Cin
+Vo
Cout
DC DC (Figure 1)
Switching frequency Full load, nominal input
GND
0V
*Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power
Converter section, application notes. Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. Dual output models unbalanced load: 5%.
It should also be noted that the inductance and the frequency of the "LC" filtering network should be staggered with the DC/DC frequency to avoid mutual interference. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1).
EXTERNAL CAPACITOR TABLE (TABLE 1)
TYPICAL CHARACTERISTICS
Ambient Temperature ( C )
Vin (VDC) 5 12 15 24
Cin (uF) 4.7 2.2 2.2 1
OUTLINE DIMENSIONS & PIN CONNECTIONS
First Angle Projection
RECOMMENDED FOOTPRINT Top view,grid:2.54*2.54mm(0.1*0.1inch) diameter:1.00mm(0.039inch) Dual Output
Single Vout (VDC) 5 9 12 15
Cout (uF) 10 4.7 2.2 1
Dual Vout (VDC) 5 9 12 15
Cout (uF) 4.7 2.2 1 0.47
(0.035)
(0.276)
It's not recommended to connect any external capacitor in the application field with less than 0.5 watt output.
(0.079)
(0.100)
12
456
Single Output (0.374)
Output Voltage Regulation and Over-voltage Protection Circuit The simplest device for output voltage
6
4.10
12
4
regulation,
over-voltage
and
over-current
protection is a linear voltage regulator with overheat protection that is connected to the input or output end in series (Figure 2).
Duals Vin GND -V0 0V +Vo
(0.020)
FOOTPRINT DETAILS Pin 1 2 4 5 6 Singles Vin GND 0V No Pin +Vo
Dual O u tput Vn i GND S ingle Output Vn i GND
R EG REG R EG REG
Note: Unit:mm(inch) Pin section:0.50*0.30mm(0.020*0.012inch) Pin tolerances: 0.10mm( 0.004inch) General tolerances: 0.25mm( 0.010inch)
+Vout 0V
DC DC
REG
-Vout
APPLICATION NOTE
Requirement on output load To ensure this module can operate efficiently and reliably, During operation, the minimum output load is not less than 10% of the full load, and that this product should never be operated under no load! If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our company's products with a lower rated output power (A_S-1W /B_LS-1W Series).
MORNSUN reserves the copyright Specifications subject to change without notice.
+Vout
DC DC
0V
(Figure 2) No parallel connection or plug and play.
A_S-2W & B_S-2W
A/1-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of A1212S-2W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X