Part Number Hot Search : 
MJD253 2412W MR2004 SNC15041 07000 I41T56 2SJ296S M5240
Product Description
Full Text Search
 

To Download 8ETH03-1PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8ETH03SPbF/8ETH03-1PBF
Vishay High Power Products
Hyperfast Rectifier, 8 A FRED PtTM
FEATURES
8ETH03SPbF 8ETH03-1PBF
* Hyperfast recovery time * Low forward voltage drop * Low leakage current * 175 C operating junction temperature * Lead (Pb)-free ("PbF" suffix)
Available
RoHS*
COMPLIANT
Base cathode 2
2
* Designed and qualified for Q101 level
DESCRIPTION/APPLICATIONS
300 V series are the state of the art hyperfast recovery rectifiers designed with optimized performance of forward voltage drop and hyperfast recovery time. The planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics. These devices are intended for use in the output rectification stage of SMPS, UPS, dc-to-dc converters as well as freewheeling diodes in low voltage inverters and chopper motor drives. Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers.
1 N/C
3 Anode
1 N/C
3 Anode
D2PAK
TO-262
PRODUCT SUMMARY
trr IF(AV) VR 35 ns 8A 300 V
ABSOLUTE MAXIMUM RATINGS
PARAMETER Repetitive peak reverse voltage Average rectified forward current Non-repetitive peak surge current Operating junction and storage temperatures SYMBOL VRRM IF(AV) IFSM TJ, TStg TC = 155 C TC = 25 C TEST CONDITIONS MAX. 300 8 100 - 65 to 175 UNITS V A C
ELECTRICAL SPECIFICATIONS (TJ = 25 C unless otherwise specified)
PARAMETER Breakdown voltage, blocking voltage Forward voltage SYMBOL VBR, VR VF IR CT LS IR = 100 A IF = 8 A IF = 8 A, TJ = 125 C VR = VR rated TJ = 125 C, VR = VR rated VR = 300 V Measured lead to lead 5 mm from package body TEST CONDITIONS MIN. 300 TYP. 1.0 0.83 0.02 6.0 31 8 MAX. 1.25 1.00 20 200 A pF nH V UNITS
Reverse leakage current Junction capacitance Series inductance
* Pb containing terminations are not RoHS compliant, exemptions may apply Document Number: 94025 Revision: 21-May-08 For technical questions, contact: diodes-tech@vishay.com www.vishay.com 1
8ETH03SPbF/8ETH03-1PBF
Vishay High Power Products
Hyperfast Rectifier, 8 A FRED PtTM
DYNAMIC RECOVERY CHARACTERISTICS (TC = 25 C unless otherwise specified)
PARAMETER SYMBOL TEST CONDITIONS IF = 1 A, dIF/dt = - 50 A/s, VR = 30 V Reverse recovery time trr TJ = 25 C TJ = 125 C Peak recovery current IRRM Qrr TJ = 25 C TJ = 125 C TJ = 25 C TJ = 125 C IF = 8 A dIF/dt = - 200 A/s VR = 200 V MIN. TYP. 27 40 2.2 5.3 30 106 MAX. 35 A ns UNITS
Reverse recovery charge
nC
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER Maximum junction and storage temperature range Thermal resistance, junction to case per leg Thermal resistance, junction to ambient per leg Thermal resistance, case to heatsink Weight Mounting torque Marking device Case style D2PAK Case style TO-262 SYMBOL TJ, TStg RthJC RthJA RthCS Typical socket mount Mounting surface, flat, smooth and greased TEST CONDITIONS MIN. - 65 6.0 (5.0) TYP. 1.45 0.2 2.0 0.07 MAX. 175 2.5 70 12 (10) 8ETH03S 8ETH03-1 g oz. kgf * cm (lbf * in) C/W UNITS C
www.vishay.com 2
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94025 Revision: 21-May-08
8ETH03SPbF/8ETH03-1PBF
Hyperfast Rectifier, 8 A FRED PtTM
100 1000
Vishay High Power Products
IR - Reverse Current (A)
100 10 1 0.1
TJ = 175 C TJ = 150 C TJ = 125 C TJ = 100 C
IF - Instantaneous Forward Current (A)
10 TJ = 175 C TJ = 125 C TJ = 25 C
TJ = 25 C 0.01 0.001
1 0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
50
100
150
200
250
300
VF - Forward Voltage Drop (V)
Fig. 1 - Typical Forward Voltage Drop Characteristics
VR - Reverse Voltage (V)
Fig. 2 - Typical Values of Reverse Current vs. Reverse Voltage
1000
CT - Junction Capacitance (pF)
100 TJ = 25 C
10 0 50 100 150 200 250 300
VR - Reverse Voltage (V)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
10
ZthJC - Thermal Impedance (C/W)
1
PDM
0.1 Single pulse (thermal resistance) 0.01 0.00001
D = 0.50 D = 0.20 D = 0.10 D = 0.05 D = 0.02 D = 0.01
t1 t2
Notes: 1. Duty factor D = t1/t2 . 2. Peak TJ = PDM x ZthJC + TC 0.01 0.1 1
.
10
0.0001
0.001
t1 - Rectangular Pulse Duration (s)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Document Number: 94025 Revision: 21-May-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 3
8ETH03SPbF/8ETH03-1PBF
Vishay High Power Products
180
Hyperfast Rectifier, 8 A FRED PtTM
100
Allowable Case Temperature (C)
170 DC
150
Square wave (D = 0.50) Rated VR applied
trr (ns)
160
IF = 8 A , TJ = 125 C
140 See note (1) 130 0 2 4 6 8 10 12 14 10 100
IF = 8 A , TJ = 25 C
1000
IF(AV) - Average Forward Current (A)
Fig. 5 - Maximum Allowable Case Temperature vs. Average Forward Current
dIF/dt (A/s)
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
10
1000
Average Power Loss (W)
8 RMS limit D = 0.01 D = 0.02 D = 0.05 D = 0.10 D = 0.20 D = 0.50 IF = 8 A , TJ = 125 C 100 IF = 8 A , TJ = 25 C
4
2
DC
Qrr (nC)
12
6
0 0 2 4 6 8 10
10 100
1000
IF(AV) - Average Forward Current (A)
Fig. 6 - Forward Power Loss Characteristics
dIF/dt (A/s)
Fig. 8 - Typical Stored Charge vs. dIF/dt
(1)
Note Formula used: TC = TJ - (Pd + PdREV) x RthJC; Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
www.vishay.com 4
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94025 Revision: 21-May-08
8ETH03SPbF/8ETH03-1PBF
Hyperfast Rectifier, 8 A FRED PtTM
VR = 200 V
Vishay High Power Products
0.01 L = 70 H D.U.T.
dIF/dt adjust
D G IRFP250 S
Fig. 9 - Reverse Recovery Parameter Test Circuit
(3)
IF
0
trr ta tb
Qrr
(2)
(4)
IRRM
0.5 IRRM dI(rec)M/dt (5) 0.75 IRRM
(1) dIF/dt (1) dIF/dt - rate of change of current through zero crossing (2) IRRM - peak reverse recovery current (3) trr - reverse recovery time measured from zero crossing point of negative going IF to point where a line passing through 0.75 IRRM and 0.50 IRRM extrapolated to zero current. (4) Qrr - area under curve defined by trr and IRRM Qrr = trr x IRRM 2
(5) dI(rec)M/dt - peak rate of change of current during tb portion of trr
Fig. 10 - Reverse Recovery Waveform and Definitions
Document Number: 94025 Revision: 21-May-08
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com 5
8ETH03SPbF/8ETH03-1PBF
Vishay High Power Products
ORDERING INFORMATION TABLE
Hyperfast Rectifier, 8 A FRED PtTM
Device code
8
1
E
2
T
3
H
4
03
5
S
6
TRL PbF
7 8
1 2 3 4 5 6 7
-
Current rating (8 A) E = Single diode T = TO-220, D 2PAK H = Hyperfast rectifier Voltage rating (03 = 300 V) S = D2PAK -1 = TO-262 None = Tube (50 pieces) TRL = Tape and reel (left oriented, for D 2PAK package) TRR = Tape and reel (right oriented, for D 2PAK package)
8
-
None = Standard production PbF = Lead (Pb)-free
LINKS TO RELATED DOCUMENTS Dimensions Part marking information Packaging information http://www.vishay.com/doc?95014 http://www.vishay.com/doc?95008 http://www.vishay.com/doc?95032
www.vishay.com 6
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94025 Revision: 21-May-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of 8ETH03-1PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X