Part Number Hot Search : 
TT46F12 MS6821G 18627131 15005 PH311 5460A 18627131 N74AC
Product Description
Full Text Search
 

To Download 59020-I-S-01-A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www.hamlin.com
59020 Mini Firecracker Features and Benefits
Actuator
Features
* 2 part magnetically operated proximity sensor * Normally open contact * Customer defined sensitivity * Choice of cable length and connector
Benefits
* Quick and easy to install * No standby power requirement * Operates through non-ferrous materials such as wood, plastic or aluminium * Hermetically sealed, magnetically operated contacts continue to operate long after optical and other technologies fail due to contamination
Applications
* * * * Position and limit sensing Security Level sensing Linear actuators
Sensor
DIMENSIONS (in) mm
A Max 57020 59020 (.201) 5,10 (.201) 5,10 B Max (.600) 15,24 (.600) 15,24 C NOM. Table 3 (.393) 10,00
CUSTOMER OPTIONS - Switching Specifications
TABLE 1 Contact Type Switch Type Power Voltage Current Resistance Capacitance Temperature Time Shock Vibration Switching Breakdown Switching Carry Contact, Initial Insulation Contact Operating Storage Operate Release 11ms 12 sine 50-2000 Hz Watt - max. Vdc - max. Vdc - min. A - max. A - max. - max. - min. pF - typ. C C ms - max. ms - max. G - max. G - max. Form A Normally Open 1 10 170 175 0.5 0.5 0.2 1010 0.2 -40 to +105 -65 to +105 1.0 1.0 100 30
CUSTOMER OPTIONS - Sensitivity, Cable Length and Termination Specification
TABLE 2 Sensitivity Options:Activate Distances are approximate using Hamlin 57020 actuator as illustrated. Switch AT before modification Select Option Switch Type S Pull In AT Range 6-10 Activate Distance d (in) mm (.236) 6,0 Pull In AT Range 10-15 T Activate Distance d (in) mm (.177) 4,5 Pull In AT Range 13-19 U Activate Distance d (in) mm (.157) 4,0 01 02 03 1 Normally Open 04 05 TABLE 3 Cable Type:24 AWG 7/32 PVC 105oC UL1430/UL1569
TABLE 4 Termination Options:SELECT OPTION DESCRIPTION
Standard Lengths
SELECT OPTION CABLE LENGTH
A B C D E
Tinned leads Crimped terminals 6.35mm fastons AMP MTE 2.54mm pitch JST XHP 2.5mm pitch
(in)
mm
(3,94) 100 (11,81) 300 (19,69) 500 (29,53) 750 (39,37) 1000
ORDERING INFORMATION
N.B. 57020 actuator sold separately
59020 59036 Table 1 Table 2 Table 2 3 Table 3 4
X 1
X T
XX
X
Series 59020 Switch Type Sensitivity Cable Length Termination
Hamlin USA Hamlin UK Hamlin Germany Hamectrol France
ISSUE No: 4 DATE: 1/5/3
Tel: Tel: Tel: Tel:
+1 920 648 3000 * Fax: +1 920 648 3001 * Email: sales.us@hamlin.com +44 (0)1379 649700 * Fax: +44 (0)1379 649702 * Email: sales.uk@hamlin.com +49 (0) 6181 953660 * Fax: +49 (0) 6181 9536666 * Email: sales.de@hamlin.com +33 (0) 1 4687 0202 * Fax: +33 (0) 1 4686 6786 * Email: sales.fr@hamlin.com 21
DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE. Product performance may be affected by the application to which the product is put. Upon request, HAMLIN will assist purchasers by providing information specific to any particular application. HAMLIN disclaims any and all liability whatsoever for any purchaser's reliance upon the information contained on this data sheet without further consultation with authorised representatives of HAMLIN.


▲Up To Search▲   

 
Price & Availability of 59020-I-S-01-A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X