Part Number Hot Search : 
IM02TS FM24C64V A48P4616 CA3306A 1045CT PEC16 15KP22 D1159Q
Product Description
Full Text Search
 

To Download 4CW25-000A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 cpi | 4cW25,000a cpi|4cW50,000J
4cW25,000a
The 4CW25,000A is a tetrode intended for use in audio or radio frequency applications. It is recommended for RF linear power amplifier service for television linear amplifier service, and as a switch tube for pulsed regulator service.
chaRacteRistics
Plate Dissipation (Max.) Screen Dissipation (Max.) Grid Dissipation (Max.) Frequency for Max. rating (CW) Amplification Factor Filament/Cathode Voltage Current Capacitance Input Output Feedthrough Capacitance Input Output Feedthrough Cooling Base Air Socket Air Chimney Boiler Length Diameter Weight 25,000 Watts 450 Watts 20 Watts 110 MHz 4.5 Thoriated Tungsten 6.3 Volts 160 Amps Grounded Cathode 160 pf 24.5 pf 1.5 pf Grounded Grid 67 pf 25.5 pf 0.2 pf Water and Forced Air Special Coaxial SK-300A ----12.69 in; 322.00 mm 4.75 in; 121.00 mm 13.5 lb; 6.1 kg
typeofservice RFamplifier RFamplifierplatemodulated RFlinearamplifier aFamplifierormodulator
MaxiMuMRatings
plate Voltage (Volts) 10,000 8,000 10,000 10,000 plate current (amps) 5.0 4.0 6.0 6.0
ypicalOpeRatiOn t
plate current (amps) 4.5 3.6 4.2 8.5 Drive Output power power (Watts) (kiloWatts) 220 150 --- --- 36.5 23.5 28.5 57.0
classof Operation
c c aB1 aB1
plate screen Voltage Voltage (Volts) (Volts) 10,000 8,000 10,000 10,000 750 750 1,500 1,500
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design. Forinformationon this and other CPI products, visit our website at:www.cpii.com, or contact: CPI MPP Division, Eimac Operations, 607 Hansen Way, Palo Alto, CA 94303 telephone: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com


▲Up To Search▲   

 
Price & Availability of 4CW25-000A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X