Part Number Hot Search : 
C3102 Z87010 100M255 LT1520 MSA0185 100M255 TC4073BP ECG349
Product Description
Full Text Search
 

To Download 4CPW1000KB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 cpi | 4CPW1000KB/ x-2062M cpi|4cW50,000J
4CPW1000KB/x-2062M
The 4CPW1000KB is a water cooled power tetrode intended for use as a pulse modulator or pulse regulator. The tube is rated for 175 kVdc holdoff in a protective atmosphere, with a 75 ampere pulse cathode current rating during conduction and 1000 kilowatt anode dissipation rating (average during the pulse). Peak anode current capability in excess of 100 amperes for short pulse operation is practical.
chaRacteRistics
Plate Dissipation (Max.) Screen Dissipation (Max.) Grid Dissipation (Max.) Frequency for Max. rating (CW) Amplification Factor Filament/Cathode Voltage Current Capacitance Input Output Feedthrough Capacitance Input Output Feedthrough Cooling Base Air Socket Air Chimney Boiler Length Diameter Weight 1,000,000 Watts 3,500 Watts 1,500 Watts --- MHz 4.5 Thoriated Tungsten Mesh 12 Volts 660 Amps Grounded Cathode 770 pf 45 pf 4 pf ----- pf --- pf --- pf Water and Forced Air Special ------31 in; 78.74 cm 17 in; 43.18 cm 175 lb; 80 kg
typeofservice
MaxiMuMRatings
plate Voltage (Volts) 175,000 175,000 plate current (amps) 75 75
ypicalOpeRatiOn t
plate current (amps) --- 45 Drive Output power power (Watts) (kiloWatts) --- --- --6,000.0
classof Operation
--- ---
plate screen Voltage Voltage (Volts) (Volts) --- 150,000 --- 1,000
switchtube(maxregulationrange20kV) pulsemodulator
The values listed above represent specified limits for the product and are subject to change. The data should be used for basic information only. Formal, controlled specifications may be obtained from CPI for use in equipment design. Forinformationon this and other CPI products, visit our website at:www.cpii.com, or contact: CPI MPP Division, Eimac Operations, 607 Hansen Way, Palo Alto, CA 94303 telephone: 1(800) 414-8823. fax: (650) 592-9988 | email: powergrid@cpii.com


▲Up To Search▲   

 
Price & Availability of 4CPW1000KB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X