Part Number Hot Search : 
HAL400S NCP15 0722B ORP120D4 0722B SWSS0 SMI306 01D93AKL
Product Description
Full Text Search
 

To Download 2SK3709 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ordering number : ENN8023
2SK3709
2SK3709
Features
* * * *
N-Channel Silicon MOSFET
General-Purpose Switching Device Applications
Low ON-resistance. 4V drive. Motor driver, DC / DC converter. Avalanche resistance guarantee.
Specifications
Absolute Maximum Ratings at Ta=25C
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current (DC) Drain Current (Pulse) Allowable Power Dissipation Channel Temperature Storage Temperature Avalanche Enargy (Single Pulse) *1 Avalanche Current *2 Symbol VDSS VGSS ID IDP PD Tch Tstg EAS IAV PW10s, duty cycle1% Tc=25C Conditions Ratings 100 20 37 148 2.0 35 150 --55 to +150 427 37 Unit V V A A W W C C mJ A
*1 VDD=20V, L=500H, IAV=37A *2 L500H, single pulse
Electrical Characteristics at Ta=25C
Parameter Drain-to-Source Breakdown Voltage Zero-Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Static Drain-to-Source On-State Resistance Symbol V(BR)DSS IDSS IGSS VGS(off) yfs RDS(on)1 RDS(on)2 Conditions ID=1mA, VGS=0 VDS=100V, VGS=0 VGS= 16V, VDS=0 VDS=10V, ID=1mA VDS=10V, ID=19A ID=19A, VGS=10V ID=19A, VGS=4V 1.2 25 36 19 23 25 32 Ratings min 100 1 10 2.6 typ max Unit V
A A
V S m m
Continued on next page.
Any and all SANYO products described or contained herein do not have specifications that can handle applications that require extremely high levels of reliability, such as life-support systems, aircraft's control systems, or other applications whose failure can be reasonably expected to result in serious physical and/or material damage. Consult with your SANYO representative nearest you before using any SANYO products described or contained herein in such applications. SANYO assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all SANYO products described or contained herein.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
21405QA TS IM TB-00000494 No.8023-1/4
2SK3709
Continued from preceding page.
Parameter Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-ON Delay Time Rise Time Turn-OFF Delay Time Fall Time Total Gate Charge Gate-to-Source Charge Gate-to-Drain "Miller" Charge Diode Forward Voltage Symbol Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd VSD Conditions VDS=20V, f=1MHz VDS=20V, f=1MHz VDS=20V, f=1MHz See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. See specified Test Circuit. VDS=50V, VGS=10V, ID=37A VDS=50V, VGS=10V, ID=37A VDS=50V, VGS=10V, ID=37A IS=37A, VGS=0 Ratings min typ 6250 440 380 45 115 500 180 117 20 25.8 0.97 1.2 max Unit pF pF pF ns ns ns ns nC nC nC V
Marking : K3709
Package Dimensions unit : mm 2063A
10.0 3.2 4.5 2.8
3.5 7.2 16.0
18.1
5.6
14.0
1.6 1.2 0.75 12 3 2.55
2.4 0.7
2.55
2.4
1 : Gate 2 : Drain 3 : Source SANYO : TO-220ML
2.55
2.55
Switching Time Test Circuit
VIN 10V 0V VIN ID=19A RL=2.63 VDD=50V
Unclamped Inductive Test Circuit
L 50 DUT
D
PW=10s D.C.1%
VOUT
G
10V 0V
50
VDD
2SK3709 P.G 50
S
No.8023-2/4
2SK3709
70
ID -- VDS
10V
25C Tc= -25C
1.0 1.5 2.0 2.5
60
4V
60
Drain Current, ID -- A
6V
50
Drain Current, ID -- A
50
40
40
30
30
20
20
0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0
0 0 0.5 3.0 3.5 4.0 4.5
Drain-to-Source Voltage, VDS -- V
50
IT07352 50
RDS(on) -- VGS
Gate-to-Source Voltage, VGS -- V
25 C
10
VGS=3V
10
Tc= 75 C --25 C
RDS(on) -- Tc
ID=19A
Static Drain-to-Source On-State Resistance, RDS(on) -- m
Static Drain-to-Source On-State Resistance, RDS(on) -- m
45 40 35 30 25 20 15 10 5 2 3 4 5 6 7 8 9 10 IT07354
45 40 35 30 25 20 15 10 5 --50
Tc=75C
25C
I D=
, 19A
=4V V GS
--25C
, VG 19A I D=
10 S=
V
--25
0
25
50
75
100
125
75C
IT07353 150 IT07355
Tc=25C
70
ID -- VGS
VDS=10V
Gate-to-Source Voltage, VGS -- V
100
yfs -- ID
Case Temperature, Tc -- C
100 7 5 3 2
IF -- VSD
VGS=0
Forward Transfer Admittance, yfs -- S
7 5
VDS=10V
Forward Current, IF -- A
3 2
25
--2
C
C 5
10 7 5 3 2 1.0 7 5 3 2
10 7 5 3 2
= Tc C 75
Tc=7 5C 25C
0 0.3 0.6
1.0 0.1
0.01 2 3 5 7 1.0 2 3 5 7 10 2 3
Drain Current, ID -- A
1000 7
5 7 100 IT07356 10000
--25C
0.9
0.1 7 5 3 2
1.2
1.5 IT07357
SW Time -- ID
td (off)
Ciss, Coss, Crss -- VDS
Ciss
f=1MHz
Diode Forward Voltage, VSD -- V
VDD=50V VGS=10V Ciss, Coss, Crss -- pF
7 5 3 2
Switching Time, SW Time -- ns
5
3 2
tf
1000 7 5 3
100 7 5 3 0.1
tr
Coss
Crss
td(on)
2 2 3 5 7 1.0 2 3 5 7 10 2 3 5 7 0 5 10
15
20
25
30 IT07359
Drain Current, ID -- A
IT07358
Drain-to-Source Voltage, VDS -- V
No.8023-3/4
2SK3709
10 9
VGS -- Qg
VDS=50V ID=37A
3 2 100 7 5
ASO
IDP=148A
<10s
10
Gate-to-Source Voltage, VGS -- V
8
Drain Current, ID -- A
ID=37A
10
s
7 6 5 4 3 2 1 0 0 20 40 60 80 100 120 IT07360
3 2 10 7 5 3 2 1.0 7 5 3 2
1m s 10 ms 1 DC 00m s op era tio n Operation in this area is limited by RDS(on).
0 s
0.1 0.1
Tc=25C Single pulse
2 3 5 7 1.0 2 3 5 7 10 2 3
Total Gate Charge, Qg -- nC
2.5
PD -- Ta
Allowable Power Dissipation, PD -- W
Drain-to-Source Voltage, VDS -- V
40 35 30 25 20 15 10 5 0
2 5 7 100 IT07361
PD -- Tc
Allowable Power Dissipation, PD -- W
2.0
1.5
1.0
0.5
0 0 20 40 60 80 100 120 140 160
0
20
40
60
80
100
120
140
160
Ambient Temperature, Ta -- C
IT07362
Case Temperature, Tc -- C
IT07363
Note on usage : Since the 2SK3709 is a MOSFET product, please avoid using this device in the vicinity of highly charged objects.
Specifications of any and all SANYO products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer's products or equipment. SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all semiconductor products fail with some probability. It is possible that these probabilistic failures could give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire, or that could cause damage to other property. When designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. In the event that any or all SANYO products(including technical data,services) described or contained herein are controlled under any of applicable local export control laws and regulations, such products must not be exported without obtaining the export license from the authorities concerned in accordance with the above law. No part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written permission of SANYO Electric Co., Ltd. Any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the SANYO product that you intend to use. Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not guaranteed for volume production. SANYO believes information herein is accurate and reliable, but no guarantees are made or implied regarding its use or any infringements of intellectual property rights or other rights of third parties. This catalog provides information as of February, 2005. Specifications and information herein are subject to change without notice.
PS No.8023-4/4


▲Up To Search▲   

 
Price & Availability of 2SK3709

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X