Part Number Hot Search : 
FP205 LT1204 74AC1 40300 C3834 PZU24DB2 TK461 ST62T42B
Product Description
Full Text Search
 

To Download 2SK3111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
MOS Field Effect Transistor 2SK3111
TO-263
+0.1 1.27-0.1
MOSFET
Unit: mm
+0.1 1.27-0.1 +0.2 4.57-0.2
Features
Gate voltage rating 30 V Low on-state resistance
+0.2 8.7-0.2
Low input capacitance Ciss = 1000 pF TYP. (VDS = 10 V, VGS = 0 V) Avalanche capability rated Built-in gate protection diode Surface mount device available
+0.1 1.27-0.1
0.1max
+0.1 0.81-0.1
+0.2 5.28-0.2
2.54 5.08
+0.1 -0.1
+0.2 2.54-0.2
+0.2 15.25-0.2
RDS(on) = 180m
MAX. (VGS = 10 V, ID = 10A)
+0.2 2.54-0.2
+0.2 0.4-0.2
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation TC=25 TA=25 Channel temperature Storage temperature * PW 10 s,Duty Cycle 1% Tch Tstg Symbol VDSS VGSS ID Idp * PD Rating 200 30 20 60 62 1.5 150 -55 to +150 Unit V V A A W
Electrical Characteristics Ta = 25
Parameter Drain cut-off current Gate leakage current Gate to source cut off voltage Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol IDSS IGSS VGS(off) Yfs RDS(on) Ciss Coss Crss ton tr toff tf ID=10A,VGS(on)=10V,VDD=100V,RG=10 VDS=10V,VGS=0,f=1MHZ Testconditons VDS=200V,VGS=0 VGS= 30V,VDS=0 VDS=10V,ID=1mA VDS=10V,ID=10A VGS=10V,ID=10A 2.5 3.0 120 1000 300 150 25 90 80 40 180 Min Typ Max 100 10 4.5 Unit A A V S m pF pF pF ns ns ns ns
5.60
1 Gate 2 Drain 3 Source
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK3111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X