Part Number Hot Search : 
MPC82 365915 2N5196 EAC319 P16N25E RGC20KH 07910 HFS8N70S
Product Description
Full Text Search
 

To Download 2SD882 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD882
*
DESCRIPTION *With TO-126 package *Complement to type 2SB772 APPLICATIONS *Audio amplifier *Voltage regulator *DC-DC converter *Relay driver
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-peak Ta=25 PD Total power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 10 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 40 30 5 3 7 1 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=10mA ;IB=0 IC=2.0A; IB=0.2A IC=2.0A ;IB=0.2A VCB=30V; IE=0 VEB=3V; IC=0 IC=20mA ; VCE=2V IC=1A ; VCE=2V IC=0.1A ; VCE=5V f=1MHz ; VCB=10V 30 60 90 45 MIN 30 TYP.
2SD882
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT COB
MAX
UNIT V
0.5 2.0 1 1
V V A A
400 MHz pF
hFE-2 Classifications R 60-120 Q 100-200 P 160-320 E 200-400
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD882
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD882
4


▲Up To Search▲   

 
Price & Availability of 2SD882

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X