Part Number Hot Search : 
40FDR12A NJW1165M HD44102D 2SC446 15KPA78A 2SB15 L0822 SSF6N40D
Product Description
Full Text Search
 

To Download 2SD880 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
2SD880
DISCRETE SEMICONDUCTORS
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Description
Designed for low frequency power amplifier applications.
Pinning
1 = Base 2 = Collector 3 = Emitter
.405(10.28) .380(9.66)
TO-220AB
.185(4.70) .173(4.40) .151 Typ .055(1.39) (3.83) .045(1.15) .295(7.49) .220(5.58) .625(15.87) .570(14.48) 123 .350(8.90) .330(8.38) .640 Typ (16.25)
Absolute Maximum Ratings(TA=25oC)
Characteristic Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Total Power Dissipation Total Power Dissipation(TC=25 C) Junction Temperature Storage Temperature
o
Symbol VCBO VCEO VEBO IC IB PD PD TJ TSTG
Rating 60 60 7 3 0.5 1.5 30 +150 -55 to +150
Unit V V V A A W W
o o
.055(1.40) .045(1.14) .037(0.95) .030(0.75)
.562(14.27) .500(12.70)
.100 Typ (2.54)
.024(0.60) .014(0.35)
C
Dimensions in inches and (millimeters)
C
Electrical Characteristics o
Characteristic
(Ratings at 25 C ambient temperature unless otherwise specified)
Symbol BVCBO BVCEO ICBO IEBO VCE(sat) VBE(on) hFE fT 380s, Duty Cycle 2%
Min 60 60 60 -
Typ 3
Max 0.1 0.1 1 1 300 -
Unit V V mA mA V V MHz
Test Conditions IC=1mA, IE=0 IC=50mA, IB=0 VCB=60V, IE=0 VEB=7V, IC=0 IC=3A, IB=0.3A IC=0.5A, VCE=5V IC=0.5A, VCE=5V IC=0.5A, VCE=5V
Collector-Base Breakdown Volatge Collector-Emitter Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-Emitter Saturation Voltage(1) Base-Emitter On Voltage(1) DC Current Gain
(1)
Transition Frequency (1)Pulse Test: Pulse Width
Classification of hFE
Rank Range O 60~120 Y 100~200 GR 150~300


▲Up To Search▲   

 
Price & Availability of 2SD880

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X