Part Number Hot Search : 
BFP420 25DMB TGA1307 0320H 08377 F1060 K20J60 ST6080D
Product Description
Full Text Search
 

To Download 2SD2560 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
2SD2560
DESCRIPTION *With TO-3PN package *Complement to type 2SB1647 APPLICATIONS *Audio ,regulator and general purpose
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 150 150 5 15 1 130 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=30mA ;IB=0 IC=10A ;IB=10mA IC=10A ;IB=10mA VCB=150V ;IE=0 VEB=5V; IC=0 IC=10A ; VCE=4V IE=0 ; VCB=10V;f=1MHz IC=2A ; VCE=12V 5000 120 70 MIN 150 TYP.
2SD2560
SYMBOL V(BR)CEO VCEsat VBEsat ICBO IEBO hFE Cob fT
MAX
UNIT V
2.5 3.0 100 100
V V A A
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=10A;RL=4B IB1=-IB2=10mA VCC=40V 0.8 4.0 1.2 s s s
hFE Classifications O 5000-12000 P 6500-20000 Y 15000-30000
2
SavantIC Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
PACKAGE OUTLINE
2SD2560
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD2560

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X