Part Number Hot Search : 
FD400 TMP130 STK4112 GBPC50 EP2645 C848C 74ACT273 ZRC250
Product Description
Full Text Search
 

To Download 2SD2557 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
2SD2557
DESCRIPTION *With TO-3PN package *DARLINGTON APPLICATIONS *Series regulator and general purpose
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION
Absolute maximum ratings(Ta= )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 200 200 6 5 2 70 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
2SD2557
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=10mA ;IB=0
200
V
VCEsat
Collector-emitter saturation voltage
IC=1A ;IB=5mA
1.5
V
ICBO
Collector cut-off current
VCB=200V; IE=0
100
A
IEBO
Emitter cut-off current
VEB=6V; IC=0
5
mA
hFE
DC current gain
IC=1A ; VCE=5V
1500
6500
Cob
Output capacitance
IE=0 ; VCB=10V;f=1MHz
110
pF
fT
Transition frequency
IE=0.5A ; VCE=10V
15
MHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Darlington Power Transistors
PACKAGE OUTLINE
2SD2557
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD2557

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X