Part Number Hot Search : 
TLRE16CP MBR60 NTE1394 21500 MT89L80 SBL20 KG07R HGTP3N6
Product Description
Full Text Search
 

To Download 2SD1545 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1545
DESCRIPTION *With TO-3P(H)IS package *High voltage ,high speed *Low collector saturation voltage APPLICATIONS *Color TV horizontal output applications *Switching regulator output applications
PINNING PIN 1 2 3 DESCRIPTION Base Collector Emitter Fig.1 simplified outline (TO-3P(H)IS) and symbol
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 600 5 5 2.5 50 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance Fall time CONDITIONS IC=4A ;IB=0.8A IC=4A ;IB=0.8A VCB=500V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=0.1A ; VCE=10V IE=0 ; VCB=10V;f=1MHz ICP=4A ;IB1(end)=0.8A 8 MIN
2SD1545
SYMBOL VCEsat VBEsat ICBO IEBO hFE fT COB tf
TYP. 3.0
MAX 5.0 1.5 10 1
UNIT V V A mA
20 3 165 0.5 1.0 MHz pF s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1545
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1545

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X