Part Number Hot Search : 
CAT4004 T5551 2N6969 1N4686 E400BL2 90121 MMBT3906 3GZ41
Product Description
Full Text Search
 

To Download 2SD1264 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1264 2SD1264A
*
DESCRIPTION *With TO-220Fa package *Complement to type 2SB940/940A *High collector to emitter voltage VCEO *Large collector power dissipation PC APPLICATIONS *For power amplification *For TV vertical deflection output applications
PINNING PIN 1 2 3 Base Collector DESCRIPTION
Fig.1 simplified outline (TO-220Fa) and symbol Emitter
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO PARAMETER Collector-base voltage 2SD1264 VCEO Collector-emitter voltage 2SD1264A VEBO IC ICM Emitter-base voltage Collector current Collector current-peak Ta=25 PC Collector power dissipation TC=25 Tj Tstg Junction temperature Storage temperature 30 150 -55~150 Open collector Open base 180 6 2 3 2 W V A A CONDITIONS Open emitter VALUE 200 150 V UNIT V
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER 2SD1264 VCEO Collector-emitter voltage 2SD1264A VCBO VEBO VCEsat VBE IEBO ICBO hFE-1 hFE-2 fT Collector-base voltage Emitter-base voltage Collector-emitter saturation voltage Base-emitter voltage Emitter cut-off current Collector cut-off current DC current gain DC current gain Transition frequency IC=50A ,IE=0 IC=500A ,IC=0 IC=0.5A, IB=50mA IC=0.4A ; VCE=10V VEB=4V; IC=0 VCB=200V; IE=0 IC=0.15A ; VCE=10V IC=0.4A ; VCE=10V IC=5mA ,IB=0 CONDITIONS SYMBOL
2SD1264 2SD1264A
MIN 150
TYP.
MAX
UNIT
V 180 200 6 1.0 1.0 50 50 60 50 20 MHz 240 V V V V A A
IC=0.5A; VCE=10V,f=10MHz
hFE-1 Classifications Q 60-140 P 100-240
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD1264 2SD1264A
Fig.2 Outline dimensions (unindicated tolerance: 0.15 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1264 2SD1264A
4


▲Up To Search▲   

 
Price & Availability of 2SD1264

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X