|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Inchange Semiconductor Product Specification Silicon NPN Power Transistors DESCRIPTION *With TO-220 package *High speed switching *High DC current gain *Low collector saturation voltage APPLICATIONS *Switching regulators *DC-DC converters *Solid state relay *General purpose power amplifiers PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION 2SD1158 Absolute maximum ratings (Ta=25) SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 80 50 10 8 2 40 150 -55~150 UNIT V V V A A W THERMAL CHARACTERISTICS SYMBOL Rth j-c PARAMETER Thermal resistance junction to case VALUE 1.25 UNIT /W Inchange Semiconductor Product Specification Silicon NPN Power Transistors CHARACTERISTICS Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=10mA ;IB=0 IC=0.1mA ;IE=0 IE=0.1mA ;IC=0 IC=2A, IB=0.1A IC=2A, IB=0.1A VCB=80V;IE=0 VEB=10V; IC=0 IC=1A ; VCE=5V 250 MIN 50 80 10 2SD1158 TYP. MAX UNIT V V V 0.5 1.5 0.1 0.1 V V mA mA Switching times ton ts tf Turn-on time Storage time Fall time IC=5A;IB1=-IB2=0.5A RL=6 Pw = 20s, Duty2% 0.5 3.0 0.8 s s s 2 Inchange Semiconductor Product Specification Silicon NPN Power Transistors PACKAGE OUTLINE 2SD1158 Fig.2 outline dimensions (unindicated tolerance:0.10 mm) 3 Inchange Semiconductor Product Specification Silicon NPN Power Transistors 2SD1158 4 |
Price & Availability of 2SD1158 |