|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Inchange Semiconductor Product Specification Silicon NPN Power Transistors 2SC4466 DESCRIPTION With TO-3PN package Complement to type 2SA1693 APPLICATIONS Audio and general purpose PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-3PN) and symbol DESCRIPTION Absolute maximum ratings(Ta=ae ) SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage CHA IN Collector current Base current Collector-emitter voltage Emitter-base voltage E SEM NG Open base TC=25ae Open emitter OND IC CONDITIONS TOR UC VALUE 120 80 6 6 3 60 150 -55~150 UNIT V V V A A W ae ae Open collector Collector power dissipation Junction temperature Storage temperature Inchange Semiconductor Product Specification Silicon NPN Power Transistors CHARACTERISTICS Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=50mA ;IB=0 IC=2A; IB=0.2A VCB=120V; IE=0 VEB=6V; IC=0 IC=2A ; VCE=4V IE=0 ; VCB=10V,f=1MHz IC=-0.5A ; VCE=12V 50 110 20 MIN 80 TYP. 2SC4466 SYMBOL V(BR)CEO VCEsat ICBO IEBO hFE COB fT MAX UNIT V 1.5 10 10 180 |I |I V A A pF MHz Switching times ton ts tf Turn-on time Storage time Fall time Y 90-180 IC=3A;RL=10| IB1=- IB2=0.3A VCC=30V hFE Classifications O 50-100 P CHA IN 70-140 E SEM NG OND IC TOR UC 2.60 0.34 |I 0.16 |I |I s s s 2 Inchange Semiconductor Product Specification Silicon NPN Power Transistors PACKAGE OUTLINE 2SC4466 CHA IN E SEM NG OND IC TOR UC Fig.2 outline dimensions (unindicated tolerance:A 0.1mm) 3 Inchange Semiconductor Product Specification Silicon NPN Power Transistors 2SC4466 CHA IN E SEM NG OND IC TOR UC 4 |
Price & Availability of 2SC4466 |