Part Number Hot Search : 
NJM2155 2002A AV93LC46 FQP5N40 XP05531 80006 MA3X075D MAX1692
Product Description
Full Text Search
 

To Download 2SC4460 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4460
DESCRIPTION *With TO-3PML package *High breakdown voltage, high reliability. *Fast switching speed. *Wide area of safe operation APPLICATIONS *For switching regulator applications
PINNING PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-3PML) and symbol Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current TC=25 PC Collector power dissipation 3 Tj Tstg Junction temperature Storage temperature 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 800 500 7 15 25 4 55 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4460
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=1mA; IE=0 IC=5mA; RBE=< IE=1mA; IC=0 IC=5A;IB1=2A; IB2=-2A;L=500H IC=6A;IB=1.2 A IC=6A;IB=1.2A VCB=500V; IE=0 VEB=5V; IC=0 IC=1.2A ; VCE=5V IC=6A ; VCE=5V IC=1.2A ; VCE=10V VCB=10V;f=1MHz 15 8 18 160 MHz pF MIN 800 500 7 500 1.0 1.5 10 10 50 TYP. MAX UNIT V V V V V V A A SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCEX(SUS) VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 fT COB
Switching times ton tstg tf Turn-on time Storage time Fall time IC=5IB1=-2.5IB2=7A; RL=28.6D VCC=200V 0.5 3.0 0.3 s s s
hFE-1 classifications L 15-30 M 20-40 N 30-50
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4460
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4460
4


▲Up To Search▲   

 
Price & Availability of 2SC4460

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X