Part Number Hot Search : 
B82615 DS8024V3 AN78N12 PXD14 DTD123TK MV5026A MBRD3150 G1G7ID
Product Description
Full Text Search
 

To Download 2SC4278 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4278
DESCRIPTION With TO-247 package Complement to type 2SA1633 High current and high power capability APPLICATIONS For audio output applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter Fig.1 simplified outline (TO-247) and symbol DESCRIPTION
Absolute maximum ratings(Tc=25ae )
SYMBOL VCBO VCEO VEBO IC PD Tj Tstg

PARAMETER
CHA IN
Collector-base voltage
Collector-emitter voltage
E SEM NG
Open emitter Open base
CONDITIONS
OND IC
TOR UC
VALUE 150 150 6 10
UNIT V V V A W ae ae
Emitter-base voltage Collector current (DC) Total power dissipation Junction temperature Storage temperature
Open collector
TC=25ae
100 150 -55~150
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4278
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER CONDITIONS MIN TYP. MAX UNIT
SYMBOL
V(BR)CEO
Collector-emitter breakdown voltage
IC=25mA; IB=0
150
V
VCEsat
Collector-emitter saturation voltage
IC=5A ;IB=0.5A
1.5
V
VBEsat
Base-emitter saturation voltage
IC=5A ;IB=0.5A
2.0
V
ICBO
Collector cut-off current
VCB=150V; IE=0
0.1
mA
IEBO
Emitter cut-off current
VEB=6V; IC=0
0.1
mA
hFE
DC current gain
IC=1A ; VCE=5V
60
fT
Transition frequency
hFE Classifications D 60-120 E

F
IC=1A ; VCE=10V
CHA IN
100-200
E SEM NG
160-320
OND IC
TOR UC
20
320
MHz
2
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4278

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SC4278

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X