Part Number Hot Search : 
MIW1200 PN6200 CO55B 300BZX W1220L W91512NH K2744 CO55B
Product Description
Full Text Search
 

To Download 2SC4275 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC4275
DESCRIPTION *High Collector-Emitter Breakdown Voltage: V(BR)CEO= 400V(Min) *High Switching Speed *High Reliability *Low Collector Saturation Voltage
APPLICATIONS *Switching regulators *DC-DC converter *Solid state relay *General purpose power amplifiers
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL VCBO VCEO VEBO IC IB
B
PARAMETER Collector-Base Voltage
Collector-Emitter Voltage Emitter-Base voltage
Collector Current-Continuous Base Current-Continuous Collector Power Dissipation @ TC=25 Junction Temperature Storage Temperature Range
w w
scs .i w
VALUE 500 UNIT V 400 10 V V 10 3 80 150 -55~150 A A W
.cn mi e
PC TJ Tstg
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal Resistance,Junction to Case MAX 1.56 UNIT /W
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL VCEO(SUS) V(BR)CBO V(BR)EBO VCE(sat) VBE(sat) ICBO IEBO hFE PARAMETER Collector-Emitter Sustaining Voltage Collector-Base Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Collector Cutoff Current Emitter Cutoff Current DC Current Gain CONDITIONS IC= 0.2A ; IB= 0 IC= 1mA ; IE= 0 IE= 1mA ; IC= 0 IC= 4A; IB= 0.8A
B
2SC4275
MIN 400 500 10
TYP.
MAX
UNIT V V V
0.8 1.2
V V mA mA
IC= 4A; IB= 0.8A
B
VCB= 450V ; IE= 0
Switching times ton tstg tf
Turn-on Time Storage Time Fall Time
w
w. w
sem isc
VEB= 10V; IC= 0 IC= 1A ; VCE= 5V IC= 5A , IB1= 0.5A; IB2= -1A RL= 30; PW=20s; Duty Cycle2%
.cn i
25
0.1 0.1 65
1.0 2.5 0.5
s s s
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SC4275

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X