Part Number Hot Search : 
APTGF SE090 MMSZ5229 RBH6BT CLM7200 LC66304A AR50M OP296
Product Description
Full Text Search
 

To Download 2SC4273 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
DESCRIPTION *With TO-220C package * High voltage,high speed * Low saturation voltage * High reliability APPLICATIONS *Switching regulators *DC-DC convertor *Solid state relay *General purpose power amplifiers
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
2SC4273
Absolute maximum ratings(Tc=25 )
SYMBOL VCBO VCEO VEBO IC IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector dissipation Junction temperature Storage temperature Open emitter Open base Open collector CONDITIONS VALUE 500 400 10 5 2 40 150 -55~150 UNIT V V V A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-C PARAMETER Thermal resistance junction case MAX 3.0 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4273
CHARACTERISTICS
Tj=25 unless otherwise specifie PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=1mA ; IE=0 IC=0.2A ; IB=0 IE=1mA ; IC=0 IC=2A; IB=0.4A IC=2A; IB=0.4A VCB=450V ;IE=0 VEB=10V; IC=0 IC=0.5A ; VCE=5V 25 MIN 500 400 10 0.8 1.2 100 100 55 TYP. MAX UNIT V V V V V A A
SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE
Switching times ton tstg tf Turn-on time Storage time Fall time VCC=200V; IC=2.5A IB1=0.25A;IB2=-0.5A; RL=60? 1.0 2.5 0.5 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4273
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4273
4


▲Up To Search▲   

 
Price & Availability of 2SC4273

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X