Part Number Hot Search : 
UTCM2100 716EG CGD1042H SMCJ33A HVC10 BZX55C43 16237 LTC3876
Product Description
Full Text Search
 

To Download 2SC4272 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Transistors
27MHz CB Transceiver Driver Applications 2SC4272
Features
Small Size Making It Easy To Provide High-Density, Small-Sized Hybrid ICs.
Absolute Maximum Ratings Ta = 25
Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Current (Pulse) Collector Power Dissipation Jumction temperature Storage temperature Range * Mounted on ceramic board (250 mm x 0.8 mm)
2
Symbol VCBO VCEO VEBO IC ICP PC * Tj Tstg
Rating 75 45 5 1.0 1.5 1.3 150 -55 to +150
Unit V V V A A W
Electrical Characteristics Ta = 25
Parameter Collector Cut-off Current Emitter Cut-off Current Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Gain-Bandwidth Product Collector Output Capacitance Output Power Collector Efficiency Symbol ICBO IEBO Testconditons VCB = 40V , IE = 0 VEB = 4V , IC = 0 75 45 5 60 0.2 0.9 180 250 15 1.0 60 1.8 320 0.6 1.2 V V MHz pF W % Min Typ Max 1.0 1.0 Unit A A V V V
V(BR)CBO IC = 10uA , IE = 0 V(BR)CEO IC = 1mA , RBE = V(BR)EBO IE = 10uA , IC = 0 hFE VCE = 5V , IC = 500mA
VCE(sat) IC = 500mA , IB = 50mA VBE(sat) IC = 500mA , IB = 50mA fT Cob PO c VCE = 10V , IC = 50mA VCB = 10V , f = 1MHz VCC = 12V , f = 27MHz , Pin = 35mW See Test Circuit.
www.kexin.com.cn
1
SMD Type
2SC4272
Test Circuit
Transistors
hFE Classification
Marking Rank hFE 60 D 120 100 CH E 200 160 F 320
Electrical Characteristics Curves
2
www.kexin.com.cn
SMD Type
2SC4272
Transistors
www.kexin.com.cn
3


▲Up To Search▲   

 
Price & Availability of 2SC4272

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X