Part Number Hot Search : 
MAU208 035150 LR3303 225006 A3054KU TDSG516 DLQ5258B 4HCT3
Product Description
Full Text Search
 

To Download 2SC4115 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Low Frequency Transistor 2SC4115
Transistors
Features
Low VCE(sat):VCE(sat) = 0.2V (Typ.) IC / IB = 2A / 0.1A NPN silicon transistor
Absolute Maximum Ratings Ta = 25
Parameter collector-base voltage collector-emitter voltage emitter-base voltage collector current CollectorPower Dissipation Junotion Temperature storage Temperature *1 Single pulse pw=10ms Symbol VCBO VCEO VEBO IC ICP *1 PC TJ Tstg Rating 40 20 6 3 5 0.3 150 -55 to 150 Unit V V V A A W
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter outoff current Collector emitter saturation voltage DC current gain Output capacitance Transition frequency Symbol VCBO VCEO VEBO ICBO IEBO VCE(sat) hFE Cob fT IC=50iA IC=1mA IE=50iA VCB=30V VEB=5V IC/IB=2A/0.1A VCE=2V,IC=0.1A VCB=10V,IE=0A,f=1MHz VCE=2V.IE=0.5A,f=100MHz 120 25 290 0.2 Testconditons Min 40 20 6 0.1 0.1 0.5 560 pF MHz Typ Max Unit V V V A A V
hFE Classification
Rank hFE 120 Q 270 180 R 390 270 S 560
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SC4115

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X