Part Number Hot Search : 
81M35 2N7002D B7829 MOC256 1N522 20012 CMZ5377B 0603C
Product Description
Full Text Search
 

To Download 2SC4106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4106
DESCRIPTION *With TO-220C package *High breakdown voltage and high reliability *Fast switching speed. *Wide area of safe operation APPLICATIONS *400V/7A switching regulator applications
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Ta=25 PC Collector dissipation TC=25 Tj Tstg Junction temperature Storage temperature 50 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE 500 400 7 7 14 3 1.75 W UNIT V V V A A A
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain Transition frequency Collector output capacitance CONDITIONS IC=5mA ; RBE=: IC=1mA ; IE=0 IE=1mA ; IC=0 IC=4A; IB=0.8A IC=4A; IB=0.8A VCB=400V ;IE=0 VEB=5V; IC=0 IC=0.8A ; VCE=5V IC=4A ; VCE=5V IC=10mA ; VCE=5V IC=0.8A ; VCE=10V f=1MHz ; VCB=10V 15 10 10 20 80 MIN 400 500 7 SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 hFE-3 fT COB
2SC4106
TYP.
MAX
UNIT V V V
0.8 1.5 10 10 50
V V A A
MHz pF
Switching times ton tstg tf Turn-on time Storage time Fall time IC=5A;IB1=1A; IB2=-2A;RL=40A VCC=200V 0.5 2.5 0.3 s s s
hFE-1 classifications L 15-30 M 20-40 N 30-50
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4106
Fig.2 Outline dimensions (unindicated tolerance:0.10 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4106
4


▲Up To Search▲   

 
Price & Availability of 2SC4106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X